Part Number Hot Search : 
XMXXX MBR030 SPT601 STEVA TA0365A 1CZ11V ICX414AL MR2508
Product Description
Full Text Search
 

To Download SPX-2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYPRESS
Input 2
SUPREX(R) II
Connection Diagram
INDUSTRY LEADERS DEPEND ON US ...FOR SOLUTIONS Cypress Computer Systems, Inc. * 1778 Imlay City Rd. * Lapeer, MI 48446-3206 TX(810)245-2300 * FX(810)245-2332 * www.cypresscom.com
Input 1
}A
READER
}B
+8 to +24 Vdc @ 150 ma
Dip Switch
8 7 6 5 4 3 2 1
Ground +5 Vdc @ 100 ma Data 0 / Clock Data 1 / Data LED
SUPREX Remote Unit
OUTPUT RELAYS On
LED
Off
Line + Line +8 to +24 Vdc @ 150 ma Ground
RS-232 Connector
D{ C{
ACCESS CONTROL PANEL
Normally Closed Common Normally Open Normally Closed Common Normally Open
} }
Door Strike Relay 125 Vac @ 1 Amp Aux Output Relay 125 Vac @ 1 Amp
Program Resistor #2 Program Resistor #1 Aux Relay Control
+8 to +24 Vdc @ 150 ma Ground +5 Vdc @ 100 ma Data 0 / Clock Data 1 / Data LED Normally Closed Common Normally Open Normally Closed Common Normally Open To control door strike relay, short LED to Ground
Dip Switch
}C
Off
Line + Line -
OUTPUT RELAYS
8 7 6 5 4 3 2 1
SUPREX Central Unit
On
}D
LED
RS-232 Connector
+8 to +24 Vdc @ 150 ma Ground
B{ A{
} }
Trouble / Output Relay 2 125 Vac @ 1 Amp Output Relay 1 125 Vac @ 1 Amp
Actual size of each circuit board is 4-1/2" x 2-5/8"
1234 56 7 8 9
RS-232 DB-9 Male 2 - Receive 3- Transmit 5 - Ground
SUPREX(R) II Remote Unit Dip Switch Setting Switch #2 - On = Door Strike Relay does NOT follow LED status. Off = Door Strike Relay follows status of LED. Switch #6* - On = Bit mode (Noise filter off) for keypad applications. Off = Noise filter mode, standard reader applications (Default setting) SUPREX(R) II Central Unit Dip Switch Setting Switch #3 - On = Inverts idle on MagStripe version Off = Normal operation of MagStripe version Switch #4 - On = Inverts Aux 2 Relay Status Off = Normal operation *Not active on versions earlier than 2-1-2003
When wired and powered up corectly, LEDs on Remote and Centrol will blink 5 to 10 times per second. When there is a problem with communication between the Remote and Central, the LED on the Central will blink 2 times per second and the Remote LED will not light at all.
Part Numbers: * SPX-2000 : Wiegand format (RS-485) * SPX-2100 : MagStripe format (RS-485) * SPX-2500 : Wiegand format (RS-232) * SPX-2600 : MagStripe format (RS-232)
Typical 2-Wire Communications Installation
Power Supply
Line+ Line Pwr Gnd
Remote
10,000 Ft
Power Supply
Pwr Gnd
Central
Cypress Computer Systems, Inc. 1778 Imlay City Road Lapeer, MI 48446 TX(810)245-2300 FX(810)245-2332 www.cypresscom.com
Typical 4-Wire Communications Installation with Wiegand Reader
Gnd +5vDC Data 0 Data 1 LED
End of Line Device
Line+ LinePwr Gnd
Wiegand Reader
Remote
Power Supply
10,000 Ft.
Door Strike
Programming Resistor
12vDC Gnd Data 0 Data 1 LED
Supervised Trouble Input
Supervised Alarm Input
Central
Weigand Controller
* The Controller's LED signal changes the state of the Door Strike relay. * The Controller's Supervised Alarm Input monitors the state of the End-of-Line Device. * If loss of power or communication occurs, the Supervised Trouble Input will activate. * The Programming Resistor 1 is used to calibrate the Remote Unit's Alarm Input 1 Sensor.
(Any End-of-Line value from 100 to 20K can be monitored by using the same value for the Programming Resistor.)
Cypress Computer Systems, Inc. 1778 Imlay City Road Lapeer, MI 48446 TX(810)245-2300 FX(810)245-2332 www.cypresscom.com
Typical 4-Wire Communications Installation with MagStripe Reader
SPX-2100 Series
Gnd +5vDC Clock Data LED
End of Line Device
Line+ LinePwr Gnd
MagStripe Reader
Remote
Power Supply
10,000 Ft.
Door Strike
Programming Resistor
12vDC Gnd Clock Data LED
Supervised Trouble Input
Supervised Alarm Input
Central
MagStripe Controller
* The Controller's LED signal changes the state of the Door Strike relay. * The Controller's Supervised Alarm Input monitors the state of the End-of-Line Device. * If loss of power or communication occurs, the Supervised Trouble Input will activate. * The Programming Resistor 1 is used to calibrate the Remote Unit's Alarm Input 1 Sensor.
(Any End-of-Line value from 100 to 20K can be monitored by using the same value for the Programming Resistor.)
Cypress Computer Systems, Inc. 1778 Imlay City Road Lapeer, MI 48446 TX(810)245-2300 FX(810)245-2332 www.cypresscom.com
SUPERVISED Status Monitoring
Remote
End of Line Device
Programming Resistor
Central
Supervised Alarm Input
Programming Resistor
Remote
Supervised Alarm Input
Central
End of Line Device
Cypress Computer Systems, Inc. 1778 Imlay City Road Lapeer, MI 48446 TX(810)245-2300 FX(810)245-2332 www.cypresscom.com
UN-SUPERVISED Status Monitoring
SW2 SW1
Switches (ie: Request-To-Exit, Door
Remote
Sending Unsupervised Status from Remote to C
Central
SW2 SW1
Normally Op Contacts wil status of sw
Remote
SW2 SW1
Normally Open Contacts will follow status of switch
Sending Unsupervised Status from Central to Rem
Central SW1
Switches or Relay Contacts
GND
SW2
LED
211128
Cypress Computer Systems, Inc. 1778 Imlay City Road Lapeer, MI 48446 TX(810)245-2300 FX(810)245-2332 www.cypresscom.com


▲Up To Search▲   

 
Price & Availability of SPX-2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X