Part Number Hot Search : 
2405E V8ZA2 13002 2405E DA1908 1N3025A DTC11 FDP8874
Product Description
Full Text Search
 

To Download SLA0201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5A 600V 4 circuits Thyristor array
SLA0201
s Features
q5A 4 Thyristors combined one package qRepetitive peak off-state voltage: VDRM=600V qGate trigger current: IGT=10mA max
16.00.2 13.00.2 9.90.2
External Dimensions
(Unit: mm)
3.20.15
31.00.2 24.40.2 16.40.2
3.20.15 x 3.8 4.80.2 1.70.1
qAverage on-state current: IT(AV)=5A
8.5max
b
9.5min (10.4)
0.8max
a
Thy1
Thy2
Thy3
Thy4
2.7
Pin 1
12
1.20.15 11!P2.540.7=27.940.1
31.5max
+0.2 0.85 -0.1 +0.2 1.450.15 0.55 -0.1
2.2
0.7
1
2
3
4
5
6
7
8
9 10 11 12
a. Part Number b. Lot Number
1 2 3 4 5 6 7 8 9 10 11 12 GK A GK A G K A G K A
1, 4, 7, 10 : Gate (G) 2, 5, 8, 11 : Cathode (K) 3, 6, 9, 12 : Anode (A)
Weight: Approx. 6.1g
sAbsolute Maximum Ratings
Parameter
Repetitive peak off-state voltage Repetitive peak reverse voltage Non-repetitive peak off-state voltage Non-repetitive peak reverse voltage Average on-state current RMS on-state current Surge on-state current Peak forward gate current Peak forward gate voltage Peak reverse gate voltage Peak gate power loss Average gate power loss Junction temperature Storage temperature
Symbol
VDRM VRRM VDSM VRSM IT(AV) IT(RMS) ITSM IFGM VFGM VRGM PGM PG(AV) Tj Tstg
Ratings
600 600 650 650 5.0 7.8 80 2.0 10 5.0 5.0 0.5 - 40 to +125 - 40 to +125
Unit
V V V V A A A A V V W W C C
Conditions
Tj= -40 to +125C, RGK =1k
50Hz Half-cycle sinewave, Conduction angle 180, Continuous current 50Hz Half-cycle sinewave, Single shot, Non-repetitive, Tj=125C f f f 50Hz, duty 50Hz 50Hz, duty 10% 10%
sElectrical Characteristics
Parameter
Off-state current Reverse current On-state voltage Gate trigger voltage Gate trigger current Gate non-trigger voltage Holding current Critical rate-of-rise of off-state voltage Total power dissipation
Symbol
IDRM IRRM VTM VGT IGT VGD IH dv/dt PT
Ratings
min typ max 2.0 100 2.0 100 1.4 0.7 5.0 0.1 4.0 50 4 32 1.5 10
Unit
mA A mA A V V mA V mA V/S W
Conditions
Tj=125C, VD=600V, RGK=1k Tj=25C, VD=600V, RGK=1k Tj=125C, VD=600V, RGK=1k Tj=25C, VD=600V, RGK=1k TC=25C, ITM=10A VD=6V, RL=10, TC=25C VD=1/2 x VDRM, Tj=125C, RGK=1k RGK=1k, Tj=25C VD=1/2 x VDRM, Tj=125C, RGK=1k, CGK=0.033F Without Heatsink, Tj=25C, All elements operation With infinite Heatsink, Tj=25C, All elements operation
22


▲Up To Search▲   

 
Price & Availability of SLA0201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X