Part Number Hot Search : 
2SK1500 7372Q PN5018 IK3052 IK3052 14600 12250 1608X7R
Product Description
Full Text Search
 

To Download RN2511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RN2510,RN2511
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2510,RN2511
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
l Including twodevices in SMV (super mini type with 5 leads) l With built-in bias resistors l Simplify circuit design l Reduce a quantity of parts and manufacturing process l Complementary to RN1510, RN1511 Unit: mm
Equivalent Circuit
JEDEC EIAJ TOSHIBA Weight: 0.014g
2-3L1A
Maximum Ratings (Ta = 25C)
Characteristic Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC P C* Tj Tstg Rating -50 -50 -5 -100 300 150 -55~150 Unit V V V mA mW C C
* : Total rating
Equivalent Circuit (Top View)
1
2001-06-07
RN2510,RN2511
Electrical Characteristics (Ta = 25C)
Characteristic Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Translation frequency Collector output capacitance Input resistor RN2510 RN2511 Symbol ICBO IEBO hFE VCE (sat) fT Cob R1 Test Circuit Test Condition VCB = -50V, IE = 0 VEB = -5V, IC = 0 VCE = -5V, IC = -1mA IC = -5mA, IB = -0.25mA VCE = -10V, IC = -5mA VCB = -10V, IE = 0, f = 1MHz Min 120 3.29 7 Typ. -0.1 250 3 4.7 10 Max -100 -100 400 -0.3 6 6.11 13 Unit nA nA V MHz pF k
2
2001-06-07
RN2510,RN2511
(Q1, Q2 Common)
3
2001-06-07
RN2510,RN2511
(Q1, Q2 Common)
4
2001-06-07
RN2510,RN2511
Type Name Marking
RN2510
RN2511
5
2001-06-07
RN2510,RN2511
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
6
2001-06-07


▲Up To Search▲   

 
Price & Availability of RN2511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X