Part Number Hot Search : 
FP254 ACS573MS 645NIP AEFVBF15 P4V3B P4V3B VA2656 B43712
Product Description
Full Text Search
 

To Download RB420D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RB420D
Diodes
Schottky barrier diode
RB420D
!Applications Low power rectification !External dimensions (Units : mm)
2.80.2
1.6
0.4
+0.1 -0.05
0.15
!Construction Silicon epitaxial planar
(All leads have the same dimensions)
!Circuit
ROHM : SMD3 EIAJ : SC-59 JEDEC : SOT-346
!Absolute maximum ratings (Ta=25C)
Parameter Peak reverse voltage DC reverse voltage Mean rectifying current Peak forward surge current Junction temperature Storage temperature
60Hz for 1
Symbol VRM VR IO IFSM Tj Tstg
Limits 40 40 0.1 1 125 -40+125
Unit V V A A C C
!Electrical characteristics (Ta=25C)
Parameter Forward voltage Reverse current Capacitance between terminals
Note) ESD sensitive product handling required.
Symbol VF IR CT
Min. - - -
Typ. - - 6.0
Max. 0.45 1 -
Unit V A pF IF=10mA VR=10V
Conditions
VR=10V, f=1MHz
0.30.6
D3B
!Features 1) Small surface mounting type. (SMD3) 2) Low IR. (IR=50nA Typ.) 3) High reliability
2.90.2 1.90.2 0.95 0.95
1.1
+0.2 -0.1
0.80.1
+0.2 -0.1
0~0.1
+0.1 -0.06
RB420D
Diodes
!Electrical characteristic curves (Ta=25C)
CAPACITANCE BETWEEN TERMINALS : CT (pF)
1 1m
100 50
FORWARD CURRENT : IO (A)
REVERSE CURRENT : IR (A)
100m
Ta =1 25 C 75 C 25 C -2 5C
100
Ta=125C
20 10 5
10m
10
75C
1m
1
25C
100
100n
2 0 0
10 0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
10n 0
5
10
15
20
25
30
35
2
4
6
8
10
12
14
FORWARD VOLTAGE : VF (V)
REVERSE VOLTAGE : VR (V)
REVERSE VOLTAGE : VR (V)
Fig.1 Forward characteristics
Fig.2 Reverse characteristics
Fig.3 Capacitance between terminals characteristics
Ta=25C
SURGE CURRENT : I surge (A)
100
Io CURRENT (%)
20
80 60 40 20 0 0
I surge
10
PULSE WIDTH
P=50%
0
100
1m
10m
100m
1
25
50
75
100
125
PULSE WIDTH (sec)
AMBIENT TEMPERATURE : Ta (C)
Fig.4 Surge current characteristics
Fig.5 Derating curve (mounting on glass epoxy PCBs)


▲Up To Search▲   

 
Price & Availability of RB420D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X