Part Number Hot Search : 
AD558KD DF08G SMB100A TF361S DF08G 684DY ER1006 IDT72T5
Product Description
Full Text Search
 

To Download P6KE550C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P6KE 550C
600W Transient Voltage Suppressors
Peak Pulse Power 600 Watt Stand-off Voltage 550 VOLTS
Feature:
* 600 Watt Peak Power Dissipation * Glass Passivated Die Construction * Excellent Clamping Capability Fast Response Time * High Temperat Soldering Guaranteed : 265 C/10 sec/.375." (9.5mm) Lead Length, 51bs., (2.3kg) Tension.
Mechanical Data
* Case: JEDEC DO-15 molded Plastic. * Terminals: Axial Leads, Solderable per MIL-STD-750, Method 2026 * Polarity: Color Band Denotes Cathode Except Bipolar * Mounting Position: Any * Weight: 0.4grams(approx), 0.015ounce.
DO-15 (DO-204AC)
DO-15 Outline Dimensions Axial Device
A Dim DO-15 Min 25.4 Max Min 5.8
B Max 7.6 Min 0.71
C Max 0.86 Min 2.6
D Max 3.6
WEITRON
http://www.weitron.com.tw
P6KE 550C
Maximum Ratings (TA =25 C Unless otherwise Noted)
Characteristics Peak Pulse Power Dissipation at T A =25 C, tp=1.0 ms (1) Steady State Power Dissipation at TL=75 C Lead Lengths .375"(9.5mm) (1) Peak Forward Surge Current 8.3ms Single Half Sine-Wave, Superimposed on Rated Load(JEDEC Method) (3) Operating and Storage Junction Temperature Range
_ _ _ _
Symbol
Value 600 5
Unit W W
P PPM P M(AV) I FSM
100
A
Tj, T STG
-55 to -175
C
NOTE: 1. Non-Repetitive Current Pulse, per FIG3 and Derated above TA=25 C per FIG2 2. Mounted on Copper Pads Area of 1.6 1.6"(40 40mm) per FIG.5. 3. 8.3ms Single Half Sine-Wave, or equivalent Square Wave, Duty Cycle=4 pulses per minutes Maximum.
Electrical Characteristics
P6KE
PART NUMBER REVERSE BREAKDOWN BREAKDOWN STAND- OFF VOLTAGE VOLTAGE VOLTAGE VRWM(V) VBR(V) MIN.@I T VBR(V) MAX.@IT MAXIMUM PEAK CLAMPING PULSE CURRENT VOLTAGE CURRENT IT (mA) @Ipp Vc(V) Ipp(A) TEST REVERSE LEAKAGE @V RWM IR(A)
P6KE 550C
473
498.0
601
1
788
0.9
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For parts without A , the VBR is + 10%
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of P6KE550C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X