Part Number Hot Search : 
P9630 5224B AD58004 RFM04U6P 33AXI 150C2201 2SJ647 SSE9973
Product Description
Full Text Search
 

To Download OVSTRGBAC6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Full-Color Top-View Chip LED (2.7 x 2.4 x .95 mm, 110 View Angle)
OVSTRGBAC6
* * * Red/green/blue + white in single surface mount package 8 mm tape on 7" reel compatible with automatic placement equipment Each chip individually addressable to provide color ondemand Product Photo Here
The OVSTRGBAC6 is a full-color chip LED with multiple viewing angles and the ability to produce all colors of the visible spectrum, plus white. This small package, combined with high-light output, is ideal for miniature applications.
Applications * Automotive (backlighting in dashboard and switches) * Telecommunications (indicator and backlighting in telephone and fax) * Flat backlight (LCDs, membrane switches and symbols) * Personal/portable appliances (mobile phones, pagers, audio/video players and GPS) Part Number OVSTRGBAC6 Material AlInGaP/InGaN Emitted Color Red/Green/Blue Intensity Typ. mcd 100 / 300 / 80 Lens Color Water Clear
Pin # 1 2 3 4
Description Red Cathode Green Cathode Blue Cathode Common Anode
RoHS
Moisture
DO NOT LOOK DIRECTLY AT LED WITH UNSHIELDED EYES OR DAMAGE TO RETINA MAY OCCUR.
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.1 12/05 Page 1 of 6
Full-Color Top-View Chip LED
OVSTRGBAC6 Absolute Maximum Ratings
SYMBOL PARAMETER VALUE RED GREEN BLUE UNIT
PD IF IFP VR TOPR TSTG
Power Dissipation (per lamp) DC Forward Current (per chip) Pulsed Forward Current
1
---40 150 5
135 20 100 5 -30 ~ +85 -40 ~ +100
---20 100 5
mW mA mA V C C
Reverse Voltage (per chip) Operating Temperature Storage Temperature
Note: 1. Duty = 1/10 pulse width 10 msec.
Electrical Characteristics
TA = 25oC unless otherwise noted
RED SYMBOL IV VF D PARAMETER MIN TYP MAX UNITS CONDITIONS
Luminous Intensity (axial direction) Forward Voltage Dominant Wavelength Spectral Line Half Width
62 ---613.5 ----
100 2.0 ---20
170 2.8 627.5 ----
mcd V nm nm
IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA
GREEN SYMBOL PARAMETER MIN TYP MAX UNITS CONDITIONS
IV VF
D
Luminous Intensity (axial direction) Forward Voltage Dominant Wavelength Spectral Line Half Width
233 ---520 ----
300 3.4 ---35
476 3.9 540 ----
mcd V nm nm
IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA
BLUE SYMBOL PARAMETER MIN TYP MAX UNITS CONDITIONS
IV VF
D
Luminous Intensity (axial direction) Forward Voltage Dominant Wavelength Spectral Line Half Width
60 ---465 ----
80 3.4 ---25
128 3.9 480 ----
mcd V nm nm
IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A.1 12/05 Page 2 of 6 OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Full-Color Top-View Chip LED
OVSTRGBAC6 Ranking
RANK RED LUMINOUS INTENSITY (MCD) GREEN BLUE
B C D E F G H J K L M N
233 ~ 333 62 ~ 87 333 ~ 476 233 ~ 333 87 ~ 122 333 ~ 476 233 ~ 333 122 ~ 170 333 ~ 476
60 ~ 88 88 ~ 128 60 ~ 88 88 ~ 128 60 ~ 88 88 ~ 128 60 ~ 88 88 ~ 128 60 ~ 88 88 ~ 128 60 ~ 88 88 ~ 128
Notes: 1. All ranks will be included per delivery. Rank ratio will be based on the chip distribution. 2. To designate luminous intensity ranks, please contact OPTEK.
Beam Pattern
Relative Luminous Intensity
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A.1 12/05 Page 3 of 6
Full-Color Top-View Chip LED
OVSTRGBAC6 Typical Electro-Optical Characteristics Curves
Relative Luminous Intensity
mA
V
C
Forward Current vs Forward Voltage
Relative Luminous Intensity vs Forward Current
Relative Luminous Intensity
Relative Luminous Intensity
Relative Luminous Intensity vs Wavelength
nm
C
Relative Luminous Intensity vs Ambient Temperature
mA
C
Forward Current vs Ambient Temperature
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A.1 12/05 Page 4 of 6 OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Full-Color Top-View Chip LED
OVSTRGBAC6 Packing Information
Label (product name, product number, lot number and quantity are described)
Carrier Tape Dimensions: Loaded quantity 3000 pieces per reel
TAPING DIMENSIONS UNIT: MM
Vacancy
Products
Vacancy
Cover Tape
(END)
Min. 400 mm Min. 160 mm LEAD MINIMUM: 400 MM
(START)
Polarity Mark
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A.1 12/05 Page 5 of 6
Full-Color Top-View Chip LED
OVSTRGBAC6 Moisture Resistant Reel Packaging
Label
Aluminum Moisture-proof Bag
Desiccant
Bar Code Label
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A.1 12/05 Page 6 of 6 OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com


▲Up To Search▲   

 
Price & Availability of OVSTRGBAC6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X