Part Number Hot Search : 
2N6394 321519 102ME HER106 76309 PE91043 CLE135 2SK1586
Product Description
Full Text Search
 

To Download OPV232 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Vertical Cavity Surface Emitting Laser in Plastic T-1 Package
OPV232
Features
* * * * 850nm VCSEL Technology High thermal stability Low drive current/high output intensity Plastic T-1 convex lens for extra narrow beam angle.
Technical Data
Description
The OPV232 is a high performance 850nm VCSEL packaged for sensing applications. This product's combination of features including high speed, high output power and concentric beam makes it an ideal transmitter for integration into all types of position sensing equipment. Applications include: Absolute Maximum Ratings (TA = 25 C unless otherwise noted)
Maximum Forward Peak Current Maximum Reverse Voltage Storage Temperature Operating Temperature Soldering Lead Temperature 30 mA 5 Volts -40 to +125C -40 to +85 C 260 C for 10 Seconds

Photoelectric Sensors Light Curtains Position Sensors Encoders
Additional laser safety information can be found on the Optek website. See application #221. Classification is not marked on the device due to space limitations. See package outline for centerline of optical radiance. Operating devices beyond maximum rating may result in hazardous radiation exposure.
September 2004 Issue 1.1 Optek Technology, Inc. Carrollton, Texas 75006 (972) 323-2200 sensor@optekinc.com www.optekinc.com
Page 1 of 4
OPV232 Technical Data
Electrical/Optical Characteristics (at 25 C unless otherwise specified)
SYMBOL
POT ITH VF IR RS /T /T lTH/T Nri VF/T NOTES:
(1) (2) (3) Threshold Current is based on the two line intersection method specified in Telcordia GR-468-Core. Line 1 from 6 mA to 8 mA. Line 2 from 0 mA to 2 mA. Series Resistance is the slope of the Voltage-Current line from 8 to 12 mA. Slope efficiency, is the slope of the best fit LI line from 8 mA above threshold to 12 mA.
PARAMETER
Total Power Out Threshold Current Forward Voltage Reverse Current Series Resistance Slope Efficiency Wavelength Optical Bandwidth Temp Coefficient of Slope Efficiency Beam Divergence Temp Coefficient of Wavelength Temp Coefficient of Threshold Current Relative Intensity Noise Temperature Coefficient for VF
MIN
1.4 2.0
TYP
MAX
4.5 6.0 2.15 30
UNITS
mW mA V nA ohms mW/mA
TEST CONDITION
IF = 12 mA Note 1 IF = 12 mA VR = 5 V Note 2 Note 3
14 0.17 830
40
860 0.85 -0.40 3 0.06 1.5 -123 -2.5
nm nm %/C Degree nm/C mA dB/Hz mV/C (0 - 70 C) (0 - 70 C)
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible. Optek Technology, Inc. Carrollton, Texas 75006 (972) 323-2200 sensor@optekinc.com
September 2004 Issue 1.1 www.optekinc.com
Page 2 of 4
OPV232 Technical Data
Output Power vs. Forward Current
1.4
1.2
20C
Normalized Output Power (12mA, 25 C)
0C
1.0
70C
0.8
0.6
0.4
0.2
0.0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Forward Current (mA)
Forward Voltage vs. Forward Current
2.2
0C
2.0
20C 70C
Forward Voltage (V)
1.8
1.6
1.4
1.2
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
September 2004 Issue 1.1 sensor@optekinc.com www.optekinc.com
Forward Current (mA)
Optek Technology, Inc. Carrollton, Texas 75006 (972) 323-2200
Page 3 of 4
OPV232 Technical Data
Mechanical Dimensions:
Invisible Light emits from this surface
VCSEL
2
1
1-Anode
2-Cathode
September 2004 Issue 1.1 Optek Technology, Inc. Carrollton, Texas 75006 (972) 323-2200 sensor@optekinc.com www.optekinc.com
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of OPV232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X