Part Number Hot Search : 
2SC5270 SF16G XXXGX XFN80N50 ZMM11LB3 CMF211 CY7C14 BAT54S
Product Description
Full Text Search
 

To Download OPV202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Vertical Cavity Surface Emitting Laser in TO-46 Dome Lens Package
Features
* * * * * 850nm VCSEL Technology High thermal stability Low drive current/high output intensity TO-46 Package with Dome Lens Highly collimated beam profile
Absolute Maximum Ratings (TA = 25 C unless otherwise noted)
Description
The OPV202 is a high performance 850nm VCSEL packaged for sensing applications. This product's combination of features including high speed, high output power and concentric beam makes it an ideal transmitter for integration into all types of position sensing equipment. Applications include:
Maximum Forward Peak Current Maximum Reverse Voltage Storage Temperature Operating Temperature Soldering Lead Temperature Max. Continuous Optical Power at 70C
30 mA 5 Volts -40 to +125C -40 to +85 C 260 C for 10 Seconds 1.1 mW

Photoelectric Sensors Light Curtains Position Sensors Encoders
Additional laser safety information can be found on the Optek website. See application #221. Classification is not marked on the device due to space limitations. See package outline for centerline of optical radiance. Operating devices beyond maximum rating may result in hazardous radiation exposure.
September 2003 Issue 3.1 Optek Technology, Inc. Carrollton, Texas 75006 (972) 323-2200 sensor@optekinc.com www.optekinc.com
Page 1 of 4
OPV202 Technical Data
Electrical/Optical Characteristics (at 25 C unless otherwise specified)
SYMBOL
POT ITH VF IR RS /T /T lTH/T Nri VF/T NOTES:
(1) (2) (3)
PARAMETER
Total Power Out Threshold Current Forward Voltage Reverse Current Series Resistance Slope Efficiency Wavelength Optical Bandwidth Temp Coefficient of Slope Efficiency Beam Divergence Temp Coefficient of Wavelength Temp Coefficient of Threshold Current Relative Intensity Noise Temperature Coefficient for VF
MIN
1.4 2.0
TYP
MAX
4.5 5.5 2.15 30
UNITS
mW mA V nA ohms mW/mA Note 1
TEST CONDITION
IF = 12 mA
IF = 12 mA VR = 5 V Note 2 Note 3
14 0.17 830
40
860 0.85 -0.40 2 0.06 1.5 -123 -2.5
nm nm %/ C Degree nm/ C mA dB/Hz mV/ C (0 - 70 C) (0 - 70 C)
Threshold Current is based on the two line intersection method specified in Telcordia GR-468-Core. Line 1 from 6 mA to 8 mA. Line 2 from 0 mA to 2 mA. Series Resistance is the slope of the Voltage-Current line from 8 to 12 mA. Slope efficiency, is the slope of the best fit LI line from 8 mA above threshold to 12 mA.
Normalized Power vs. Angular Displacement
1.0
0.8
Normalized Power
0.6
0.4
0.2
0.0 -10 -5 0 5 10
Degree
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible. Optek Technology, Inc. Carrollton, Texas 75006 (972) 323-2200 sensor@optekinc.com September 2003 Issue 3.1 www.optekinc.com
Page 2 of 4
OPV202 Technical Data
Output Power vs. Forward Current
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0
70 C 20 C
0C
Normalized Output Power (12mA, 25
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Forward Current (mA)
2.2
Forward Voltage vs. Forward Current
0C
2.0
Forward Voltage (V)
20 C 70 C
1.8
1.6
1.4
1.2
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
September 2003 Issue 3.1 www.optekinc.com
Forward Current (mA)
Optek Technology, Inc. Carrollton, Texas 75006 (972) 323-2200 sensor@optekinc.com
Page 3 of 4
OPV202 Technical Data
Mechanical Dimensions:
Invisible Light emits from this surface
OPV202
Pin 1 2 3
Optek Technology, Inc. Carrollton, Texas 75006
Connection VCSEL Anode VCSEL Cathode No Connection
(972) 323-2200 sensor@optekinc.com September 2003 Issue 3.1 www.optekinc.com
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of OPV202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X