Part Number Hot Search : 
90583C HCT240 MP8714 100DY SC41342 SHD115 2SC1623 EFD15
Product Description
Full Text Search
 

To Download NMV0515S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NMV 5V & 12V SERIES
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
SELECTION GUIDE
Order Code
NMV0505DA NMV0509DA NMV0512DA NMV0515DA NMV0505SA NMV0509SA NMV0512SA NMV0515SA NMV1205DA NMV1209DA NMV1212DA NMV1215DA NMV1205SA NMV1209SA NMV1212SA NMV1215SA NMV0505D NMV0509D NMV0512D NMV0515D NMV0505S NMV0509S NMV0512S NMV0515S NMV1205D NMV1209D NMV1212D NMV1215D NMV1205S NMV1209S NMV1212S NMV1215S
FEATURES s Wide Temperature performance at full 1 Watt load, -40C to 85C s 3kVDC Isolation (1 minute) s Single or Dual Output s Industry Standard Pinout s Power Sharing on Dual Output s Efficiency to 78% s Power Density up to 0.90W/cm3 s 5V & 12V Input s 5V, 9V, 12V and 15V Output s Footprint from 1.17cm 2 s UL 94V-0 Package Material s No Heatsink Required s Internal SMD Construction s Toroidal Magnetics s Fully Encapsulated s No External Components Required s MTTF up to 2.9 Million hours s Custom Solutions Available s No Electrolytic or Tantalum Capacitors DESCRIPTION
The NMV series of industrial temperature range DC-DC converters are the standard building blocks for on-board distributed power systems. They are ideally suited for providing local supplies on control system boards with the added benefit of 3kVDC galvanic isolation to reduce switching noise. Available in SIP and DIP with dual and single output pinout. All of the rated power may be drawn from a single pin on dual output variants provided the total load does not exceed 1watt.
(V) 5 5 5 5 5 5 5 5 12 12 12 12 12 12 12 12 5 5 5 5 5 5 5 5 12 12 12 12 12 12 12 12
(V) (mA) (mA) 5 200 294 9 111 267 12 84 260 15 67 256 5 200 294 9 111 267 12 84 260 15 67 256 5 200 121 9 111 113 12 84 108 15 67 108 5 200 121 9 111 113 12 84 108 15 67 108 5 100 280 9 55 263 12 42 256 15 33 253 5 100 280 9 55 263 12 42 256 15 33 253 5 100 117 9 55 113 12 42 111 15 33 110 5 100 117 9 55 113 12 42 111 15 33 110
% 14.6 9.3 7.4 6.7 14.6 9.3 7.4 6.7 14.6 9.3 7.4 6.7 14.6 9.3 7.4 6.7 9.0 7.5 6.8 6.8 9.0 7.5 6.8 6.8 9.0 7.5 6.8 6.8 9.0 7.5 6.8 6.8
15 10 8.0 7.3 15 10 8.0 7.3 15 10 8.0 7.3 15 10 8.0 7.3 10 8.5 7.5 8.5 10 8.5 7.5 8.5 10 8.5 7.5 8.5 10 8.5 7.5 8.5
mV p-p 64 80 47 57 35 49 32 44 64 80 47 57 35 49 32 44 64 80 47 57 35 49 32 44 64 80 47 57 35 49 32 44 33 40 29 36 27 32 24 32 33 40 29 36 27 32 24 32 33 40 29 36 27 32 24 32 33 40 29 36 27 32 24 32
(%) 68 75 77 78 68 75 77 78 69 74 77 77 69 74 77 77 71.5 76 78 79 71.5 76 78 79 71 74 75 76 71 74 75 76
(pF) 23 30 26 27 23 30 26 27 26 35 43 42 26 35 43 42 21 24 26 27 21 24 26 27 27 35 42 41 27 35 42 41
kHrs 2414 1173 633 360 2414 1173 633 360 624 490 361 252 624 490 361 252 1697 682 343 188 1697 682 343 188 563 377 244 154 563 377 244 154
DIP
SIP
DIP
SIP
DIP
SIP
DIP
SIP
When operated with additional external load capacitance the rise time of the input voltage will determine the maximum external capacitance value for guaranteed start up. The slower the rise time of the input voltage the greater the maximum value of the additional external capacitance for reliable start up.
INPUT CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Voltage Range Continuous operation, 5V input types Continuous operation, 12V input types Reflected Ripple Current
4.5 10.8
5 12 20
TYP
5.5 13.2 40
MAX
V mA p-p
Units
OUTPUT CHARACTERISTICS
Parameter Conditions MIN
Rated Power2 Voltage Set Point Accuracy Line Regulation
TA=-40C to 120C See tolerance envelope High VIN to low VIN 1.0
1
W
1.2
%/%
ABSOLUTE MAXIMUM RATINGS
Short-circuit duration 3 Internal power dissipation Lead temperature 1.5mm from case for 10 seconds Input voltage V IN , NMV05 types Input voltage V IN , NMV12 types 1 second 560mW 300C 7V 15V
www.dc-dc.com
1 Calculated using MIL-HDBK-217F with nominal input voltage at full load. 2 See derating curve 3 Supply voltage must be discontinued at the end of the short circuit duration. All specifications typical at TA=25C, nominal input voltage and rated output current unless otherwise specified.
NMV 5V & 12V SERIES
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
ISOLATION CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
PIN CONNECTIONS
3000 10 VDC G Single Output Variants 14 Pin DIP PIN 1 GND 7 NC 8 +V 10 0V 14 VIN 14 Pin DIP PIN 1 GND 7 NC 8 +V 9 0V 10 -V 14 VIN 7 Pin SIP PIN 1 VIN 2 GND 5 0V 7 +V
Isolation Test Voltage Resistance
For 1 minute Viso=1000VDC
GENERAL CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Switching Frequency
5V input types 12V input types
120 150
135 170
kHz Dual Output Variants 7 Pin SIP PIN 1 VIN 2 GND 5 -V 6 0V 7 +V
TEMPERATURE CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Specification Storage Case Temperature Above Ambient Cooling
All output types 5V output types All other output types Free air convection
-40 -50
85 125 28 25
C C C
PERFORMANCE CHARACTERISTICS
tolerance envelope +10%
+5% V nominal
2.0 +2.5% -2.5% -7.5% 1.0 0.5 0 1.5
temperature derating graph
Safe Operating Area
10
50 Output Load Current (%)
100
-40
0 50 100 Ambient Temperature (C)
150
MECHANICAL DIMENSIONS
14 Pin DIP
Weight: 2.11g
19.50
2.13
15.24
1.09
NMV0505D
9.80
1
6.80 7.62
7
0.30 0.20
XYYWWi
4.60 3.60 0.55 0.45 2.54
14
1 9* 8 0
7 Pin SIP
Weight: 2.11g
19.50
1.880.50
6.00 10.0
NMV0515S
XYYWWi
1 .25
0.30 0.20 15.24
* Pin not fitted on single output variants All dimensions in mm XX.XX 0.25mm. All pins on a 2.54mm pitch and within 0.25mm of true position.
4.60 3.60
12
2.54
5 6*
7
0.55 0.45
0.55 0.45
C&D Technologies (NCL) Limited reserve the right to alter or improve the specification, internal design or manufacturing process at any time, without notice. Please check with your supplier or visit our web site to ensure that you have the current and complete specification for your product before use. (c) C&D Technologies (NCL) Limited 2001 NDC NMV.3 No part of this publication may be copied, transmitted or stored in a retrieval system or reproduced in any way including, but not limited to, photography, photocopy, magnetic or other recording means, without prior written permission from C&D Technologies (NCL) Limited. Instructions for use are available from www.dc-dc.com
C&D Technologies (NCL) Ltd Tanners Drive, Blakelands North Milton Keynes MK14 5BU, England Tel: +44 (0)1908 615232 Fax:+44 (0)1908 617545 email: info@cdtechno-ncl.com www: http://www.dc-dc.com
C&D Technologies (NCL), Inc. 5816 Creedmoor Road, Raleigh NC 27612, USA Tel: +1 (919) 571-9405 Fax: +1 (919) 571-9262 email: info@us.cdtechno-ncl.com


▲Up To Search▲   

 
Price & Availability of NMV0515S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X