Part Number Hot Search : 
A12JVAA 046GDA M3062 78M09 000906 TDA9105 LM062 LB501
Product Description
Full Text Search
 

To Download N4100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N4100 (4100F) & N4100F-2 (N4100F)
E158859 Patent No. 95 2 11073.3
15.5x11x11.5
Features
Low coil power consumption. High sensitivity. Small size, light weight. PC board mounting. Suitable for automation facilities, telecommunication equipment, household electrical appliance, wireless radio remote control, sound control toys application etc.
Ordering Information
N4100 C H S
3 DC12V
4 EnclosureS: Sealed typeNIL: Dust cover 5 Contact currentNIL:1A3:3A5:5A 6 Coil rated Voltage(V)DC:3,5,6,9,12,24
1 2 3 45 6 1 Part numberN4100(N4100F) N4100F-2 2 Contact arrangementA:1AB:1BC:1C 3 Coil power consumptionNIL:0.36WStandard B:0.45WHeavy load H:0.2WHigh sensitivity
Contact Data
Contact Arrangement Contact Material Contact Rating resistive Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical life Mechanical 1A SPSTNO f1B SPSTNC f1C SPDT(B-M) Ag AgNi Ag CdO 1A,3A,5A/125VAC; 1A,2A,3A/30VDC ;5A/14VDC,30VDC 90W 625VA 60VDC 220VAC Max. Switching Current: 5A 50m Item 3.12 of IEC255-7 105 Item 3.30 of IEC255-7 107 Item 3.31 of IEC255-7
Coil Parameter
Coil voltage VDC Pickup voltage VDC(max) (75%of rated voltage ) release voltage VDC(min) (10% of rated voltage)
Dash Numbers
Coil resistance 10%
Coil power consumption W
Operate Time ms
Release Time ms
Rated 003-200 005-200 006-200 009-200 012-200 024-200 003-360 005-360 006-360 009-360 012-360 024-360 003-450 005-450 006-450 009-450 012-450 024-450
Max.
3 3.3 45 2.25 0.3 5 5.5 125 3.75 0.5 6 6.6 180 4.50 0.6 5 5 0.2 9 9.9 405 6.75 0.9 12 13.2 720 9.00 1.2 24 26.5 2880 18.0 2.4 3 3.3 25 2.25 0.3 5 5.5 75 3.75 0.5 6 6.6 100 4.50 0.6 5 5 0.36 9 9.9 225 6.75 0.9 12 13.2 400 9.00 1.2 24 26.5 1600 18.0 2.4 3 3.3 20 2.25 0.3 5 5.5 56 3.75 0.5 6 6.6 80 4.50 0.6 5 5 0.45 9 9.9 180 6.75 0.9 12 13.2 320 9.00 1.2 24 26.5 1280 18.0 2.4 CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
45
www.dblectro.com
N4100(4100F)&N4100F-2(N4100F)
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 100M min (at 500VDC) Item 7 of IEC255-5 Item 6 Item 6 1.5mm of IEC255-5 of IEC255-5
50Hz 500V 50Hz 500V 100m/s2 11ms 10~55Hz double amplitude 5N 235x2 3x0.5s -25~70 85% (at 40) 3.5g
IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
Safety approvals Safety approval Load Dimensions (Unit: mm)
UL&CUR 3A 5A/125VAC 3A/30VDC 5A/14VDC
mm 0.3 0.6 1.0 1.4 2.54 3.0 3.6 7.62 10.16 11 11.5 15.5
acCa 0.012 0.024 0.039 0.055 0.100 0.118 0.142 0.300 0.400 0.433 0.453 0.610
N4100 (4100F)
N4100F-2 (N4100F)
Mounting (Bottom views)
Dimensions
N4100 (4100F)
N4100F-2 (N4100F)
Wiring diagram (Bottom views)
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
Reference Data
www.dblectro.com


▲Up To Search▲   

 
Price & Availability of N4100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X