Part Number Hot Search : 
BD4826G ACS541K AX4924EL SR280 IMP1832 HDSL2 2000000 AD542
Product Description
Full Text Search
 

To Download MUN5213 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUN5211 Series
NPN Silicon Bias Resistor Transistor
P b Lead(Pb)-Free
R1 R2
3 1 2
SOT-323(SC-70)
Maximum Ratings ( TA=25 C unless otherwise noted)
Rating Collector-Emitter Voltage Collector-Base Voltage Collector Current-Continuous Symbol VCEO VCBO IC Value 50 50 100 Unit Vdc Vdc mAdc
Thermal Characteristics
Characteristics
Total Device Dissipation FR-5 Board (1)TA=25 C Derate above 25 C Thermal Resistance, Junction to Ambient (1) Junction and Storage, Temperature Range
Symbol PD R JA TJ,Tstg
Max 202 1.6 618 -55 to +150
Unit mW mW/ C C/W C
1.FR-4 @ minimum pad 2.FR-4 @ 1.0 l 1.0 inch Pad
l
Device Marking and Resistor Values
Device
MUN5211 MUN5212 MUN5213 MUN5214 MUN5215 MUN5216 MUN5230
Marking
8A 8B 8C 8D 8E 8F 8G
R1(K)
10 22 47 10 10 4.7 1.0
R2(K)
10 22 47 47 88
Device
MUN5231 MUN5232 MUN5233 MUN5234 MUN5235 MUN5236 MUN5237
Marking
8H 8J 8K 8L 8M 8N 8P
R1(K)
2.2 4.7 4.7 22 2.2 100 47
R2(K)
2.2 4.7 47 47 47 100 22
1.0
WE ITR O N
http://www.weitron.com.tw
1/9
Rev.A 30-Dec-05
MUN5211 Series
Electrical Characteristics
(TA=25 C Unless Otherwise noted)
WEITRON
Symbol Min Typ Max Unit
Characteristics
Off Characteristics
Collector-Emitter Breakdown Voltage (IC=2.0mA, IB =0) Collector-Base Breakdown Voltage (IC=10 uA ,IE=0) Collector-Base Cutoff Voltage (VCB=50 V, IE =0) Collector-Emitter Cutoff Current (ICE=50V, IB =0) Emitter-Base Cutoff Current (VEB=6.0V, IC =0) MUN5211 MUN5212 MUN5213 MUN5214 MUN5215 MUN5216 MUN5230 MUN5231 MUN5232 MUN5233 MUN5234 MUN5235 MUN5236 MUN5237 V(BR)CEO V(BR)CBO ICBO ICEO IEBO 50 50 100 500 0.5 0.2 0.1 0.2 0.9 1.9 4.3 2.3 1.5 0.18 0.13 0.2 0.05 0.13 V V nA nA mA
WEITRON
http://www.weitron.com.tw
2/9
Rev.A 30-Dec-05
MUN5211 Series
Electrical Characteristics On Characteristics (3)
DC Current Gain (VCE=10V, IC =5.0mA) MUN5211 MUN5212 MUN5213 MUN5214 MUN5215 MUN5216 MUN5230 MUN5231 MUN5232 MUN5233 MUN5234 MUN5235 MUN5236 MUN5237 h FE 35 60 80 80 160 160 3.0 8.0 15 80 80 80 80 80 (TA=25 C Unless Otherwise noted)
WEITRON
Symbol Min Typ Max Unit
Characteristics
60 100 140 140 350 350 5.0 15 30 200 150 140 150 140 -
0.25 Vdc
Collector-Emitter Saturation Voltage (IC =10mA, I B =0.3mA) (IC =10mA, I B =5mA) MUN5230/MUN5231 (IC =10mA, I B =1mA) MUN5215/MUN5216 MUN5232/MUN5233/MUN5234 Output Voltage(on) (VCC=5.0V, VB =2.5V, RL =1.0k ) MUN5211 MUN5212 MUN5214 MUN5215 MUN5216 MUN5230 MUN5231 MUN5232 MUN5233 MUN5234 MUN5235 MUN5213 MUN5236 MUN5237
VCE(sat)
VOL
(VCC=5.0V, VB =3.5V, RL =1.0k ) (VCC=5.0V, VB =5.5V, RL =1.0k ) (VCC=5.0V, VB =4.0V, RL =1.0k )
4.9
-
0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 -
Vdc
Output Voltage(off ) (VCC=5.0V, VB =0.5V, RL =1.0k ) (VCC=5.0V, VB =0.050V, R L =1.0k ) MUN5230 (VCC=5.0V, VB =0.25V, RL =1.0k ) MUN5215/MUN5216/MUN5233 3. Pulse Test: Pulse Width 300 us, Duty Cycle 2.0% V V
VOH
Vdc
WEITRON
http://www.weitron.com.tw
3/9
Rev.A 30-Dec-05
MUN5211 Series
Electrical Characteristics On Characteristics
Input Resistor MUN5211 MUN5212 MUN5213 MUN5214 MUN5215 MUN5216 MUN5230 MUN5231 MUN5232 MUN5233 MUN5234 MUN5235 MUN5236 MUN5237 R1 7.0 15.4 32.9 7.0 7.0 3.3 0.7 1.5 3.3 3.3 15.4 1.54 70 32.9 0.8 0.17 0.8 0.055 0.38 0.038 1.7 10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 2.2 100 47 (TA=25 C Unless Otherwise noted)
WEITRON
Symbol Min Typ Max Unit
Characteristics
13 28.6 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 2.86 130 61.1 1.2 0.25 1.2 0.185 0.56 0.056 2.6
k
Resistor Ratio MUN5211/MUN5212 MUN5213/MUN5236 MUN5214 MUN5215/MUN5216 MUN5230/MUN5231/MUN5232 MUN5233 MUN5234 MUN5235 MUN5237
R1/R2
1.0 0.21 1.0 0.1 0.47 0.047 2.1
MUN5211
VCE(sat) , COLLECT OR VOLTAGE (VOLTS) 350 ATION (mW) 300 250 200 P D , POWER DISSIP 150 100 50 0 - 50 R JA = 403 C/W 0 50 T A , AMBIENT TEMPERA 100 TURE ( C) 150 1 IC/IB = 10 TA = -25 C 25 C 0.1 75 C
0.01
0.001
0
40 20 IC , COLLECT OR CURRENT (mA)
50
FIG 1. Derating Curve
FIG.2 VCE(sat) versus IC
http://www.weitron.com.tw
WEITRON
4/9
Rev.A 30-Dec-05
MUN5211 Series
hFE , DC CURRENT GAIN (NORMALIZED) 1000 VCE = 10 V C ob , CAPACITANCE (pF) TA = 75 C 25 C -25 C 100 3 4
WEITRON
f = 1 M Hz IE = 0 V TA = 25 C
2
1
10
1
10 IC, COLLECT OR CURRENT (m A)
100
0
0
20 30 40 10 VR , REVERSE BIAS VOL TAGE (VOLTS)
50
FIG.3 DC Current Gain
100 75 C IC, COLLECT OR CURRENT (mA) 10 25 C TA = -25 C 10 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS)
FIG.4 Output Capacitance
TA = -25 C 25 C 75 C 1
1
0.1
0.01 VO = 5 V 0 1 2 3 4 5 6 7 Vin, INPUT VOLTAGE (VOLTS) 8 9 10
0.001
0.1
0
10
40 20 30 IC , COLLECT OR CURRENT (mA)
50
FIG.5 Output Current versus Input Voltage MUN5212
VCE(sat) , COLLECT OR VOLTAGE (VOLTS) hFE , DC CURRENT GAIN (NORMALIZED) 1 IC/IB = 10 25 C 0.1 TA = -25 C 75 C 1000
FIG.6 Input Voltage versus Output Current
VCE = 10 V TA = 75 C 25 C -25 C
100
0.01
0.001
0
20 IC , COLLECT OR CURRENT (m A)
40
50
10 1
10 IC , COLLECT OR CURRENT (m A)
100
FGI.7 VCE(sat) versus I C
FIG.8 DC Current Gain
http://www.weitron.com.tw
WEITRON
5/9
Rev.A 30-Dec-05
MUN5211 Series
4 IC, COLLECT OR CURRENT (mA) f = 1 M Hz IE = 0 V TA = 25 C 100 10 1 75 C
WEITRON
25 C TA = -25 C
C ob, CAPACITANCE (pF)
3
2
0.1
1
0.01 VO = 5 V
0
0
10 20 30 40 VR , REVERSE BIAS VOL TAGE (VOLTS)
50
0.001
0
2
4 6 Vin, INPUT VOLTAGE (VOLTS)
8
10
FIG.9 Output Capacitance
100 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS) TA = -25 C 10 75 C 25 C
FIG.10 Output Current versus Input Voltage MUN5213
VCE(sat) , COLLECT OR VOLTAGE (VOLTS) 10 IC/IB = 10
1 25 C 75 C
TA = -25 C 0.1
1
0.1
0.01 0 10 20 30 40 50 IC , COLLECT OR CURRENT (mA)
0
20 40 IC , COLLECT OR CURRENT (m A)
50
FIG.11 Input Voltage versus Output Current
1000 1 VCE = 10 V TA = 75 C 25 C -25 C 100 0.8 C ob, CAPACITANCE (pF)
FIG.12 VCE(sat) versus IC
h FE , DC CURRENT GAIN (NORMALIZED)
f = 1 MHz IE = 0 V TA = 25 C
0.6 0.4
0.2 0
10
1
10 IC, COLLECT OR CURRENT (m A)
100
0
10 20 30 40 VR , REVERSE BIAS VOLTAGE (VOLTS)
50
FIG.13 DC Current Gain
FIG.14 Output Capacitance
WEITRON
http://www.weitron.com.tw
6/9
Rev.A 30-Dec-05
MUN5211 Series
100 75 C IC , COLLECT OR CURRENT (mA) 10 25 C TA = -25 C 100 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS)
WEITRON
TA = -25 C 10
25 C 75 C
1 0.1
1
0.01 VO = 5 V 0 2 4 6 Vin, INPUT VOLTAGE (VOLTS) 8 10
0.001
0.1
0
10
20
30
40
50
IC , COLLECT OR CURRENT (mA)
FIG.15 Output Current versus Input Voltage
1 VCE(sat) , COLLECT OR VOLTAGE (VOLTS) IC/IB = 10
FIG.16 Input Voltage versus Output Current
MUN5214
hFE , DC CURRENT GAIN (NORMALIZED) TA = -25 C 25 C 75 C
300 250 200 -25 C 150 100 50 0 1 2 4 6 8 10 15 20 40 50 60 70 80 90 100 IC , COLLECT OR CURRENT (mA) VCE = 10 TA = 75 C 25 C
0.1
0.01
0.001
0
20 40 60 IC , COLLECT OR CURRENT (mA)
80
FIG.17 VCE(sat) versus IC
4 3.5 Cob , CAPACITANCE (pF) 3 2.5 2 1.5 1 0.5 0 0 2 4 6 8 10 15 20 25 30 35 40 VR , REVERSE BIAS VOLTAGE (VOLTS) 45 50 f = 1 MHz lE = 0 V TA = 25 C 100 TA = 75 C IC , COLLECT OR CURRENT (mA)
FIG.18 DC Current Gain
25 C
-25 C 10
VO = 5 V 1 0 2 4 6 Vin, INPUT VOLTAGE (VOLTS) 8 10
FIG.19 Output Capacitance
FIG.20 Output Current versus Input Voltage
WEITRON
http://www.weitron.com.tw
7/9
Rev.A 30-Dec-05
MUN5211 Series
WEITRON
10 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS) TA?=?-25C 25 C 75 C
1
0.1
0
10
20 30 40 IC , COLLECT OR CURRENT (mA)
50
FIG.21 Input Voltage versus Output Current
WEITRON
http://www.weitron.com.tw
8/9
Rev.A 30-Dec-05
MUN5211 Series
SOT-323 Outline Demensions
WEITRON
Unit:mm
A
TOP VIEW
B
C
D E G H K L
J
M
Dim A B C D E G H J K L M
SOT-323
Min 0.30 1.15 2.00 0.30 1.20 1.80 0.00 0.80 0.42 0.10
Max 0.40 1.35 2.40 0.65 0.40 1.40 2.20 0.10 1.00 0.53 0.25
WEITRON
http://www.weitron.com.tw
9/9
Rev.A 30-Dec-05


▲Up To Search▲   

 
Price & Availability of MUN5213

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X