![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Bias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network This new series of digital transistors is designed to replace a single device and its external resistor bias network. The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The BRT eliminates these individual components by integrating them into a single device. The use of a BRT can reduce both system cost and board space. The device is housed in the SC-59 package which is designed for low power surface mount applications. * Simplifies Circuit Design * Reduces Board Space * Reduces Component Count * The SC-59 package can be soldered using wave or reflow. The modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die. * Available in 8 mm embossed tape and reel Use the Device Number to order the 7 inch/3000 unit reel. PIN3 Collector (Output) MUN2111RT1 MUN2112RT1 MUN2113RT1 MUN2114RT1 MUN2115RT1 MUN2116RT1 MUN2130RT1 MUN2131RT1 MUN2132RT1 MUN2133RT1 MUN2134RT1 PNP SILICON BIAS RESISTOR TRANSISTOR 3 PIN2 base (Input) R1 R2 1 2 PIN2 Emitter (Ground) CASE 318-03 , STYLE 1 ( SC - 59 ) MAXIMUM RATINGS (T A = 25C unless otherwise noted) Rating Collector-Base Voltage Collector-Emitter Voltage Collector Current Total Power Dissipation @ T A = 25C (1) Derate above 25C Symbol VCBO V CEO IC PD Value 50 50 100 200 1.6 Value 625 -65 to +150 260 10 Unit Vdc Vdc mAdc mW mW/C Unit C/W C C Sec THERMAL CHARACTERISTICS Rating Thermal Resistance -- Junction-to-Ambient (surface mounted) Operating and Storage Temperature Range Maximum Temperature for Soldering Purposes Time in Solder Bath Symbol R JA T J , T stg TL DEVICE MARKING AND RESISTOR VALUES Device Marking R1 (K) R2 (K) MUN2111RT1 6A 10 10 MUN2112RT1 6B 22 22 MUN2113RT1 6C 47 47 MUN2114RT1 6D 10 47 MUN2115RT1 (2) 6E 10 MUN2116RT1 (2) 6F 4.7 MUN2130RT1 (2) 6G 1.0 1.0 MUN2131RT1 (2) 6H 2.2 2.2 MUN2132RT1 (2) 6J 4.7 4.7 MUN2133RT1 (2) 6K 4.7 47 MUN2134R T1 (2) 6L 22 47 1. Device mounted on a FR-4 glass epoxy printed circuit board using the minimum recommended footprint. 2. New devices. Updated curves to follow in subsequent data sheets. 88 P1-1/7 MUN2111RT1 SERIES ELECTRICAL CHARACTERISTICS (T A = 25C unless otherwise noted) Characteristic Symbol I CBO I CEO I EBO Min 50 50 35 60 80 80 160 160 3.0 8.0 15 80 80 Typ 60 100 140 140 250 250 5.0 15 27 140 130 Max 100 500 0.5 0.2 0.1 0.2 0.9 1.9 4.3 2.3 1.5 0.18 0.13 Vdc 0.25 0.25 0.25 Vdc 0.2 Unit nAdc nAdc mAdc OFF CHARACTERISTICS Collector-Base Cutoff Current (VCB=50V, I E = 0) Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0) Emitter-Base Cutoff Current MUN2111RT1 (VEB = 6.0 V, IC = 0) MUN2112RT1 MUN2113RT1 MUN2114RT1 MUN2115RT1 MUN2116RT1 MUN2130RT1 MUN2131RT1 MUN2132RT1 MUN2133RT1 MUN2134RT1 Collector-Base Breakdown Voltage (IC = 10 A, IE = 0) Collector-Emitter Breakdown Voltage(3)(IC=2.0mA, IB=0) V(BR)CBO V(BR)CEO Vdc Vdc ON CHARACTERISTICS DC Current Gain (VCE = 10 V, IC = 5.0 mA) (3) MUN2111RT1 hFE MUN2112RT1 MUN2113RT1 MUN2114RT1 MUN2115RT1 MUN2116RT1 MUN2130RT1 MUN2131RT1 MUN2132RT1 MUN2133RT1 MUN2134RT1 Collector-Emitter Saturation Voltage (IC=10mA, IE=0.3mA) VCE(sat) (IC = 10 mA, IB = 0.3 mA) MUN2111RT1 MUN2112RT1 MUN2113RT1 MUN2114RT1 MUN2115RT1 MUN2130RT1 (IC = 10 mA, IB = 5.0 mA) MUN2131RT1 MUN2116RT1 MUN2132RT1 (IC = 10 mA, IB = 1.0 mA) MUN2134RT1 Output Voltage (on) VOL (VCC=5.0V,VB=2.5V, RL=1.0k) MUN2111RT1 MUN2112RT1 MUN2114RT1 MUN2115RT1 MUN2116RT1 MUN2130RT1 MUN2131RT1 MUN2132RT1 MUN2133RT1 MUN2134RT1 (VCC =5.0V,VB=3.5V, RL= 1.0k) MUN2113RT1 3. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0% - - 0.2 P1-2/7 MUN2111RT1 SERIES ELECTRICAL CHARACTERISTICS (T A = 25C unless otherwise noted) (Continued) Characteristic Output Voltage (off) (VCC= 5.0V, VB = 0.5 V, R L = 1.0k) (VCC= 5.0V, VB = 0.050 V, RL =1.0k) MUN2130RT1 (VCC= 5.0V, VB = 0.25 V, RL =1.0k) MUN2115RT1 MUN2116RT1 MUN2131RT1 MUN2132RT1 Input Resistor MUN2111RT1 MUN2112RT1 MUN2113RT1 MUN2114RT1 MUN2115RT1 MUN2116RT1 MUN2130RT1 MUN2131RT1 MUN2132RT1 MUN2133RT1 MUN2134RT1 Resistor Ratio MUN2111RT1 MUN2112RT1 MUN2113RT1 MUN2114RT1 MUN2115RT1 MUN2116RT1 MUN2130RT1 MUN2131RT1 MUN2132RT1 MUN2133RT1 MUN2134RT1 Symbol VOH Min 4.9 Typ -- Max -- Unit Vdc R1 7.0 15.4 32.9 7.0 7.0 3.3 0.7 1.5 3.3 3.3 15.4 0.8 0.17 -- 0.8 0.055 0.38 10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 1.0 0.21 -- 1.0 0.1 0.47 13 28.6 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 1.2 0.25 -- 1.2 0.185 0.56 k R 1 /R 2 P1-3/7 MUN2111RT1 SERIES TYPICAL ELECTRICAL CHARACTERISTICS MUN2111RT1 P D , POWER DISSIPATION (MILLIWATTS) 250 V CE( sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 I C /I B =10 T A = -25C 200 25C 150 0.1 75C 100 50 R JA = 625C/W 0 -50 0 50 10 150 0.01 0 20 40 60 80 AMBIENT TEMPERATURE (C) Figure 1. Derating Curve h FE , DC CURRENT GAIN (NORMALIZED) I C , COLLECTOR CURRENT (mA) Figure 2. V CE(sat) versus I C 1000 V CE = 10 V 4 C ob , CAPACITANCE (pF) f = 1 MHz l E= 0 V 3 T A = 25C T A =75C 25C 100 -25C 2 1 10 1 10 100 0 0 10 20 30 40 50 I C , COLLECTOR CURRENT (mA) Figure 3. DC Current Gain V R , REVERSE BIAS VOLTAGE (VOLTS) Figure 4. Output Capacitance 100 75C 25C 100 V in , INPUT VOLTAGE (VOLTS) I C , COLLECTOR CURRENT (mA) V O = 0.2 V 10 T A = -25C 1 10 T A = -25C 25C 75C 0.1 1 0.01 0.001 0 1 2 3 4 5 6 V O= 5 V 0.1 7 8 9 10 0 10 20 30 40 50 V in , INPUT VOLTAGE (VOLTS) Figure 5. Output Current versus Input Voltage I C , COLLECTOR CURRENT (mA) Figure 6. Input Voltage versus Output Current P1-4/7 MUN2111RT1 SERIES TYPICAL ELECTRICAL CHARACTERISTICS MUN2112RT1 10 h FE , DC CURRENT GAIN (NORMALIZED) V CE( sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1000 I C /I B =10 T A = -25C 25C 75C 1 V CE = 10 V T A =75C 25C 100 -25C 0.1 0.01 0 20 40 60 80 10 1 10 100 I C , COLLECTOR CURRENT (mA) I C , COLLECTOR CURRENT (mA) Figure 7. V CE(sat) versus I C 4 100 Figure 8. DC Current Gain I C , COLLECTOR CURRENT (mA) C ob , CAPACITANCE (pF) f = 1 MHz l E= 0 V 3 75C 10 25C T A = -25C T A = 25C 1 2 0.1 1 0.01 V O= 5 V 0.001 0 1 2 3 4 5 6 7 8 9 10 0 0 10 20 30 40 50 V R , REVERSE BIAS VOLTAGE (VOLTS) V in , INPUT VOLTAGE (VOLTS) Figure 9. Output Capacitance Figure 10. Output Current versus Input Voltage 100 V in , INPUT VOLTAGE (VOLTS) V O = 0.2 V T A = -25C 10 25C 75C 1 0.1 0 10 20 30 40 50 I C , COLLECTOR CURRENT (mA) Figure 11. Input Voltage versus Output Current P1-5/7 MUN2111RT1 SERIES TYPICAL ELECTRICAL CHARACTERISTICS MUN2113RT1 1 h FE , DC CURRENT GAIN (NORMALIZED) V CE( sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1000 I C /I B =10 T A =75C 25C -25C 100 T A = -25C 25C 0.1 75C 0.01 0 10 20 30 40 10 1 10 100 I C , COLLECTOR CURRENT (mA) I C , COLLECTOR CURRENT (mA) Figure 12. V CE(sat) versus I C 1 100 Figure 13. DC Current Gain C ob , CAPACITANCE (pF) 0.8 l E= 0 V T A = 25C I C , COLLECTOR CURRENT (mA) f = 1 MHz T A = 75C 10 25C -25C 0.6 1 0.4 0.1 0.2 0.01 V O= 5 V 0.001 0 1 2 3 4 5 6 7 8 9 10 0 0 10 20 30 40 50 V R , REVERSE BIAS VOLTAGE (VOLTS) V in , INPUT VOLTAGE (VOLTS) Figure 14. Output Capacitance Figure 15. Output Current versus Input Voltage 100 V in , INPUT VOLTAGE (VOLTS) V O = 0.2 V T A=-25C 25C 10 75C 1 0.1 0 10 20 30 40 50 I C , COLLECTOR CURRENT (mA) Figure 16. Input Voltage versus Output Current P1-6/7 MUN2111RT1 SERIES TYPICAL ELECTRICAL CHARACTERISTICS MUN2114RT1 1 h FE , DC CURRENT GAIN (NORMALIZED) V CE( sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 180 160 140 120 100 80 60 40 20 0 1 2 4 6 8 10 15 20 40 50 60 70 80 90 100 I C /I B =10 T A = -25C 25C 75C V CE = 10V 25C -25C T A =75C 0.1 0.01 0 10 20 30 40 I C , COLLECTOR CURRENT (mA) I C , COLLECTOR CURRENT (mA) Figure 17. V CE(sat) versus I C 4.5 100 Figure 18. DC Current Gain I C , COLLECTOR CURRENT (mA) 4 C ob , CAPACITANCE (pF) f = 1 MHz l E= 0 V T A= 25C T A = 75C 25C -25C 3.5 3 2.5 2 1.5 1 0.5 0 0 2 4 6 8 10 15 20 25 30 10 V O= 5 V 1 0 1 2 3 4 5 6 7 8 9 10 35 40 45 50 V R , REVERSE BIAS VOLTAGE (VOLTS) V in , INPUT VOLTAGE (VOLTS) Figure 19. Output Capacitance Figure 20. Output Current versus Input Voltage 10 12 V V O = 0.2 V T A = -25C 25C V in , INPUT VOLTAGE (VOLTS) 75C 1 Typical Application for PNP BRTs LOAD 0.1 0 10 20 30 40 50 I C , COLLECTOR CURRENT (mA) Figure 21. Input Voltage versus Output Current Figure 22. Inexpensive, Unregulated Current Source P1-7/7 |
Price & Availability of MUN2111
![]() |