Part Number Hot Search : 
STD5KA75 C101M PEB3065 700C16 ADM232AA LM324DR FMB075 76613
Product Description
Full Text Search
 

To Download MS6310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOSA
MS6310
Low Cost 16-Bit Stereo Audio DAC
Low Cost 16-Bit Stereo Audio DAC
FEATURES
Cost effective Low distortion No zero crossing distortion Output voltage swing is proportional to supply voltage (VOPP=VDD/2) Space saving package SOP8 Fast setting time permits 2*, 4*, and 8* oversampling (serial input) or double speed operation at 4* oversampling Compatible with most of the Japanese input formats; time multiplexed, two's complement, TTL input level
APPLICATIONS
VCD Player, DVD Player CD-ROM, DVD-ROM, CD-RW, DVD-RW
DESCRIPTION
The MS6310 is a voltage-output Digital-to-Analog Converter (DAC). The accuracy of the weight current sources, combined with the unique symmetrical decoding method, preclude zero-crossing distortion and ensures high quality audio reproduction. The MS6310 is pin and function compatible with MS6311, Philips TDA1311.
PIN CONFIGURATION
Symbol BCK WS DATA GND VDD VOL n.c. VOR 1 2 3 4 5 6 7 8 Pin Description Bit clock input Word select input Data input Ground Positive supply voltage Left channel output not connected Right channel output
BCK 1 WS 2 DATA 3 GND 4
8 VOR
MS6310
7 n.c. 6 VOL 5 VDD
REV1
1
www.mosanalog.com.tw
MOSA
BLOCK DIAGRAM
MS6310
Low Cost 16-Bit Stereo Audio DAC
IBL
RF 6 VOUT
LEFT
LEFT OUTPUT LATCH
RIGHT OUTPUT LATCH IBR
OP1 VREF RF 8 OP2 VREF
LEFT BIT SWITCHS
RIGHT BIT SWITCHS
VOUT
RIGHT
VREF
16-BIT MATCHED CURRENT DIVIDER
16-BIT MATCHED CURRENT DIVIDER
VREF
IBL
IREF
IBR
LEFT INPUT LATCH BCK 1
REFERENCE SOURCE
WS
2
RIGHT INPUT LATCH CONTROL & TIMING
VREF
5
VDD
DATA
3
10uF
0.1uF
4
GND
Fig.1
Block diagram.
ORDERING INFORMATION
Package 8-Pin SOP 8-Pin SOP 8-Pin SOP (lead free) 8-Pin SOP (lead free) Part number MS6310CSTR MS6310CSU MS6310CSGTR MS6310CSGU Packaging Marking MS6310CS MS6310CS MS6310CSG MS6310CSG Transport Media 2.5k Units Tape and Reel 100 Units Tube 2.5k Units Tape and Reel 100 Units Tube
REV1
2
www.mosanalog.com.tw
MOSA
ABSOLUTE MAXIMUM RATINGS
Symbol VDD VESD TSTG TA TJ TS RTHJA Positive Supply Voltage Electrostatic Handling Storage Temperature Range Operating Ambient Temperature Range Maximum Junction Temperature Soldering Temperature, 10 seconds Thermal Resistance from Junction to Ambient in Free Air SOP8 Parameter
MS6310
Low Cost 16-Bit Stereo Audio DAC
Rating 6 -2000 to 2000 -65 to 150 -40 to 85 150 260
Unit V V
210
/W
OPERATING RATINGS
Symbol VDD Supply Voltage Parameter Min 2.7 Typ Max 5.5 Unit V
5V ELECTRICAL CHARACTERISTICS
(Ta=25 Symbol DC Characteristics VDC VFS IQ CS Res THD+N S/N Output DC level Full scale output voltage Quiescent current Channel separation Resolution Total harmonic distortion plus noise Signal-to-noise ratio A-weighted at code 0000H VFS=0.5VDD At code 0000H 2.3 2.3 75 80 2.5 2.5 3.4 80 -57 0.14 85 2.7 2.7 6 16 -51 0.28 V Vpp mA dB bits dB , VDD=5V, f=1kHz; unless otherwise specified) Parameter Conditions Min Typ Max Unit
AC Characteristics
%
dB
REV1
3
www.mosanalog.com.tw
MOSA
TIMING AND DATA FORMAT
MS6310
Low Cost 16-Bit Stereo Audio DAC
The MS6310 accepts input serial data formats of 16-bit word length. Left and right data words are time multiplexed. The MSB must always be first. The format of data input is shown in Figs. 2 and 3. With a HIGH level on the word select input (WS), data is placed in the left input register and with LOW level on the WS input, data is placed in the right register (Fig. 1). The data in the input registers are simultaneously latched in the output registers which control the bit switches. Internal bias currents IBL and IBR are each added to the full scale output current IFS in order to achieve the maximum dynamic range at the outputs of OP1 and OP2 (Fig. 1). In this way the maximum dynamic range is achieved over the entire power supply range.
LEFT RIGHT tr tHB tf tLB tHW tSW
WS
BCK
tcr LSB MSB tSD tHD
DATA
Fig.2
Timing and input signals.
WS
LEFT RIGHT
BCK
DATA 2
1
0
15 MSB
14
13
2
1
0 LSB
15 MSB
14
13
2
1
0 LSB
Fig.3 Data format (BCK, WS, DATA) Symbol Parameter VIL VIH Input LOW level Input HIGH level Input Leakage Current LOW Input Leakage Current HIGH Input Clock Frequency Bit Rate Data Input Word Select Input Rise Time Fall Time Bit Clock Cycle Time Bit Clock High Time Bit Clock Low Time Data Set-up Time Data Hold Time to Bit Clock Word Select Hold Time Word Select Set-up Time
Format of input signals.
Conditions
Min 0.7VDD 54 15 15 12 2 2 12
Typ -
Max 0.3VDD 10 10 18.4 18.4 384 12 12 -
Unit V V
l I IL l l I IH l f BCK
BR
A A
MHz Mbits/s kHz ns ns ns ns ns ns ns ns ns
fWS
tr tf t Cr t HB t LB t SD t HD t HW t SW
REV1
4
www.mosanalog.com.tw
MOSA
APPLICATION INFORMATION
Basic application example
MS6310
Low Cost 16-Bit Stereo Audio DAC
A typical example of a CD-application with the MS6310 is shown in Fig.4. It features typical decoupling components and a second-order analog post-filter (smoothing filter) stage providing a line output.
420pF 1 2 3 4 BCK WS DATA GND VoR N.C VoL VDD 8 7 6 5 420pF Headphone (32 ) 50k 50k Headphone (32 )
MS6308
100pF
MS6310
10 VDD 47uF 0.1uF
50k
50k
MS6308
100pF
Fig.4
Example of a 2nd order filter application.
VCD player
DAC Dual Operational Amplifier
VCC =12V
180pF
51k
10uF
VOR
10k
(2.0 Vrms)
1uF 1 2 3 4 8 7 6 5 100k 1uF 1uF 100k
22k
2 1 3
8
BCK WS DATA GND
VoR N.C VoL VDD
VRE
F
4558
5
22k
7 6 4
MS6310 VDD =5V
51k
10uF
VOL
10k
180pF
Fig.5
A 1st order filter for VCD player.
REV1
5
www.mosanalog.com.tw
MOSA
EXTERNAL DIMENSIONS
MS6310
Low Cost 16-Bit Stereo Audio DAC
8
5
Symbol Dimension in mm Min Max 1.35 1.75 0.10 0.25 0.33 0.51 0.19 0.25 4.80 5.00 5.80 6.20 3.80 4.00 1.27 BSC 0.40 1.27 Dimension in inch Min Max 0.0532 0.0688 0.0040 0.0098 0.013 0.020 0.0075 0.0098 0.1890 0.1968 0.2284 0.2440 0.1497 0.1574 0.050 BSC 0.016 0.050
H
E 1 4
D
A A1 B C D H E e L
L A A1 e B C
SOP8
TAPE AND REEL (Unit : mm)
2.0 0.30 0.05 4.0 1.75 0.3R MAX 5.5 0.05 12.0 0.3
5.4
0.05
1.5+0.1/-0.0 DIA
3.0 3.6 6.9
8.0 1.5 MIN 0.5 Radius Typical
2.0 1.7
SOP8
REV1
6
www.mosanalog.com.tw


▲Up To Search▲   

 
Price & Availability of MS6310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X