Part Number Hot Search : 
CBM63B KE2109 P4SMAJ24 00120 XP02501 UNR9216J MRD510B MA122
Product Description
Full Text Search
 

To Download MP1527DR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EV0034
2A, 1.3MHz Step-Up Converter
The Future of Analog IC Technology
EVALUATION BOARD
DESCRIPTION
The EV0034 is a MP1527 evaluation board configured to provide a regulated 12V output at up to 300mA from a 2.6V input or higher. The output voltage is adjustable from VIN to 25V by changing resistors on the evaluation board. The MP1527 has a high 1.3MHz switching frequency that allows for smaller external components, producing a compact solution for medium-to-high current step-up, flyback, and SEPIC applications.
FEATURES
* * * * * * * * * 2.6V Minimum Input Voltage 12V Output Voltage, Adjustable from VIN to 25V Up to 90% Efficiency 1.3MHz Switching Frequency Fully Assembled and Tested SOHO Routers, PCMCIA Cards, Mini PCI Handheld Computers, PDAs Cell Phones, Digital and Video Cameras Small LCD Displays
APPLICATIONS
ELECTRICAL SPECIFICATIONS
Parameter Input Voltage Output Voltage Output Current Symbol VIN VOUT IOUT Value 2.6 - 12 12 300 Units V V mA
"MPS" and "The Future of Analog IC Technology", are Trademarks of Monolithic Power Systems, Inc.
EV0034 EVALUATION BOARD
Efficiency vs Load Current
100 95 90
VOUT=12V
EFFICIENCY (%)
85 80 75 70 65 60 55 50 1
VIN=5V VOUT=18V
(L x W x H) 2.5" x 2.0" x 0.4" (6.4cm x 5.0cm x 1.0cm) Board Number EV0034
EV0034 Rev. 1.1 2/16/2006
MPS IC Number MP1527DR
10 100 LOAD CURRENT (mA)
1000
EV0034_EC01
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2006 MPS. All Rights Reserved.
1
EV0034 - 2A, 1.3MHz STEP-UP CONVERTER EVALUATION BOARD
EVALUATION BOARD SCHEMATIC
IN
FAULT GND
C8 10nF
FAULT
C2 4.7nF
C1 NS C3 10nF
COMP EN BP
SGND
SGND
U1 MP1527 D1 MBR0520L C5 NS OUT
SS
FB
PGND PGND SW SW
EN
NC
NC
IN
R6 NS
C9 10nF
GND Output IC Power Input
ENABLE GND J1
IN
C7 NS
IN
GND
EV0034_S01
EV0034 BILL OF MATERIALS
Qty 3 1 3 2 1 1 1 1 1 1 1 2 1 1 Ref C1, C5, C7 C2 C3, C8, C9 C4, C6 C10 D1 L1 R1 R2 R3 R4 R5, R7 R6 U1 Value 4.7nF 10nF 10F 1F 5.0H 5.6k 90.9k 10k 100k 470k Description No Stuff Ceramic Capacitor, 50V, X7R Ceramic Capacitor, 50V, X7R Ceramic Capacitor, 16V, X5R Ceramic Capacitor, 16V, X7R Schottky Diode, 0.5A, 20V, SOD-123 Inductor, 2.9A Resistor, 5% Resistor, 1% Resistor, 1% Resistor, 5% Resistor, 5% No Stuff Step-Up Converter, 2A, Fixed Frequency Package Manufacturer: P/N 0805 0805 1210 0603 SOD-123 SMD 0805 0805 0805 0805 0805 AVX: 08055C472KAT2A AVX: 08055C103KAT2A AVX: 1210YD106KAT2A TDK: C1608X7R1C105K Fairchild: MBR0520L Sumida: CDRH6D38-5R0NC Panasonic: ERJ-6GEYJ562V Panasonic: ERJ-6ENFJ9092V Panasonic: ERJ-6ENFJ1002V Panasonic: ERJ-6GEYJ104V Panasonic: ERJ-6GEYJ474V MPS: MP1527DR
EV0034 Rev. 1.1 2/16/2006
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2006 MPS. All Rights Reserved.
2
EV0034 - 2A, 1.3MHz STEP-UP CONVERTER EVALUATION BOARD
PRINTED CIRCUIT BOARD LAYOUT
Figure 1--Top Silk Layer
Figure 2--Top Layer
Figure 3--Bottom Layer
EV0034 Rev. 1.1 2/16/2006
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2006 MPS. All Rights Reserved.
3
EV0034 - 2A, 1.3MHz STEP-UP CONVERTER EVALUATION BOARD
QUICK START GUIDE
The EV0034 is configured to produce a fixed 12V output voltage from an input voltage ranging from 2.6V to 12V: 1. Connect the positive and negative terminals of the load to the OUT and GND pins, respectively. 2. Preset the power supply output to between 2.6V and 12V, then turn it off. 3. Connect the positive and negative terminals of the power supply output to the IN and GND pins, respectively. 4. Connect the IN pin of the chip to the regulator's input supply VIN for bootstrapped operation (boot-strapped operation is required for VIN of less than 3V) through the IC Power jumper. 5. Turn the power supply on. The board is set up for automatic startup. Shunt the ENABLE jumper to disable the circuit. EN may be driven with an external digital signal to enable/disable the circuit. 6. Connect VIN to the input power source and apply a 2.6V to 12V voltage. 7. To enable the MP1527 by an external signal, connect a 0V to 2V signal to the EN input. A low voltage at EN turns off the MP1527, a high voltage turns it on. 8. The output voltage VOUT can be altered by changing the value of R2. Determine the new value of R2 using the following formula:
V R2 = R3 x OUT - 1 V FB
Where VFB=1.22V and R3 remains 10k.
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications. Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not assume any legal responsibility for any said applications.
EV0034 Rev. 1.1 2/16/2006 www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2006 MPS. All Rights Reserved.
4


▲Up To Search▲   

 
Price & Availability of MP1527DR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X