Part Number Hot Search : 
LMC67 16D2M 71550 TP3055 AN7015S AN7015S SM76299 00003
Product Description
Full Text Search
 

To Download MMBTA92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBTA92
High-Voltage PNP Transistor Surface Mount
P b Lead(Pb)-Free
1 BASE 2 EMITTER COLLECTOR 3
3 1 2
SOT-23
Value -3 0 0 -3 0 0 -5 . 0 -5 0 0 Unit Vdc Vdc Vdc m Adc
Maximum Ratings
Rating Collector-E m itter Voltage Collector-B as e Voltage E m itter-B as e VOltage Collector Current-Continuous Symbol V CE O V CB O VE B O IC
Thermal Characteristics
Characteristics Total Device Dis s ipation FR -5 B oard (1 ) T A=2 5 C Derate above 2 5 C Ther m al Res is tance, J unction to Am bient Total Device Dis s ipation Alum ina S ubs trate, (2 ) T A=2 5 C Derate above 2 5 C Ther m al Res is tance, J unction to Am bient J unction and S torage, Tem perature Symbol PD R JA PD R JA T J, Ts tg Max 225 1.8 556 300 2.4 417 -5 5 to +1 5 0 Unit mW m W/ C C/ W mW m W/ C C/ W C
Device Marking
MMB T A92=2D
Electrical Characteristics (TA=25C Unless Otherwise noted)
Characteristics Symbol Min Max Unit
Off Characteristics
Collector-E m itter B reakdown Voltage (3 ) (I C =-1 . 0 m Adc. IB =0 ) Collector-B as e B reakdown Voltage (I C =-1 0 0 Adc, I E =0 ) E m itter-B as e B reakdown Voltage (I E =-1 0 Adc, I C =0 ) Collect Cutoff Current (V CB = -2 0 0 Vdc, I E =0 ) E m itte Cutoff Current (V E B =3 V, I C =0 ) 1 . FR -5 =1 . 0 x 0 . 7 5 x 0 . 0 6 2 in. 2 . Alum ina=0 . 4 x 0 . 3 x 0 . 0 2 4 in. 9 9 . 5 % alum ina. 3 . P uls e Tes t: P uls e Width 3 0 0 S , Duty Cycle 2 . 0 % . V(B R )CE O V(B R )CB O V(B R )E B O I CB O IE B O
-3 0 0 -3 0 0 -5 . 0
-0 . 2 5 -0 . 1
Vdc Vdc Vdc Adc Adc
-
WEITRON http://www.weitron.com.tw
1/4
23-Sep-05
MMBTA92
Electrical Characteristics (TA=25C unless otherwise noted) (Countinued)
Characteristics Symbol Min Max Unit
On Characteristics
DC Current Gain (IC= -1.0 mAdc, VCE= -10Vdc) (IC= -10 mAdc, VCE= -10Vdc) (IC= -30 mAdc, VCE= -10Vdc) Collector-Emitter Saturation Voltage (3) (IC= -20 mAdc, IB= -2.0mAdc) Base-Emitter Saturation Voltage (3) (IC= -20 mAdc, IB= -2.0 mAdc) Current-Gain-Bandwidth Product (IC= -10 mAdc, VCE= -5 Vdc, f=30MHz) HFE(1) HFE(2) HFE(3) VCE(sat) VBE(sat) fT 25 100 25
-
200 0.5
-
Vdc
-
0.9
Vdc MHz
50
-
WEITRON http://www.weitron.com.tw
2/4
23-Sep-05
MMBTA92
Typical Characteristics
120
hFE, DC CURRENT GAIN
100 80 60 40
Tj=+125 C
25 C
-55 C 20 0 0.1 1.0 IC, COLLECTOR CURRENT (mA) 10 100
Figure 1, DC Current Gain
1.4 1.2
V, VOLTAGE (VOLTS)
1.0 0.8 0.6 0.4 0.2 00 0.1 1.0 10 IC, COLLECTOR CURRENT (mA) 100
VCE(sat)@25 C, ICIB = 10 VCE(sat)@125 C, ICIB =10 VCE(sat)@ -55 C, ICIB=10 VBE(sat)@25 C, ICIB = 10 VBE(sat)@125 C, ICIB =10 VBE(sat)@ -55 C, ICIB =10 VBE(on)@25 C, VCE = 10V VBE(on)@125 C, VCE = 10V VBE(on)@-55 C, VCE = 10V
Figure 2, "On"Voltages
fT, CURRENT-GAIN-BANDWIDTH (MHz) 150 130 110 90 70 50 30 10 1 3 5
TJ = 25C VCE = 20Vdc F = 20MHz 7 9 11 13 15 17 19 21
Ic, COLLECTOR CURRENT (mA)
Figure 3, Current-Gain- Bandwidth
WEITRON http://www.weitron.com.tw
3/4
23-Sep-05
MMBTA92
SOT-23 Package Outline Dimension
SOT-23
A
TOP VIEW
B
C
D E G H K J L M
Dim A B C D E G H J K L M
Min 0.35 1.19 2.10 0.85 0.46 1.70 2.70 0.01 0.89 0.30 0.076
Max 0.51 1.40 3.00 1.05 1.00 2.10 3.10 0.13 1.10 0.61 0.25
WEITRON http://www.weitron.com.tw
4/4
23-Sep-05


▲Up To Search▲   

 
Price & Availability of MMBTA92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X