Part Number Hot Search : 
T74C1 G15BN STM6913 SN8P2610 20121 CY7C1046 SGV120 89E58
Product Description
Full Text Search
 

To Download MMBTA92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBTA92/ MMBTA92
PNP Silicon High Voltage Transistor High breakdown voltage Low collector-emitter saturation voltage Complementary type: SMBTA42 (NPN)
3

2 1
VPS05161
Type SMBTA92/ MMBTA92
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage DC collector current Base current
Marking s2D 1=B
Pin Configuration 2=E 3=C
Package SOT23
Symbol VCEO VCBO VEBO IC IB Ptot Tj Tstg
Value 300 300 5 500 100 360 150 -65 ... 150
Unit V
mA mW C
Total power dissipation, TS = 74 C Junction temperature Storage temperature
Thermal Resistance Junction - soldering point 1) RthJS
210
K/W
1For calculation of R thJA please refer to Application Note Thermal Resistance
1
Feb-18-2002
SMBTA92/ MMBTA92
Electrical Characteristics at TA = 25C, unless otherwise specified. Symbol Values Parameter min. DC Characteristics Collector-emitter breakdown voltage IC = 1 mA, IB = 0 Collector-base breakdown voltage IC = 100 A, IE = 0 Emitter-base breakdown voltage IE = 100 A, IC = 0 Collector cutoff current VCB = 200 V, IE = 0 Collector cutoff current VCB = 200 V, IE = 0 , TA = 150 C Emitter cutoff current VEB = 5 V, IC = 0 DC current gain 1) IC = 1 mA, VCE = 10 V IC = 10 mA, VCE = 10 V IC = 30 mA, VCE = 10 V Collector-emitter saturation voltage1) IC = 20 mA, IB = 2 mA Base-emitter saturation voltage 1) IC = 20 mA, IB = 2 mA AC Characteristics 50 6 MHz pF VBEsat 0.9 VCEsat hFE 25 40 25 0.5 V IEBO 100 nA ICBO 20 A ICBO 250 nA V(BR)EBO 5 V(BR)CBO 300 V(BR)CEO 300 V typ. max.
Unit
Transition frequency IC = 20 mA, VCE = 10 V, f = 100 MHz Collector-base capacitance VCB = 20 V, f = 1 MHz
fT Ccb
1) Pulse test: t < 300s; D < 2%
2
Feb-18-2002
SMBTA92/ MMBTA92
Total power dissipation Ptot = f(TS) Transition frequency fT = f (IC) VCE = 20V, f = 100MHz
400
mW
10 3 MHz
SMBTA 92/93
EHP00878
fT
320 280
5
Ptot
240 200 160
10 2
5
120 80 40 0 0
15
30
45
60
75
90 105 120
C 150 TS
10 1 10 0
5
10 1
5
10 2 mA 5
10 3
C
Permissible pulse load Ptotmax / PtotDC = f (tp )
10 3 Ptot max 5 Ptot DC
SMBTA 92/93 EHP00879
Operating range IC = f (VCEO) TA = 25C, D = 0
10 3 mA
SMBTA 92/93 EHP00880
D=
tp T
tp
C
T
10 2
10 s
10 2 5
10 1 5
D= 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
5 100 s 1 ms 100 ms DC 10 5
0
10 1 5
500 ms
10 0 10 -6
10
-5
10
-4
10
-3
10
-2
s tp
10
0
10 -1 10 0
5
10 1
5
10 2
V5 V CEO
10 3
3
Feb-18-2002
SMBTA92/ MMBTA92
Collector cutoff current ICBO = f (TA ) VCB = 200V
SMBTA 92/93 EHP00881
Collector current IC = f (VBE) VCE = 10V
10 3 mA
SMBTA 92/93 EHP00882
10 4
CB0
nA 10 3 max
C
10 2 5
10 2
10 1
10 1 typ 10 0
5
10 0 5
10 -1
0
50
100
C TA
150
10 -1 0 0.5 1.0 V BE V 1.5
DC current gain hFE = f (IC ) VCE = 10V
SMBTA 92/93 EHP00883
10 3 5 h FE 10 2 5 2 10 1 5
10 0 -1 10
5 10 0
5 10 1
5 10 2 mA 10 3
C
4
Feb-18-2002


▲Up To Search▲   

 
Price & Availability of MMBTA92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X