Part Number Hot Search : 
FR2KL FRS14 MAX7042 D3L60 AD9525 AP9976GP ZB6ZG52B D471N
Product Description
Full Text Search
 

To Download MMBT4403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT4403
New Product
Vishay Semiconductors
formerly General Semiconductor
Small Signal Transistor (PNP)
TO-236AB (SOT-23)
.122 (3.1) .110 (2.8) .016 (0.4) 3 .056 (1.43) .052 (1.33)
Top View
Mounting Pad Layout
0.031 (0.8)
Pin Configuration 1 = Base 2 = Emitter 3 = Collector
1
2 max. .004 (0.1)
0.035 (0.9) 0.079 (2.0)
.007 (0.175) .005 (0.125)
.037(0.95) .037(0.95)
.045 (1.15) .037 (0.95)
0.037 (0.95)
0.037 (0.95)
.016 (0.4)
.016 (0.4)
.102 (2.6) .094 (2.4)
Dimensions in inches and (millimeters)
Features
* PNP Silicon Epitaxial Planar Transistor for switching and amplifier applications. * As complementary type, the NPN transistor MMBT4401 is recommended. * This transistor is also available in the TO-92 case with the type designation 2N4403.
Mechanical Data
Case: SOT-23 Plastic Package Weight: approx. 0.008g Marking Code: 2T Packaging Codes/Options: E8/10K per 13" reel (8mm tape), 30K/box E9/3K per 7" reel (8mm tape), 30K/box
Ratings at 25C ambient temperature unless otherwise specified.
Maximum Ratings & Thermal Characteristics
Parameters Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation(1) Power Dissipation(2) TA = 25C Derate above 25C TA = 25C Derate above 25C Symbols -VCBO -VCEO -VEBO -IC Ptot Ptot RJA Tj TS
Value 40 40 5.0 600 225 1.8 300 2.4 556(1) 417(2) 150 -55 to +150
Units V V V mA mW mW/C mW mW/C C/W C C
Thermal Resistance Junction to Ambient Air Junction Temperature Storage Temperature Range
Notes: (1) FR-5 Board = 1.0 x 0.75 x 0.062 in. (2) Alumina Substrate = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
Document Number 88227 10-May-02
www.vishay.com 1
MMBT4403
Vishay Semiconductors
formerly General Semiconductor
Electrical Characteristics (TJ = 25C unless otherwise noted)
Parameter Symbol Test Condition -VCE = 1V, -IC = 0.1mA -VCE = 1V, -IC = 1mA -VCE = 1V, -IC = 10mA -VCE = 2V, -IC = 150mA(1) -VCE = 2V, -IC = 500mA(1) -IC = 0.1mA, IE = 0 -IC = 1mA, IB = 0 -IE = 0.1mA, IC = 0 -IC = 150mA, -IB = 15mA -IC = 500mA, -IB = 50mA -IC = 150mA, -IB = 15mA -IC = 500mA, -IB = 50mA -VEB = 0.4V, -VCE = 35V -VEB = 0.4V, -VCE = 35V -VCE = 10V, -IC = 20mA f = 100MHz -VCB = 10V, IE = 0, f = 1MHz -VEB = 0.5V, IC = 0, f = 1MHz -VCE = 10V, -IC = 1mA, f = 1kHz -VCE = 10V, -IC = 1mA, f = 1kHz -VCE = 10V, -IC = 1mA, f = 1kHz -VCE = 10V, -IC = 1mA, f = 1kHz Min 30 60 100 100 20 40 40 5.0 -- -- 0.75 -- -- -- 200 -- -- 1.5 60 0.1 * 10-4 1.0 Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Max -- -- -- 300 -- -- -- -- 0.40 0.75 0.95 1.30 100 100 -- 8.5 30 15 500 8 * 10-4 100 Unit
DC Current Gain
hFE
--
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage(1) Base-Emitter Saturation Voltage(1) Collector-Emitter Cut-off Current Emitter-Base Cut-off Current Current Gain-Bandwidth Product Collector-Base Capacitance Emitter-Base Capacitance Input Impedance Small Signal Current Gain Voltage Feedback Ratio Output Admittance
(1)
-V(BR)CBO -V(BR)CEO -V(BR)EBO -VCEsat -VBEsat -ICEV -IBEV fT CCBO CEBO hie hfe hre hoe
V V V V V nA nA MHz pF pF k -- -- S
Notes: (1) Pulse test: pulse width 300 s duty cycle 2%
www.vishay.com 2
Document Number 88227 10-May-02
MMBT4403
Vishay Semiconductors
formerly General Semiconductor
Electrical Characteristics (TJ = 25C unless otherwise noted)
Parameter Delay Time (see Fig. 1) Rise Time (see Fig. 1) Storage Time (see Fig. 2) Fall Time (see Fig. 2) Symbol td tr ts tf Test Condition -IB1 = 15mA, -IC = 150mA -VCC = 30V, -VEB = 2V -IB1 = 15mA, -IC = 150mA -VCC = 30V, -VEB = 2V -IB1 = -IB2 = 15mA, -IC = 150mA, -VCC = 30V -IB1 = -IB2 = 15mA, -IC = 150mA, -VCC = 30V Min -- -- -- -- Typ -- -- -- -- Max 15 20 225 30 Unit ns ns ns ns
Switching Time Equivalent Test Circuit
Figure 1: Turn-ON Time
1.0 to 100 s, DUTY CYCLE 2% +16 V 0 -2 V < 2 ns 1k C S* < 10 pF Scope rise time < 4ns *Total shunt capacitance of test jig, connectors and oscilloscope +30V 200 +16 V 0 -14 V < 20 ns -4 V 1k C S* < 10 pF
Figure 2: Turn-OFF Time
1.0 to 100 s, DUTY CYCLE 2% +30V 200
Document Number 88227 10-May-02
www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of MMBT4403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X