Part Number Hot Search : 
GCM155R7 LB1976 SF1005 00309 0000MH PM100 4D44ADR SKL320C
Product Description
Full Text Search
 

To Download MMBT4403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT4403
Switching Transistor PNP Silicon
1 BASE 2 EMITTER COLLECTOR 3
3 1
SOT-23
2
M aximum R atings
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base VOltage Collector Current-Continuous Symbol VCEO VCBO VEBO IC Value -40 -40 -5.0 -600 Unit Vdc Vdc Vdc mAdc
Thermal Characteristics
Characteristics Total Device Dissipation FR-5 Board (1) TA=25 C Derate above 25 C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) TA=25 C Derate above 25 C Thermal Resistance, Junction to Ambient Junction and Storage, Temperature
Symbol PD R qJA PD R qJA TJ,Tstg
Max 225 1.8 556 300 2.4 417 -55 to +150
Unit mW mW/ C C/W mW mW/ C C/W C
Device Marking
MMBT4403=2T
Electrical Characteristics Off Characteristics
(TA=25 C Unless Otherwise noted) Characteristics
Symbol
Min
Max
Unit
Collector-Emitter Breakdown Voltage(3) (IC=-1.0mAdc.IB=0) Collector-Base Breakdown Voltage (IC=-0.1mAdc, IE=0) Emitter-Base Breakdown Voltage (IE=-0.1mAdc, IC=0) Base Cutoff Current (VCE=-35 Vdc, VEB =-0.4 Vdc) Collector Cutoff Current (VCE=-35Vdc, VEB=-0.4Vdc) 1.FR-5=1.0 x 0.75 x 0.062 in. 2.Alumina=0.4 x 0.3 x 0.024 in. 99.5% alumina. 3.Pulse Test:Pulse Width <300 S, Duty Cycle <2.0%. = =
V(BR)CEO V(BR)CBO V(BR)EBO IBEV ICEX
-40 -40 -5.0
-0.1 -0.1
Vdc Vdc Vdc uAdc uAdc
-
http://www.weitron.com.tw
WEITRON
MMBT4403
Electrical Characteristics (TA=25 C unless otherwise noted) (Countinued)
Characteristics Symbol Min Max Unit
On Characteristics (3)
DC Current Gain (IC= -0.1 mAdc, VCE= -1.0Vdc) (IC= -1.0 mAdc, VCE= -1.0 Vdc) (IC= -10 mAdc, VCE= -1.0Vdc) (3) (IC= 150 mAdc, VCE= -2.0Vdc) (IC= -500 mAdc, VCE= -2.0Vdc) HFE 30 60 100 100 20 VCE(sat) -0.75
300 -
(3)
Collector-Emitter Saturation Voltage (3) (IC= -150 mAdc, IB= -15mAdc) (IC= -500 mAdc, IB= -50mAdc) Base-Emitter Saturation Voltage (3) (IC= -150 mAdc, IB= -15 mAdc) (IC= -500 mAdc, IB= -50 mAdc)
-0.4 -0.75 -0.95 -1.3
Vdc
VBE(sat)
Vdc
Small-signal Characteristics
Current-Gain-Bandwidth Product (4) (IC= -20 mAdc, VCE= -10 Vdc, f=100MHz) Collector-Base Capacitance (VCB= -10 Vdc, IE=0, f=1.0MHz) Emitter-Base Capacitance (VEB= -0.5 Vdc, IC=0, f=1.0MHz) Input Impedance (VCE= -10 Vdc IC=-1.0 mAdc, f=1.0 kHz) Voltage Feeback Radio (VCE= -10Vdc IC=-1.0 mAdc, f=1.0 kHz) Small-Signal Current Gain (VCE= -10Vdc IC=-1.0 mAdc, , f=1.0 kHz) Output Admittance (VCE= -10Vdc IC=-1.0 mAdc, f=-1.0kHz) fT Ccb Ceb hie hre hfe hoe 200 1.5 0.1 60 1.0 8.5 30 15 8 500 100 MHz pF pF k ohms x 10-4 mhos
Switching Characteristics
Delay Time Rise Time Storage Time Fall Time (Vcc= -30 Vdc, VEB= -2.0 Vdc Ic= -150 mAdc, IB1= -15 mAdc) (Vcc= -30 Vdc, Ic= -150 mAdc, IB1=IB2= -15 mAdc) td tr ts tf 15 20 225 30 ns
ns
http://www.weitron.com.tw
WEITRON
MMBT4403
S W IT C HING T IME E QUIVA L E NT T E S T C IR C UIT
- 30 V < 2 ns +2 V 0 - 16 V 1.0 k W 10 to 100ms, DUTY CYCLE = 2% CS * < 10 pF 200 W +14 V 0 -16 V < 20 ns 1.0 kW 1.0 to 100 s, m DUTY CYCLE = 2% - 30 V 200W
CS * < 10 pF
+ 4.0 V S cope ris e time < 4.0 ns *Total s hunt capacitance of tes t jig connectors , and os cillos cope
F igure 1. Turn-On T ime
F igure 2. Turn-Off T ime
TRANSIENTCHARACTERISTICS
25 C 30 20 CAPACITANCE (pF) Ceb 10 7.0 5.0 Q, CHARGE (nC) 3.0 2.0 1.0 0.7 0.5 0.3 0.2 2.0 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 REVERSE VOLTAGE (VOLTS) 20 30 0.1 10 20 105 C
VCC = 30 V IC/IB = 10
10 7.0 5.0 Ccb
QT QA
200 300 30 50 70 100 IC, COLLECTOR CURRENT (mA)
500
Figure 3. Capacitances
Figure 4. Charge Data
100 70 50 t, TIME (ns) 30 20 tr @ V CC = 30 V tr @ V CC = 10 V td @ V BE(off) = 2 V td @ V BE(off) = 0 IC/IB = 10 tr, RISE TIME (ns)
100 70 50 30 20 VCC = 30 V IC/IB = 10
10 7.0 5.0 10 20 30 50 70 100 200 300 500
10 7.0 5.0 10 20 30 50 70 100 200 300 500
IC, COLLECTOR CURRENT (mA)
I C, COLLECTOR CURRENT (mA)
Figure 5. T urn-On T ime
Figure 6. Rise Time
WEITRON
http://www.weitron.com.tw
MMBT4403
200 IC/IB = 10 ts4 ST , ORAGE TIME (ns) 100 70 50 IB1 = IB2 ts4= ts - 1/8 tf 30 20 10 IC/IB = 20
20
30
50
70 100
200
300
500
IC, COLLECTOR CURRENT (mA)
Figure 7. Storage T ime h P ARAMETERS VCE = 10 Vdc, f = 1.0 kHz, TA = 25 C
This group of graphs illustrates the relationship between hfe and other " h " parameters for this series of transistors. To
1000 700 500 hfe , CURRENT GAIN 300 200 MMBT4403 UNIT 1 MMBT4403 UNIT 2
obtain these curves, a highgain and a lowgain unit were selected from the MMBT4403LT1 lines, and the same units were used to develop the correspondinglynumbered curves on each graph.
hie , INPUT IMPEDANCE (OHMS) 100 k 50 k 20 k 10 k 5k 2k 1k 500 200 100 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 MMBT4403 UNIT 1 MMBT4403 UNIT 2
100 70 50 30 0.1
0.2
0.3
0.5 0.7 1.0
2.0
3.0
5.0 7.0 10
IC, COLLECTOR CURRENT (mAdc)
Figure 10. Current Gain
IC, COLLECTOR CURRENT (mAdc)
Figure 1 1. Input Impedance
hre , VOLT AGE FEEDBACK RATIO (X 10 -4 )
10 5.0 2.0 1.0 0.5 0.2 0.1 0.1 0.2 0.3 0.5 0.7 1.0
MMBT4403 UNIT 1 MMBT4403 UNIT 2
hoe , OUTPUT ADMITTANCE ( umhos)
20
500
100 50 20 10 5.0 2.0 1.0 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10
MMBT4403 MMBT4403
UNIT 1 UNIT 2
2.0 3.0
5.0 7.0 10
IC , COLLECTOR CURRENT (mAdc)
IC, COLLECTOR CURRENT (mAdc)
Figure 12. Voltage Feedback Ratio
Figure 13. Output Admittance
http://www.weitron.com.tw
WEITRON
MMBT4403
S TAT IC C HA R A C T E R IS T IC S
hFE, NORMALIZED CURRENT GAIN 3.0 2.0 VCE = 1.0 V VCE = 10 V TJ = 125 C 25 C 1.0 0.7 0.5 0.3 0.2 0.1 - 55 C
0.2
0.3
0.5 0.7
1.0
2.0 3.0 5.0 7.0 10 20 I C, COLLECTOR CURRENT (mA)
30
50
70
100
200
300
500
Figure 14. DC Current Gain
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
1.0 0.8
0.6
IC = 1.0 mA
10 mA
100 mA
500 mA
0.4
0.2
0 0.005
0.01
0.02 0.03
0.05 0.07 0.1
0.2
0.3 0.5 0.7 1.0 IB, BASE CURRENT (mA)
2.0
3.0
5.0 7.0
10
20
30
50
Figure 15. Collector Saturation Region
1.0 0.8 TJ = 25 C COEFFICIENT (mV/ C) VBE(sat) @ I C/IB = 10 VBE(sat) @ V CE = 10 V 0.5 0 VC for VCE(sat) 0.5 1.0 1.5 2.0 2.5 0.1 0.2 VS for VBE 50 100 200 0.5 1.0 2.0 5.0 10 20 I C, COLLECTOR CURRENT (mA)
VOLTAGE (VOLTS)
0.6
0.4
0.2 VCE(sat) @ I C/IB = 10 0 0.1 0.2 50 100 200 0.5 1.0 2.0 5.0 10 20 I C, COLLECTOR CURRENT (mA) 500
500
Figure 16. On V oltages
"
"
Figure 17. T emperature Coefficients
WEITRON
http://www.weitron.com.tw
MMBT4403
SOT-23 Package Outline Dimensions
A
Unit:mm
TOP VIEW
B
C
E
G H
D
K J L M
Dim A B C D E G H J K L M
Min 0.35 1.19 2.10 0.85 0.46 1.70 2.70 0.01 0.89 0.30 0.076
Max 0.51 1.40 3.00 1.05 1.00 2.10 3.10 0.13 1.10 0.61 0.25
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of MMBT4403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X