Part Number Hot Search : 
06N60 G8ND2 PJP7N60 50400 EGL1F PW534320 ZMM5247B FR420
Product Description
Full Text Search
 

To Download MMBT4401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADVANCED INFORMATION
ADVANCED INFORMATION
MMBT4401
SMALL SIGNAL TRANSISTORS (NPN)
SOT-23
.122 (3.1) .118 (3.0) .016 (0.4) 3 .056 (1.43) .052 (1.33)
FEATURES
NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications.
Top View
As complementary type, the PNP transistor MMBT4403 is recommended. This transistor is also available in the TO-92 case with the type designation 2N4401.
1
2 max. .004 (0.1)
.007 (0.175) .005 (0.125)
.037(0.95) .037(0.95)
.045 (1.15) .037 (0.95)
MECHANICAL DATA
Case: SOT-23 Plastic Package Weight: approx. 0.008g Marking code: 2X
.016 (0.4)
.016 (0.4)
.102 (2.6) .094 (2.4)
Dimensions in inches and (millimeters) Pin configuration 1 = Base, 2 = Emitter, 3 = Collector.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified
SYMBOL
VALUE
UNIT
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Power Dissipation FR-5 Board,* TA=25C Derate above 25C Power Dissipation Alumina Substrate,** TA=25C Derate above 25C Thermal Resistance, Junction to Ambient FR-5 Board Alumina Substrate
VCBO VCEO VEBO IC Ptot
60 40 6.0 600 225 1.8 300 2.4 556 417 150 55 to +150
Volts Volts Volts mA mW mW/C mW mW/C C/W C C
Ptot
RQJA Tj TS
Junction Temperature Storage Temperature Range
*FR-5 = 1.0 x 0.75 x 0.062 in. **Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
2/18/99
MMBT4401
ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified SYMBOL MIN. MAX. UNIT
Collector-Base Breakdown Voltage at IC = 0.1 mA, IE = 0 Collector-Emitter Breakdown Voltage(1) at IC = 1 mA, IB = 0 Emitter-Base Breakdown Voltage at IE = 0.1 mA, IC = 0 Collector-Emitter Saturation Voltage at IC = 150 mA, IB = 15 mA at IC = 500 mA, IB = 50 mA Base-Emitter Saturation Voltage at IC = 150 mA, IB = 15 mA at IC = 500 mA, IB = 50 mA Collector Cutoff Current at VEB = 0.4 V, VCE = 35 V Base Cutoff Current at VEB = 0.4 V, VCE = 35 V DC Current Gain at VCE = 1 V, IC = at VCE = 1 V, IC = at VCE = 1 V, IC = at VCE = 1 V, IC = at VCE = 2 V, IC = 0.1 mA 1 mA 10 mA 150 mA(1) 500 mA(1)
V(BR)CBO V(BR)CEO V(BR)EBO
60 40 6.0

Volts Volts Volts
VCEsat VCEsat VBEsat VBEsat ICEX IBEV
0.75
0.40 0.75 0.95 1.20 100 100
Volts Volts Volts Volts nA nA
hFE hFE hFE hFE hFE hie hre fT CCBO CEBO
20 40 80 100 40 1 0.1 10-4 250
300 15 8 10-4 6.5 30
kW MHz pF pF
Input Impedance at VCE = 10 V, IC = 1 mA, f = 1 kHz Voltage Feedback Ratio at VCE = 10 V, IC = 1 mA, f = 1 kHz Current Gain-Bandwidth Product at VCE = 10 V, IC = 20 mA, f = 100 MHz Collector-Base Capacitance at VCB = 5 V,f = 1 MHz, IE=0 Emitter-Base Capacitance at VEB = 0.5 V,f = 1 MHz, IC=0
NOTES: (1) Pulse test: pulse width 300ms, cycle 2.0%
MMBT4401
ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified SYMBOL MIN. MAX. UNIT
Small Signal Current Gain at VCE = 10 V, IC = 1 mA, f = 1 kHz Output Admittance at VCE = 10 V, IC = 1 mA, f = 1 kHz Delay Time (see Fig. 1) at IB1 = 15 mA, IC = 150 mA VCC = 30 V, VBE = 40 V Rise Time (see Fig. 1) at IB1 = 15 mA, IC = 150 mA VCC = 30 V, VBE = 40 V Storage Time (see Fig. 2) at IB1 = IB2 = 15 mA, IC = 150 mA VCC = 30 V, IC = 150 mA Fall Time (see Fig. 2) at IB1 = IB2 = 15 mA, IC = 150 mA VCC = 30 V, IC = 150 mA
hfe hoe
40 1.0
500 30
mS ns
td
15
tr
20
ns
ts
225
ns
tf
30
ns
SWITCHING TIME EQUIVALENT TEST CIRCUIT
FIGURE 1 - TURN-ON TIME FIGURE 2 - TURN-OFF TIME
1.0 to 100 ms, DUTY CYCLE A 2% +16 V 0 -2 V < 2 ns 1kW
+30V 200W +16 V 0 C S* < 10 pF Scope rise time < 4ns *Total shunt capacitance of test jig, connectors and oscilloscope -14 V
1.0 to 100 ms, DUTY CYCLE A 2%
+30V 200W
1kW < 20 ns -4 V
C S* < 10 pF


▲Up To Search▲   

 
Price & Availability of MMBT4401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X