Part Number Hot Search : 
THC63 L1SS226L 2SK3665 04598484 30C45 LTC3539 AN202 OMT250
Product Description
Full Text Search
 

To Download MMBF5457LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBF5457LT1
Preferred Device
JFET - General Purpose Transistor
N-Channel
Features http://onsemi.com
* Pb-Free Package is Available
2 SOURCE
MAXIMUM RATINGS
Rating Drain-Source Voltage Drain-Gate Voltage Reverse Gate-Source Voltage Gate Current Symbol VDS VDG VGS(r) IG Value 25 25 -25 10 Unit Vdc Vdc Vdc mAdc
3 GATE
1 DRAIN
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board (Note 1) (TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 RqJA TJ, Tstg 556 -55 to +150 Unit
1
3
mW mW/C C/W C
SOT-23 (TO-236) CASE 318 STYLE 10
2
MARKING DIAGRAM
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. FR-5 = 1.0 0.75 0.062 in.
6MG G 1 6 = Specific Device Code M = Date Code* G = Pb-Free Package (Note: Microdot may be in either location) *Date Code orientation and/or overbar may vary depending upon manufacturing location.
ORDERING INFORMATION
Device MMBF5457LT1 MMBF5457LT1G Package SOT-23 SOT-23 (Pb-Free) Shipping 3000/Tape & Reel 3000/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2005
1
July, 2005 - Rev. 4
Publication Order Number: MMBF5457LT1/D
MMBF5457LT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Gate-Source Breakdown Voltage (IG = 10 mAdc, VDS = 0) Gate Reverse Current (VGS = 15 Vdc, VDS = 0) (VGS = 15 Vdc, VDS = 0, TA = 100C) Gate Source Cutoff Voltage (VDS = 15 Vdc, ID = 10 nAdc) Gate Source Voltage (VDS = 15 Vdc, ID = 100 mAdc) ON CHARACTERISTICS Zero-Gate-Voltage Drain Current (Note 2) (VDS = 15 Vdc, VGS = 0) SMALL-SIGNAL CHARACTERISTICS Forward Transfer Admittance (Note 2) (VDS = 15 Vdc, VGS = 0, f = 1.0 kHz) Output Common Source Admittance (VDS = 15 Vdc, VGS = 0, f = 1.0 kHz) Input Capacitance (VDS = 15 Vdc, VGS = 0, f = 1.0 MHz) Reverse Transfer Capacitance (VDS = 15 Vdc, VGS = 0, f = 1.0 MHz) 2. Pulse Test: Pulse Width 630 ms, Duty Cycle 10%. |Yfs| |yos| Ciss Crss 1000 - - - - 10 4.5 1.5 5000 50 7.0 3.0 mmhos mmhos pF pF IDSS 1.0 - 5.0 mAdc V(BR)GSS IGSS - - VGS(off) VGS -0.5 - - - - -2.5 -1.0 -200 -6.0 - Vdc Vdc -25 - - Vdc nAdc Symbol Min Typ Max Unit
http://onsemi.com
2
MMBF5457LT1
TYPICAL CHARACTERISTICS
14 12 NF, NOISE FIGURE (dB) 10 8 6 4 2 0 0.001 0.01 0.1 1.0 RS, SOURCE RESISTANCE (Megohms) 10 VDS = 15 V VGS = 0 f = 1 kHz
Figure 1. Noise Figure versus Source Resistance
1.2 1.0 0.8 0.6 0.4 0.2 0 -0.2 V 1.2 VGS = 0 V I D , DRAIN CURRENT (mA) 1.0 0.8 VDS = 15 V 0.6 0.4 0.2 0 -1.2
VGS(off) ^ -1.2 V
VGS(off) ^ -1.2 V
I D , DRAIN CURRENT (mA)
-0.4 V -0.6 V -0.8 V -1.0 V 0 5 10 15 20 VDS, DRAIN-SOURCE VOLTAGE (VOLTS) 25
-0.8 -0.4 VGS, GATE-SOURCE VOLTAGE (VOLTS)
0
Figure 2. Typical Drain Characteristics
Figure 3. Common Source Transfer Characteristics
http://onsemi.com
3
MMBF5457LT1
TYPICAL CHARACTERISTICS
5 VGS = 0 V I D , DRAIN CURRENT (mA) I D , DRAIN CURRENT (mA) 4 VGS(off) ^ -3.5 V 3 -1 V
5 VGS(off) ^ -3.5 V 4
3 VDS = 15 V 2
2 -2 V -3 V 0 0 10 15 20 VDS, DRAIN-SOURCE VOLTAGE (VOLTS) 5 25
1
1
0 -5
-3 -2 -1 -4 VGS, GATE-SOURCE VOLTAGE (VOLTS)
0
Figure 4. Typical Drain Characteristics
Figure 5. Common Source Transfer Characteristics
10
10 VGS = 0 V I D , DRAIN CURRENT (mA) I D , DRAIN CURRENT (mA) 8 VGS(off) ^ -5.8 V -1 V 6 -2 V 4 -3 V 2 0 0 5 10 15 20 VDS, DRAIN-SOURCE VOLTAGE (VOLTS) 25 -4 V -5 V
VGS(off) ^ -5.8 V
8
6 VDS = 15 V 4
2 0 -7
-6
-5 -4 -3 -2 -1 VGS, GATE - SOURCE VOLTAGE (VOLTS)
0
Figure 6. Typical Drain Characteristics
Figure 7. Common Source Transfer Characteristics
Note: Graphical data is presented for dc conditions. Tabular data is given for pulsed conditions (Pulse Width = 630 ms, Duty Cycle = 10%). Under dc conditions, self heating in higher IDSS units reduces IDSS.
http://onsemi.com
4
MMBF5457LT1
PACKAGE DIMENSIONS
SOT-23 (TO-236) CASE 318-08 ISSUE AL
D
3 1 2
E HE
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. DIM A A1 b c D E e L HE MIN 0.89 0.01 0.37 0.09 2.80 1.20 1.78 0.35 2.10 MILLIMETERS NOM MAX 1.00 1.11 0.06 0.10 0.44 0.50 0.13 0.18 2.90 3.04 1.30 1.40 1.90 2.04 0.54 0.69 2.40 2.64 MIN 0.035 0.001 0.015 0.003 0.110 0.047 0.070 0.014 0.083 INCHES NOM 0.040 0.002 0.018 0.005 0.114 0.051 0.075 0.021 0.094 MAX 0.044 0.004 0.020 0.007 0.120 0.055 0.081 0.029 0.104
e
A b A1 L C
STYLE 10: PIN 1. DRAIN 2. SOURCE 3. GATE
SOLDERING FOOTPRINT*
0.95 0.037
0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
5
MMBF5457LT1
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
MMBF5457LT1/D


▲Up To Search▲   

 
Price & Availability of MMBF5457LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X