Part Number Hot Search : 
MAX8814 BR604 2N1574 44A0212 0805E 2AS10DC5 AM9926N 1205S
Product Description
Full Text Search
 

To Download MMBD6050LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Switching Diode MMBD6050LT1
3 CATHODE 1 ANODE
3
1
MAXIMUM RATINGS
Rating Reverse Voltage Forward Current Peak Forward Surge Current Symbol VR IF I FM(surge) Value 70 200 500 Unit Vdc mAdc mAdc
CASE
2
318-08, STYLE8
SOT- 23 (TO-236AB)
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board (1) T A = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) T A = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 556 300 2.4 417 -55 to +150 Unit mW mW/C C/W mW mW/C C/W C
R JA PD
R JA T J , T stg
DEVICE MARKING
MMBD6050LT1 = 5A
ELECTRICAL CHARACTERISTICS (T
Characteristic
A
= 25C unless otherwise noted) Symbol V (BR) I Min 70 -- Max -- 0.1 Unit Vdc
OFF CHARACTERISTICS
Reverse Breakdown Voltage (I (BR) = 100 Adc) Reverse Voltage Leakage Current (V R = 50 Vdc) Forward Voltage (I F = 1.0 mAdc) (I F = 100 mAdc) Reverse Recovery Time (I F = I R = 10 mAdc,I R(REC)=1.0mAdc) (Figure 1) Capacitance(V R= 0V) 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
R
Adc
Vdc
VF 0.55 0.85 t rr C -- -- 0.7 1.1 4.0 2.5
ns pF
G22-1/2
LESHAN RADIO COMPANY, LTD.
MMBD6050LT1
820 2.0 k 0.1F tr tp 10% t IF t rr t
+10 V
100 H
IF
0.1 F
50 OUTPUT PULSE GENERATOR
DUT
50 INPUT SAMPLING OSCILLOSCOPE
90%
i
R(REC)
= 1.0 mA
INPUT SIGNAL V
R
IR
OUTPUT PULSE (I F = I R = 10 mA; MEASURED at i
R(REC)
= 1.0 mA)
Notes: 1. A 2.0 k variable resistor adjusted for a Forward Current (I F ) of 10mA. Notes: 2. Input pulse is adjusted so I R(peak) is equal to 10mA. Notes: 3. t p t rr
Figure 1. Recovery Time Equivalent Test Circuit
TYPICAL CHARACTERISTICS
100 10
I F , FORWARD CURRENT (mA)
T A = 85C
10
I R, REVERSE CURRENT ( A)
T A =150C T A =125C
1.0
T A= -40C
T A =85C
0.1
T A = 25C
1.0
T A =55C
0.01
0.1 0.2 0.4 0.6 0.8 1.0 1.2
0.001 0 10
T A =25C
20 30 40 50
V F , FORWARD VOLTAGE (VOLTS)
V R , REVERSE VOLTAGE (VOLTS)
Figure 2. Forward Voltage
Figure 3. Leakage Current
0.68
C D , DIODE CAPACITANCE (pF)
0.64
0.60
0.56
0.52 0 2.0 4.0 6.0 8.0
V R , REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
G22-2/2


▲Up To Search▲   

 
Price & Availability of MMBD6050LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X