Part Number Hot Search : 
LT1085IG 960T63 LMC710 SK432 2A100 IR2110E4 SNC21340 BU508
Product Description
Full Text Search
 

To Download MM1431AN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUMI
Precision Adjustable Shunt Regulator MM1530 AT/AN
Precision Adjustable Shunt Regulator
Monolithic IC MM1530 AT/AN
Outline
The MM1530AT/AN is 3-termial adjustable shunt regulator, which provides a highly accurate 0.8% bandgap reference voltage. The output voltage can be adjusted to any value between reference voltage VREF and 12 volts with two external resistors. Moreover, there are a lot of ranges of the application as a zener diode besides the replacement is possible because it has steep turn-on characteristics.
Features
1. Reference voltage tolerance 2. Output voltage can be adjusted 3. Low Dynamic Output Impedance VREF=1.260V0.8% VREFVo12V ZKA =0.13 typ.
Package
TO-92 (TAPING) SOT-25A
Pin Assignment
1 1 2 3 1 2 3 Reference Anode Cathode 1 2 3 5 4 2 3 4 5 SOT-25A (TOP VIEW) note:The second terminal is SUB, so connect the terminal to GND.
NC SUB Cathode Reference Anode
TO-92 (TAPING)
MITSUMI
Precision Adjustable Shunt Regulator MM1530 AT/AN
Equivalent Circuit Diagram
3 VK
REF 1
2 VA
* TO-92 Package
Absolute Maximum Ratings (Ambient Temperature, Ta=25C)
Item Operating Temperature Storage Temperature Cathode to Anode voltage Cathode current Reference input current Allowable loss Symbol TOPR TSTG VKA IK IREF Pd Ratings -30~+85 -40~+125 12 50 50 500 (TO-92) 150 (SOT-25A) Unit C C V mA A mW
Recommended Operating Conditions
Cathode to Anode voltage Cathode current
(Ambient Temperature, Ta=25C) VREF~12 1~30 V mA
VKA IK
MITSUMI
Precision Adjustable Shunt Regulator MM1530 AT/AN
Electrical Characteristics
Item Reference voltage Reference voltage deviation over temperature range Lord regulation Reference input current Reference input current deviation over temperature range Minimum Cathode Current Off-state Cathode Current Dynamic Impedance
(Ambient Temperature, Ta=25C) Measurement conditions VKA=VREF VKA=VREF Ta=0~+70C VKA=VREF, VREF < VKA < 5V = = < VKA < 12V 5V = = VKA=VREF R1=10K, R2= VKA=VREF, R1=10K, R2= Ta=0~+70C VKA=VREF, VREF=2% Min. Typ. Max. Unit 1.250 1.260 1.270 3 1.0 1.0 2 0.3 0.15 0.1 0.13 12 2.7 2.0 4 1.2 0.3 1.0 0.5 V mV mV/V mV/V A A mA A
Symbol VREF VREF/ Ta VREF / VKA IREF IREF/ Ta IKmin. IOFF ZKA
VKA=12V, VREF=0V VKA=VREF, f < 1kHz IK=1~30mA =
Measuring Circuit
(1) VKA=VREF (3) IOFF
> (2) VKA = VREF Vo=VKA=VREF
(4) Open Loop Voltage Gain
MITSUMI
Precision Adjustable Shunt Regulator MM1530 AT/AN
Characteristics
High Voltage Operating Characteristics
1200
Input Current
4
Cathode Current IK (mA)
1000 800 600 400 200 0 0 0.5 1 1.5
Input Current IRef (A)
3
2
1
0 -50
0
50
100
150
Cathode Voltage VKA (V)
Ambient Temperature Ta (C)
Low Current Operating Characteristics
1
Reference Voltage
1.3
Cathode Current IK (A)
0.8 0.6 0.4 0.2 0 -0.2 0 10 20 30
Reference Voltage (V)
1.28 1.26 1.24 1.22 1.2 0 5 10 15 20 25
Cathode Voltage VKA (V)
Cathode Voltage VKA (V)
Detection Voltage Character
Reference Voltage VRef (V)
1.3
Off State Leakage
1
Off-state Cathode Current IOFF (mA)
1.28 1.26 1.24 1.22 1.2 -50
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -50
0
50
100
150
0
50
100
150
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
MITSUMI
Precision Adjustable Shunt Regulator MM1530 AT/AN
Dynamic Output Impedance
100
Open loop Voltage Gain * Phase
Open Loop Voltage Gain * Phase AV (dB)
200 150 100 50 0
Dynamic Impedance (ZKA) ()
10
10V 1 7.5V 5V 2.5V 1k 10k 100k 1M 10M
0.1
-50 1k 10k 100k 1M 10M
Frequency f (Hz)
Frequency f (Hz)
Pulse Response
6 5 VIN 4 3 2 VOUT 1 0 0 10 20 30
Stability Boundary Conditions
3
Input And Output Voltage VIN VOUT (V)
Cathode Current IK (mA)
2.5 2 1.5 1 0.5 0 00.1 0.01 0.1 1 10
Time t (s)
Load Capacitance CL (F)
Notes concerning stability operation region The MM1431AT/AN requires external capasitors for regulator stability. These capacitors must be correctly selected for good performance.


▲Up To Search▲   

 
Price & Availability of MM1431AN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X