Part Number Hot Search : 
SMV1406 4AHC1G RC207 MAX6482B CSE2450 133TQI Z08530 PD55FG40
Product Description
Full Text Search
 

To Download MLL14KESD70 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MLL14KESD5.0 thru MLL14KESD170A SURFACE MOUNT TVS
SCOTTSDALE DIVISION
DESCRIPTION These surface mount Transient Voltage Suppressor (TVS) devices feature the ability to clamp dangerous high voltage short-term transients such as produced by direct or radiated electro-static discharge phenomena before entering sensitive component regions of a circuit design. They are small economical TVSs targeted primarily for short term transients below a few microseconds while still achieving significant peak-pulse-power capability as seen in Figure 1.
APPEARANCE
WWW . Microsemi .C OM
DO-213AB
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
FEATURES
* Excellent protection in clamping direct ESD level transients in excess of 40,000 V per MIL-STD-750, Method 1020 (approx. 150 ns exponential wave) * Absorbs ESD level transients of 14,000 Watts per MIL-STD-750, Method 1020 (approximately 150 ns exponential wave, or one microsecond transients up to 4000 watts. See Figure #1 and #2 for overall transient Peak Pulse Power. * Clamps Transients in less than 100 picoseconds * Working Stand-off Voltage range of 5V to 170V * Hermetic DO-213AB package. Also available in axial-leaded DO-41package (see separate data sheet for 14KESD5.0 series)
APPLICATIONS / BENEFITS
* Protects Sensitive circuits from short duration fast rise time transients such as Electrostatic Discharge (ESD) or Electrical Fast Transients (EFT) * Minimal capacitance (See Figure #3) * Small surface-mount footprint for high density mounting * Bidirectional features available by adding a "C" or "CA" suffix to part number
MAXIMUM RATINGS
* 4000 Watts for One Microsecond Square Wave or 14,000 watts per ESD Wave form of MIL-STD-750, method 1020. * See Surge Rating curve in Figures #1 and 2. * Operating and storage temperature -65oC to 175oC * Thermal Resistance: 40 C/W junction to end cap, or 120C/W junction to ambient when mounted on FR4 PC board (1 oz Cu) with recommended footprint (see last page) * Steady-State Power: 1.50 watts at TEC < 115oC, or 1.25 watts at TA = 25C when mounted on FR4 PC board and recommended footprint as described for thermal resistance (also see Figure 1) * Derate at 22.8 W/oC above 25oC for PPP (1s) and at 15 mW/oC above 75oC for dc power. * Forward Surge Current 500 amps for 1s at TL = o 25 C (rise time > 100 ns).
MECHANICAL AND PACKAGING
* CASE: Hermetically sealed DO-213AB glass MELF package * TERMINALS: End caps, tin-lead plated solderable per MIL-STD-750, method 2026 * POLARITY: Cathode indicated by band. * MARKING: Cathode band only * TAPE & REEL optional: Standard per EIA-481-B with 12 mm tape, 1500 per 7 inch reel or 5000 per 13 inch reel (add "TR" suffix to part number) * WEIGHT: 0.05 grams * See package dimensions on last page
MLL14KESD5.0 thru MLL14KESD170A
Copyright 2002 10-03-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
MLL14KESD5.0 thru MLL14KESD170A SURFACE MOUNT TVS
SCOTTSDALE DIVISION
ELECTRICAL CHARACTERISTICS
REVERSE STAND-OFF VOLTAGE VWM VOLTS
5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 36 36 40 40 43 43 45
WWW . Microsemi .C OM
TYPE NUMBER
MLL14KESD5.0 MLL14KESD5.0A MLL14KESD6.0 MLL14KESD6.0A MLL14KESD6.5 MLL14KESD6.5A MLL14KESD7.0 MLL14KESD7.0A MLL14KESD7.5 MLL14KESD7.5A MLL14KESD8.0 MLL14KESD8.0A MLL14KESD8.5 MLL14KESD8.5A MLL14KESD9.0 MLL14KESD9.0A MLL14KESD10 MLL14KESD10A MLL14KESD11 MLL14KESD11A MLL14KESD12 MLL14KESD12A MLL14KESD13 MLL14KESD13A MLL14KESD14 MLL14KESD14A MLL14KESD15 MLL14KESD15A MLL14KESD16 MLL14KESD16A MLL14KESD17 MLL14KESD17A MLL14KESD18 MLL14KESD18A MLL14KESD20 MLL14KESD20A MLL14KESD22 MLL14KESD22A MLL14KESD24 MLL14KESD24A MLL14KESD26 MLL14KESD26A MLL14KESD28 MLL14KESD28A MLL14KESD30 MLL14KESD30A MLL14KESD33 MLL14KESD33A MLL14KESD36 MLL14KESD36A MLL14KESD40 MLL14KESD40A MLL14KESD43 MLL14KESD43A MLL14KESD45
BREAK DOWN VOLTAGE VBR MINIMUM V(BR) VOLTS
6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0
BREAKDOWN CURRENT I(BR) mA
10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
MAXIMUM STANDBY CURRENT ID @ VWM A
600 600 600 600 400 400 150 150 50 50 25 25 5 5 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
MAXIMUM CLAMPING VOLTAGE VC @ IPP VOLTS
17.1 16.8 18.5 17.6 20.1 19.0 21.6 20.5 23.2 21.9 24.8 23.4 26.2 24.8 27.8 26.4 30.9 29.3 33.9 32.1 37.0 35.0 40.0 37.9 43.4 41.0 46.4 42.2 45.5 41.3 41.8 39.8 42.2 37.9 41.9 37.4 40.7 38.5 44.5 42.2 48.2 45.6 51.8 49.1 55.5 52.6 61.2 58.0 66.7 63.2 74.0 70.1 79.7 75.5 83.3
PEAK PULSE CURRENT IPP** AMPS
233.6 238.8 215.9 227.9 199.5 210.5 185.0 195.4 172.6 182.4 161.6 170.9 152.8 161.3 144.1 151.7 129.5 136.8 118.0 124.5 108.1 114.3 100.0 105.6 92.2 97.6 86.2 94.7 87.8 97.0 95.7 100.5 94.8 105.6 95.4 107.1 98.4 103.9 83.9 94.9 83.1 87.7 77.2 81.4 72.1 76.1 65.4 69.0 60.0 63.3 54.0 57.0 50.2 53.0 48.0
MLL14KESD5.0 thru MLL14KESD5.0 thru MLL14KESD170A MLL14KESD170A
Copyright 2002 10-03-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
MLL14KESD5.0 thru MLL14KESD170A SURFACE MOUNT TVS
SCOTTSDALE DIVISION
TYPE NUMBER
MLL14KESD45A MLL14KESD48 MLL14KESD48A MLL14KESD51 MLL14KESD51A MLL14KESD54 MLL14KESD54A MLL14KESD58 MLL14KESD58A MLL14KESD60 MLL14KESD60A MLL14KESD64 MLL14KESD64A MLL14KESD70 MLL14KESD70A MLL14KESD75 MLL14KESD75A MLL14KESD78 MLL14KESD78A MLL14KESD85 MLL14KESD85A MLL14KESD90 MLL14KESD90A MLL14KESD100 MLL14KESD100A MLL14KESD110 MLL14KESD110A MLL14KESD120 MLL14KESD120A MLL14KESD130 MLL14KESD130A MLL14KESD150 MLL14KESD150A MLL14KESD160 MLL14KESD160A MLL14KESD170 MLL14KESD170A
REVERSE STAND-OFF VOLTAGE VWM VOLTS
45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170
BREAKDOWN VOLTAGE VBR MINIMUM V(BR) VOLTS
50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100.0 100.0 111.0 111.0 122.0 122.0 133.0 133.0 144.0 144.0 167.0 167.0 178.0 178.0 189.0 189.0
BREAKDOWN CURRENT I(BR) mA
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
MAXIMUM STANDBY CURRENT ID @ VWM A
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
MAXIMUM CLAMPING VOLTAGE VC @ IPP VOLTS
79.0 88.8 84.2 94.5 89.6 100.0 94.7 107.4 101.7 111.2 105.3 118.5 112.3 129.7 122.9 139.0 131.5 144.5 136.9 157.1 148.8 166.5 158.3 185.3 175.5 203.3 192.8 222.0 210.0 240.0 227.3 278.3 264.0 297.0 281.2 315.0 298.5
PEAK PULSE CURRENT IPP** AMPS
50.6 45.0 47.5 42.3 44.6 40.0 42.2 37.2 39.3 36.0 38.0 33.7 35.6 30.8 32.5 28.8 30.4 27.7 29.2 25.4 26.9 24.0 25.3 21.6 22.8 19.7 20.7 18.0 19.0 16.7 17.6 14.4 15.2 13.5 14.2 12.7 13.4
WWW . Microsemi .C OM
* For bidirectional, add a "C" or "CA" suffix after the part number, e.g. MLL14KESD5.0C or MLL14KESD5.0CA for the MLL14KESD5.0 or MLL14KESD5.0A part numbers respectively. Capacitance will be one-half that shown in Figure 3 for zero volts. ** At 4000 watts 1s square wave rating (See Figures 1 and 2).
GRAPHS
PPP - Peak Pulse Power
MLL14KESD5.0 thru MLL14KESD170A
tp - Pulse Time FIGURE 1 Peak Pulse Power vs. Pulse Width
(*Exponential Wave Form Pulse Width to 50% Decay of Peak.) Copyright 2002 10-03-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
MLL14KESD5.0 thru MLL14KESD170A SURFACE MOUNT TVS
SCOTTSDALE DIVISION
WWW . Microsemi .C OM
Clamping Factor VC/V(BR)
FIGURE 3 FIGURE 2 Capacitance vs. V(BR) for unidirectional. Clamping Factor vs. Breakdown Voltage for Various Power Levels For bidirectional, value is one-half that shown at zero volts.
Breakdown Voltage V(BR) in Volts
PACKAGE DIMENSIONS
DIM A B C
INCHES MIN MAX 0.189 0.205 0.094 0.102 0.016 0.022
MILLIMETERS MIN MAX 4.80 5.20 2.39 2.66 0.41 0.55
MLL14KESD5.0 thru MLL14KESD5.0 thru MLL14KESD170A MLL14KESD170A
Copyright 2002 10-03-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4


▲Up To Search▲   

 
Price & Availability of MLL14KESD70

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X