Part Number Hot Search : 
AR5004 AD8368 1SS337 133AX WM876211 BR101 101BE AGM1216B
Product Description
Full Text Search
 

To Download MBRS1100T3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRS1100T3, MBRS190T3
Preferred Devices
Schottky Power Rectifier
Surface Mount Power Package
Schottky Power Rectifiers employ the use of the Schottky Barrier principle in a large area metal-to-silicon power diode. State-of-the-art geometry features epitaxial construction with oxide passivation and metal overlay contact. Ideally suited for low voltage, high frequency rectification, or as free wheeling and polarity protection diodes, in surface mount applications where compact size and weight are critical to the system. These state-of-the-art devices have the following features:
Features
http://onsemi.com
SCHOTTKY BARRIER RECTIFIER 1.0 AMPERE 90, 100 VOLTS
* * * * * * *
Pb-Free Packages are Available Small Compact Surface Mountable Package with J-Bend Leads Rectangular Package for Automated Handling Highly Stable Oxide Passivated Junction High Blocking Voltage - 100 Volts 175C Operating Junction Temperature Guardring for Stress Protection
SMB CASE 403A PLASTIC
MARKING DIAGRAM
AYW B1xG B1 x A Y W G = Device Code = C for MBRS1100T3 9 for MBRS190T3 = Assembly Location = Year = Work Week = Pb-Free Package
Mechanical Characteristics
* Case: Epoxy, Molded * Weight: 95 mg (approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal * * *
Leads are Readily Solderable Lead and Mounting Surface Temperature for Soldering Purposes: 260C Max. for 10 Seconds Shipped in 12 mm Tape and Reel, 2500 units per reel Cathode Polarity Band
MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage MBRS190T3 MBRS1100T3 Average Rectified Forward Current TL = 163C TL = 148C Non-Repetitive Peak Surge Current (Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz) Operating Junction Temperature (Note 1) Voltage Rate of Change Symbol VRRM VRWM VR IF(AV) 1.0 2.0 IFSM 50 A Value Unit V 90 100 A
Preferred devices are recommended choices for future use and best overall value.
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
TJ dv/dt
-65 to +175 10
C V/ns
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. The heat generated must be less than the thermal conductivity from Junction-to-Ambient: dPD/dTJ < 1/RqJA.
(c) Semiconductor Components Industries, LLC, 2007
1
March, 2007 - Rev. 9
Publication Order Number: MBRS1100T3/D
MBRS1100T3, MBRS190T3
THERMAL CHARACTERISTICS
Rating Thermal Resistance - Junction-to-Lead (TL = 25C) Symbol RqJL Value 22 Unit C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 1) (iF = 1.0 A, TJ = 25C) Maximum Instantaneous Reverse Current (Note 1) (Rated dc Voltage, TJ = 25C) (Rated dc Voltage, TJ = 100C) 1. Pulse Test: Pulse Width = 300 ms, Duty Cycle 2.0%. VF IR 0.5 5.0 0.75 V mA
ORDERING INFORMATION
Device MBRS1100T3 MBRS1100T3G MBRS190T3 MBRS190T3G Marking B1C B1C B19 B19 Package SMB SMB (Pb-Free) SMB SMB (Pb-Free) Shipping 2500 Tape & Reel 2500 Tape & Reel 2500 Tape & Reel 2500 Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
MBRS1100T3, MBRS190T3
TYPICAL ELECTRICAL CHARACTERISTICS
i F, INSTANTANEOUS FORWARD CURRENT (AMPS) 20 10 5 2 1 0.5 0.2 0.1 0.05 0.02 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 TJ = 150C 1K 400 200 100 40 20 10 4 2 1 0.4 0.2 0.1 0.04 0.02 0.01
I R , REVERSE CURRENT (A)
TJ = 150C 125C 100C
100C 25C
25C 0 10 20 30 40 50 60 70 80 90 100 VR, REVERSE VOLTAGE (VOLTS)
vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current*
*The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these curves if VR is sufficient below rated VR.
PF(AV), AVERAGE POWER DISSIPATION (WATTS)
2.8 2.4 2.0 1.6 1.2 0.8 0.4 0 0 0.5
I F(AV), AVERAGE FORWARD CURRENT (AMPS)
3.2 TJ = 100C
2.0 DC
1.5
SQUARE WAVE DC
1.0
SQUARE WAVE
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0 145
150
155
160
165
170
175
180
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
TC, CASE TEMPERATURE (C)
Figure 3. Power Dissipation
Figure 4. Current Derating, Case, Per Leg
TYPICAL ELECTRICAL CHARACTERISTICS
280 260 240 220 200 180 160 140 120 100 80 60 40 20 0
NOTE: TYPICAL CAPACITANCE NOTE: AT 0 V = 270 pF
C, CAPACITANCE (pF)
0.1
0.2
0.5
1
2
5
10
20
50
100
VR, REVERSE VOLTAGE (VOLTS)
Figure 5. Typical Capacitance http://onsemi.com
3
MBRS1100T3, MBRS190T3
PACKAGE DIMENSIONS
SMB PLASTIC PACKAGE CASE 403A-03 ISSUE F
HE E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. D DIMENSION SHALL BE MEASURED WITHIN DIMENSION P. DIM A A1 b c D E HE L L1 MIN 1.90 0.05 1.96 0.15 3.30 4.06 5.21 0.76 MILLIMETERS NOM MAX 2.13 2.45 0.10 0.20 2.03 2.20 0.23 0.31 3.56 3.95 4.32 4.60 5.44 5.60 1.02 1.60 0.51 REF MIN 0.075 0.002 0.077 0.006 0.130 0.160 0.205 0.030 INCHES NOM 0.084 0.004 0.080 0.009 0.140 0.170 0.214 0.040 0.020 REF MAX 0.096 0.008 0.087 0.012 0.156 0.181 0.220 0.063
b
D
A
L
L1
c
A1
SOLDERING FOOTPRINT*
2.261 0.089
2.743 0.108
2.159 0.085
SCALE 8:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
4
MBRS1100T3/D


▲Up To Search▲   

 
Price & Availability of MBRS1100T3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X