Part Number Hot Search : 
13003 FN4A3Q SIC403 90020 D201ED 4232AUA GDM1604 LS3958
Product Description
Full Text Search
 

To Download IM1007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
HIGH PERFORMANCE MICROSTEPPING DRIVER
FEATURES
* Low Cost * Extremely Small (5.9 x 3.0 x 1.1 inches) (149 x 76.2 x 29 mm) * High Input Voltage (+80 V) * High Output Current (7 Amps RMS, 10 Amps Peak) * Advanced Surface Mount and ASIC Technology * No Minimum Inductance * Single Supply * Microstep Resolutions Can Be Changed On-The-Fly Without Loss of Motor Position * Up to 2 MHz Step Clock Rate * All Inputs Opto-Isolated * Adjustable Automatic Current Reduction * Current Boost Mode * 20 kHz Chopping Rate * Short Circuit, Over/Under Voltage and Over Temperature Protection * Removable Screw Type Terminal Connectors * Automatically Switches between Slow and Fast Decay for Unmatched Performance * 14 Selectable Resolutions Both in Decimal and Binary * Up to 51,200 Steps/Rev * Fault Output * At Full Step Output * Optional On-board Indexer and Encoder Feedback
DESCRIPTION
The IM1007 is a high performance, low cost microstepping driver that in cor po rates advanced surface mount and ASIC technology. The IM1007 is small, easy to interface and use, yet powerful enough to handle the most demanding applications. The IM1007 has 14 different resolutions (both in binary and decimal) built into the driver. These resolutions can be changed at any time. There is no need to reset the driver. This feature allows the user to rapidly move long distances, yet precisely position the motor at the end of travel without the expense of high performance controllers. The development of proprietary circuits has minimized ripple current, while maintaining a 20 kHz chopping rate. This prevents additional motor heating that is common with drivers requiring higher chopping rates. Now low inductance stepper motors can be used to improve high speed performance and system efficiency. The IM1007 also comes with an optional on-board indexer to provide design engineers with versatility and power unmatched in today's industry. The IM1007 is priced lower to provide customers with affordable state-of-the-art technology for that competitive edge needed in today's market.
REV101805
BLOCK DIAGRAM
ELECTRICAL SPECIFICATIONS
Input Voltage* ...................................................................................................................................... +24 to +80 Volts Drive Current Per Phase .............................................................................2 to 10 Amps Peak (Max 7 Amps RMS) Isolated Inputs ............................................................... Microstep Resolution 1- 4, Step Clock, Direction, Enable & Reset Step Frequency (Max) ..................................................................................................1.8 MHz (10 MHz -HS Option) Steps per Revolution - 1.8 Motor ............................................... 400, 800, 1000, 1600, 2000, 3200, 5000, 6400, 10000, 12800, 25000, 25600, 50000, 51200 Protection ....................................................................... Over Temperature, Over/Under Voltage and All Way Short Circuit
*Includes Motor Back EMF, Power Supply Ripple and High Line Conditions. Recommended Power Supply: ISP300-7.
PIN ASSIGNMENTS
CONNECTOR P1 PIN
1 2 3 4 5 6 7 8 9
TEMPERATURE
CONNECTOR P2 PIN
1 2 3 4 5 6 7 8 9 10
FUNCTION
Microstep Resolution Select 1 Microstep Resolution Select 2 Microstep Resolution Select 3 Microstep Resolution Select 4 Opto Supply Step Clock Direction Reset Enable Output
FUNCTION
Full Step Fault Reduction Adjust Current Adjust Ground +V (+24 to +80 VDC) Phase B Phase /B Phase A Phase /A
Storage ........................................................ -40 to +125 C Case (Max)* *......................................................0 to +70 C
* External heat sink may be required to maintain case temperature. *
ORDER INFORMATION
Name Part Number
10 Current Reduction
Microstepping Motor Driver................................... IM1007 High Speed Inputs (10 MHz) ...... add -HS to basic part # Heat Sink .................................................................. H-1000 Thermal Pad...........................................................TN-1000 10 Pin Terminal Strips (pair) ..................................... TS-10
MECHANICAL SPECIFICATIONS
Dimensions in Inches (mm)



















REV101805


▲Up To Search▲   

 
Price & Availability of IM1007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X