Part Number Hot Search : 
GDZJ11C UPLXXX NT3980 BC25B ISPLSI LTC1318 TSOP11 P6KE15CA
Product Description
Full Text Search
 

To Download ICTE-10MPTE-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Avalanche Diodes
1500 Watt Axial Leaded Transient Voltage Suppressors
ICTE/MPTE Series
The ICTE/MPTE series 1500 W transient suppressors are designed specifically for protection of CMOS, NMOS, BiMOS, and other integrated circuits available today for TTL, DTL, ECL, RTL, and linear functions. This series offers the lowest clamping voltages.
(R)
6
SILICON DIODE ARRAYS
Max 1.066 Min 25.4 4.826 5.207 9.146 9.527 Min 25.4
FEATURES
* Stand-off voltage range 5 to 45 Volts * Uni-directional and Bi-directional * Glass passivated junction * Very low clamping voltages * 100% surge tested
MAXIMUM RATING
* Peak Pulse Power (Ppk): 1500 Watts (10 x 1000s) @25C
(see diagram on page 3 for wave form)
* 5 watt steady state * Response time: 1 x 10-12 seconds (theoretical) * Forward surge rating 200 Amps, 8.3ms half sine wave, (uni-
directional devices only)
* Operating & storage temperature: -55C to +150C
MECHANICAL CHARACTERISTICS
* Case: DO-201AD: Molded plastic over glass
passivated junction
* Terminals: Axial leads, solderable per MIL-STD-202
Method 208
* Solderable leads = 230C for 10 seconds (1.59mm from case) * Marking: cathode band, (positive terminal, uni-directional
devices only), device code, logo
* Weight: 1.5 grammes (approx)
Agency Approvals: Recognized under the Components Program of Underwriters Laboratories. Agency File Number: E128662
All dimensions in mm
ORDERING INFORMATION
ICTE or MPTE C
Voltage Bi-Directional Packaging Option B = Bulk (500 pcs) T = Tape and reeled (1500 pcs)
w w w. l i t t e l f u s e . c o m
307
Silicon Avalanche Diodes
1500 Watt Axial Leaded Transient Voltage Suppressors
ICTE/MPTE Series
100,000 Measured at Zero Bias 10,000 Cj (pf) 1000 TJ=2 5C f=1.0 MHz Vsig=50mVp-p 100 1 2 5 10 20 50 100 200 Measured at Stand-Off Voltage (VR)
10 Pp (kw) 1.0
(R)
100
0.1
1s
1.0s
10s
100s
1.0ms
10ms
Pulse width (tp)
V(BR) -
Pulse Width (tp)
Breakdown Voltage - Volts
Figure 2 - Peak Pulse Power Rating Curve
Figure 1 - Typical Junction Capacitance
ELECTRICAL SPECIFICATION @ Tamb 25C
Part Number Reverse Standoff Voltage Vr (Volts) 5.0 8.0 10.0 12.0 15.0 18.0 22.0 36.0 45.0 8.0 10.0 12.0 15.0 18.0 22.0 36.0 45.0 Minimum Breakdown Voltage Vbr @1mA (Volts) 6.0 9.4 11.7 14.1 17.6 21.2 25.9 42.4 52.9 9.4 11.7 14.1 17.6 21.2 25.9 42.4 52.9 Maximum Reverse Leakage Ir @ Vr (A) 300.0 25.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 50.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0
Maximum Clamping Voltage VC @ IPP 1=1A (Volts) 7.1 11.3 13.7 16.1 20.1 24.2 29.8 50.6 63.3 11.4 14.1 16.7 20.8 24.8 30.8 50.6 63.3
Maximum Clamping Voltage VC @ IPP 2=10A (Volts) 7.5 11.5 14.1 16.5 20.6 25.2 32.0 54.3 70.0 11.6 14.5 17.1 21.4 25.5 32.0 54.3 70.0
Maximum Peak Pulse Current IPP (A) 160.0 100.0 90.0 70.0 60.0 50.0 40.0 23.0 19.0 100.0 90.0 70.0 60.0 50.0 40.0 23.0 19.0
ICTE-5/MPTE-5* ICTE-8/MPTE-8* ICTE-10/MPTE-10 ICTE-12/MPTE-12 ICTE-15/MPTE-15 ICTE-18/MPTE-18* ICTE-22/MPTE-22 ICTE-36/MPTE-36 ICTE-45/MPTE-45 ICTE-8C/MPTE-8C ICTE-10C/MPTE-10C ICTE-12C/MPTE-12C ICTE-15C/MPTE-15C ICTE-18C/MPTE-18C ICTE-22C/MPTE-22C ICTE-36C/MPTE-36C ICTE-45C/MPTE-45C
ICTE-5 is not available in Bi-directional. Suffix `C' denotes Bi-directional device. * Preferred voltages. VF max = 3.5 Volts max at IF = 50A 300S square wave pulse
308
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of ICTE-10MPTE-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X