Part Number Hot Search : 
SOT143 ZLLS1000 SS6525 DDS001 00152 SZ2511 P6KE36A D2FK60
Product Description
Full Text Search
 

To Download HT601003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HT6010/HT6012/HT6014 312 Series of Encoders
Features
* Operating voltage: 2.4V~12V * Low power and high noise immunity CMOS * Built-in oscillator needs only 5% resistor * Easy interface with an RF or an infrared transmission
technology
* Low standby current * Minimum transmission word - Four words for TE trigger - One word for Data trigger
medium
* Minimal external components * Pair with Holteks 312 series of decoders * 18-pin DIP, 20-pin SOP package
Applications
* Burglar alarm system * Smoke and fire alarm system * Garage door controllers * Car door controllers * Car alarm system * Security system * Cordless telephones * Other remote control systems
General Description
The 312 encoders are a series of CMOS LSIs for remote control system applications. They are capable of encoding 12 bits of information which consists of N address bits and 12-N data bits. Each address/data input is externally trinary programmable if bonded out. They are otherwise set floating internally. Various packages of the 312 encoders offer flexible combinations of programmable address/data which meet various applications. The programmable address/data is transmitted together with the header bits via an RF or an infrared transmission medium upon receipt of a trigger signal. A TE (HT6010) or a DATA (HT6012/HT6014) trigger can be selected for application flexibility.
Selection Table
Function Address No. Part No. HT6010 HT6012 HT6014 Note: 8 10 8 Address/ Data No. 4 0 0 Data No. 0 2 4 Oscillator RC oscillator RC oscillator RC oscillator Trigger TE D10~D11 D8~D11 LED Indicator No Yes Yes Package 18DIP, 20SOP 18DIP, 20SOP 18DIP, 20SOP
Address/Data represents pins that can be either address or data according to the application requirement.
Rev. 1.20
1
September 9, 2003
HT6010/HT6012/HT6014
Block Diagram
TE Trigger HT6010
OSC2 OSC1
O s c illa to r TE A0
3 D iv id e r
D a ta S e le c t a n d B u ffe r
DOUT
A7
12 T r a n s m is s io n G a te C ir c u it
1 2 C o u n te r and 1 of12 D e c o d e rs
S ync. C ir c u it
T r in a r y D e te c to r
AD8
AD 11
VDD
VSS
DATA Trigger HT6012/HT6014
OSC2 OSC1
O s c illa to r
3 D iv id e r
D a ta S e le c t a n d B u ffe r
DOUT
A d d re s s
12 T r a n s m is s io n G a te C ir c u it
1 2 C o u n te r and 1 of12 D e c o d e rs
S ync. C ir c u it
T r in a r y D e te c to r
LED
C ir c u it
LED
D a ta
VDD
VSS
Note:
The address/data pins are available in various combinations (refer to the address/data table).
Rev. 1.20
2
September 9, 2003
HT6010/HT6012/HT6014
Pin Assignment
T E T r ig g e r T y p e 8 -A d d re s s 4 -A d d r e s s /D a ta
A0 1 2 3 4 5 6 7 8 9 A1 A2 A3 A4 A5 A6 A7 VSS 18 17 16 15 14 13 12 11 10 VDD DOUT OSC2 OSC1 TE AD 11 AD 10 AD9 AD8
8 -A d d re s s 4 -A d d r e s s /D a ta
NC 1 2 3 4 5 6 7 8 9 10 A0 A1 A2 A3 A4 A5 A6 A7 VSS 20 19 18 17 16 15 14 13 12 11 NC VDD DOUT OSC2 OSC1 TE AD 11 AD 10 AD9 AD8
H T6010 1 8 D IP -A DATA T r ig g e r T y p e
H T6010 2 0 S O P -A
1 0 -A d d re s s 2 -D a ta
A0 A1 A2 A3 A4 A5 A6 A7 VSS 9 8 7 6 5 4 3 2 1 18 17 16 15 14 13 12 11 10 VDD DOUT OSC2 OSC1 LED D11 D10 A9 A8
1 0 -A d d re s s 2 -D a ta
NC 1 2 3 4 5 6 7 8 9 10 A0 A1 A2 A3 A4 A5 A6 A7 VSS 20 19 18 17 16 15 14 13 12 11 NC VDD DOUT OSC2 OSC1 LED D11 D10 A9 A8
8 -A d d re s s 4 -D a ta
A0 A1 A2 A3 A4 A5 A6 A7 VSS 9 8 7 6 5 4 3 2 1 18 17 16 15 14 13 12 11 10 VDD DOUT OSC2 OSC1 LED D11 D10 D9 D8
H T6012 1 8 D IP -A 8 -A d d re s s 4 -D a ta
NC 1 2 3 4 5 6 7 8 9 10 A0 A1 A2 A3 A4 A5 A6 A7 VSS 20 19 18 17 16 15 14 13 12 11 NC VDD DOUT OSC2 OSC1 LED D11 D10 D9 D8
H T6012 2 0 S O P -A
H T6014 1 8 D IP -A
H T6014 2 0 S O P -A
Rev. 1.20
3
September 9, 2003
HT6010/HT6012/HT6014
Pin Description
Pin Name A0~A9 AD8~AD11 D8~D11 DOUT LED TE OSC1 OSC2 VSS VDD Note: I/O I I I O O I I O 3/4 3/4 Internal Connection Description
TRANSMISSION Input pins for address A0~A9 setting GATE They can be externally set to VDD or VSS or left open. TRANSMISSION Input pins for address/data (AD8~AD11) setting GATE They can be externally set to VDD or VSS or left open. CMOS IN Pull-high CMOS OUT NMOS OUT CMOS IN Pull-high OSCILLATOR OSCILLATOR 3/4 3/4 Input pins for data (D8~D11) setting and transmission enable (active low) They can be externally set to VSS or left open (see Note). Encoder data serial transmission output Transmission enable indicator, active low Transmission enable, active low (see Note) Oscillator input pin Oscillator output pin Negative power supply, ground Positive power supply
D8~D11 are data input and transmission enable pins of the HT6012/HT6014. TE is the transmission enable pin of the HT6010.
Approximate Internal Connections
T R A N S M IS S IO N GATE
C M O S IN P u ll- h ig h
CMOS OUT
NMOS OUT
O S C IL L A T O R
EN OSC1
OSC2
Absolute Maximum Ratings
Supply Voltage ............................VSS-0.3V to VSS+13V Input Voltage ................................VSS-0.3 to VDD+0.3V Storage Temperature ............................-50C to 125C Operating Temperature...........................-20C to 75C
Note: These are stress ratings only. Stresses exceeding the range specified under Absolute Maximum Ratings may cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
Rev. 1.20
4
September 9, 2003
HT6010/HT6012/HT6014
Electrical Characteristics
Symbol VDD ISTB Parameter Operating Voltage Standby Current 12V IDD ILED IDOUT VIH VIL fOSC RTE RDATA 3V Operating Current 12V LED Sink Current Output Drive Current H Input Voltage L Input Voltage Oscillator Frequency TE Pull-high Resistance D8~D11 Pull-high Resistance 5V VLED=0.5V 5V VOH=0.9VDD (Source) 5V VOL=0.1VDD (Sink) 3/4 3/4 5V ROSC=1MW 5V VTE=0V 3/4 3/4 No load, fOSC=3kHz Test Conditions VDD 3/4 3V Oscillator stops Conditions 3/4 Min. 2.4 3/4 3/4 3/4 3/4 1.5 -0.6 0.6 0.8VDD 0 3/4 3/4 3/4 Typ. 5 0.1 2 250 600 3 -1.2 1.2 3/4 3/4 3 1.5 1.5 Max. 12 1 4 500 1200 3/4 3/4 3/4 VDD 0.2VDD 3/4 3 3 Ta=25C Unit V mA mA mA mA mA mA mA V V kHz MW MW
5V VDATA=0V
Functional Description
Operation The 312 series of encoders begin with a four (HT6010) or a one (HT6012/HT6014) word transmission cycle upon receipt of a transmission enable (TE for the HT6010 or D8~D11 for the HT6012/HT6014, active low). This cycle will repeat itself as long as the transmission enable (TE or D8~D11) is held low. Once the transmission enable returns high the encoder output completes its final cycle and then stops as shown below.
TE or D8~D11 < 1 w o rd E ncoder D a ta O u t 1 or4 w o rd s
1 o r 4 w o rd s
T r a n s m itte d C o n tin u o u s ly
Transmission Timing
Information Word An information word is composed of four periods as shown:
1 /6 b it s y n c . p e r io d p ilo t p e r io d ( 6 b its ) a d d r e s s c o d e p e r io d d a ta c o d e p e r io d
Composition of Information
Rev. 1.20
5
September 9, 2003
HT6010/HT6012/HT6014
Address/Data Waveform Each programmable address/data pin can be externally set to one of the following three logic states:
fO
SC
"O n e " "Z e ro " "O p e n " A d d r e s s /D a ta B it
Address/Data Bit Waveform The Open state data input is interpreted as logic high by the decoder since its output has only two states. Address/Data Programming (Preset) The status of each address/data pin can be individually preset to a logic high, low, or floating. If a transmission enable signal is applied, the encoder scans and transmits the status of the 12 bits of address/data serially in the order A0 to AD11 for the HT6010 and A0 to D11 for the HT6012/HT6014. If the trigger signal is not applied, the chip only consumes a standby current which is less than 1mA (for VDD=5V). The address pins are usually preset so as to transmit data codes with their own particular security codes by the DIP switches or PCB wiring, while data is selected using push button or electronic switches. Address/Data Sequence The following table provides the position of the address/data sequence for various models of the 312 series encoders. Address/Data Bits Part No. 0 HT6010 HT6012 HT6014 A0 A0 A0 1 A1 A1 A1 2 A2 A2 A2 3 A3 A3 A3 4 A4 A4 A4 5 A5 A5 A5 6 A6 A6 A6 7 A7 A7 A7 8 AD8 A8 D8 9 AD9 A9 D9 10 AD10 D10 D10 11 AD11 D11 D11
Transmission Enable For the TE trigger type of encoders, transmission is enabled by applying a low signal to the TE pin. But for the Data trigger type, it is enabled by applying a low signal to one of the data pins D8~D11.
Rev. 1.20
6
September 9, 2003
HT6010/HT6012/HT6014
Flowchart
Pow eron
S ta n d b y m o d e
No
T r a n s m is s io n e n a b le d ? Yes C o d e w o rd tr a n s m itte d c o n tin u o u s ly
No
T r a n s m is s io n s till e n a b le d ? Yes C o d e w o rd tr a n s m itte d c o n tin u o u s ly
Note:
D8~D11 are transmission enable of the HT6012/HT6014. TE is the transmission enable of the HT6010.
Oscillator Frequency vs. Supply Voltage
fO S C (S c a le ) R 7 .0 0 470k 510k 6 .0 0 560k 620k 5 .0 0 680k 750k 4 .0 0 820k 910k 1 .0 M (3 k H z )3 .0 0 1 .2 M 1 .5 M 2 .0 0 2 .0 M 1 .0 0
OSC
(W )
2
3
4
5
6
7
8
9
10
11
12
13 V
DD
(V D C )
The recommended oscillator frequency is fOSCD (decoder) @ 33 fOSCE (encoder) Rev. 1.20 7 September 9, 2003
HT6010/HT6012/HT6014
Application Circuits
T r a n s m itte r C ir c u it V 1 2 3 4 5 6 7 8 9 A0 A1 A2 A3 A4 A5 A6 A7 VSS VDD DOUT 18 1 2 3 R
OSC DD
T r a n s m itte r C ir c u it V A0 A1 A2 4 5 6 7 8 9 A3 A4 A5 A6 A7 VSS VDD DOUT 18 17 R
DD
17
O SC2 16 O SC1 15 TE 14 AD11 13 AD10 12 AD9 11 AD8 10
O SC2 16 O SC1 15 LED 14 D11 13 D10 12 A9 11 A8 10
OSC
R
HT6010
HT6012
T r a n s m itte r C ir c u it V 1 2 3 4 5 6 7 8 9 A0 A1 A2 A3 A4 A5 A6 A7 VSS VDD DOUT 18 17 R
DD
O SC2 16 O SC1 15 LED 14 D11 13 D10 12 D9 11 D8 10
OSC
R
HT6014
Rev. 1.20
8
September 9, 2003
HT6010/HT6012/HT6014
Package Information
18-pin DIP (300mil) Outline Dimensions
A 18 B 1 10 9
H C D E G F
a
I
Symbol A B C D E F G H I a
Dimensions in mil Min. 895 240 125 125 16 50 3/4 295 335 0 Nom. 3/4 3/4 3/4 3/4 3/4 3/4 100 3/4 3/4 3/4 Max. 915 260 135 145 20 70 3/4 315 375 15
Rev. 1.20
9
September 9, 2003
HT6010/HT6012/HT6014
20-pin SOP (300mil) Outline Dimensions
20
A
11
B
1
C C'
10
G H
D E F
a
Symbol A B C C D E F G H a
Dimensions in mil Min. 394 290 14 490 92 3/4 4 32 4 0 Nom. 3/4 3/4 3/4 3/4 3/4 50 3/4 3/4 3/4 3/4 Max. 419 300 20 510 104 3/4 3/4 38 12 10
Rev. 1.20
10
September 9, 2003
HT6010/HT6012/HT6014
Product Tape and Reel Specifications
Reel Dimensions
T2 D
A
B
C
T1
SOP 20W Symbol A B C D T1 T2 Description Reel Outer Diameter Reel Inner Diameter Spindle Hole Diameter Key Slit Width Space Between Flange Reel Thickness Dimensions in mm 3301.0 621.5 13.0+0.5 -0.2 2.00.5 24.8+0.3 -0.2 30.20.2
Rev. 1.20
11
September 9, 2003
HT6010/HT6012/HT6014
Carrier Tape Dimensions
D
E F
P0
P1
t
W C
B0
D1
P
K0 A0
SOP 20W Symbol W P E F D D1 P0 P1 A0 B0 K0 t C Description Carrier Tape Width Cavity Pitch Perforation Position Cavity to Perforation (Width Direction) Perforation Diameter Cavity Hole Diameter Perforation Pitch Cavity to Perforation (Length Direction) Cavity Length Cavity Width Cavity Depth Carrier Tape Thickness Cover Tape Width Dimensions in mm 24.0+0.3 -0.1 12.00.1 1.750.1 11.50.1 1.5+0.1 1.5+0.25 4.00.1 2.00.1 10.80.1 13.30.1 3.20.1 0.30.05 21.3
Rev. 1.20
12
September 9, 2003
HT6010/HT6012/HT6014
Holtek Semiconductor Inc. (Headquarters) No.3, Creation Rd. II, Science Park, Hsinchu, Taiwan Tel: 886-3-563-1999 Fax: 886-3-563-1189 http://www.holtek.com.tw Holtek Semiconductor Inc. (Taipei Sales Office) 4F-2, No. 3-2, YuanQu St., Nankang Software Park, Taipei 115, Taiwan Tel: 886-2-2655-7070 Fax: 886-2-2655-7373 Fax: 886-2-2655-7383 (International sales hotline) Holtek Semiconductor Inc. (Shanghai Sales Office) 7th Floor, Building 2, No.889, Yi Shan Rd., Shanghai, China 200233 Tel: 021-6485-5560 Fax: 021-6485-0313 http://www.holtek.com.cn Holtek Semiconductor Inc. (Shenzhen Sales Office) 5/F, Unit A, Productivity Building, Cross of Science M 3rd Road and Gaoxin M 2nd Road, Science Park, Nanshan District, Shenzhen, China 518057 Tel: 0755-8616-9908, 8616-9308 Fax: 0755-8616-9533 Holtek Semiconductor Inc. (Beijing Sales Office) Suite 1721, Jinyu Tower, A129 West Xuan Wu Men Street, Xicheng District, Beijing, China 100031 Tel: 010-6641-0030, 6641-7751, 6641-7752 Fax: 010-6641-0125 Holtek Semiconductor Inc. (Chengdu Sales Office) 709, Building 3, Champagne Plaza, No.97 Dongda Street, Chengdu, Sichuan, China 610016 Tel: 028-6653-6590 Fax: 028-6653-6591 Holmate Semiconductor, Inc. (North America Sales Office) 46729 Fremont Blvd., Fremont, CA 94538 Tel: 510-252-9880 Fax: 510-252-9885 http://www.holmate.com
Copyright O 2003 by HOLTEK SEMICONDUCTOR INC. The information appearing in this Data Sheet is believed to be accurate at the time of publication. However, Holtek assumes no responsibility arising from the use of the specifications described. The applications mentioned herein are used solely for the purpose of illustration and Holtek makes no warranty or representation that such applications will be suitable without further modification, nor recommends the use of its products for application that may present a risk to human life due to malfunction or otherwise. Holteks products are not authorized for use as critical components in life support devices or systems. Holtek reserves the right to alter its products without prior notification. For the most up-to-date information, please visit our web site at http://www.holtek.com.tw.
Rev. 1.20
13
September 9, 2003


▲Up To Search▲   

 
Price & Availability of HT601003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X