Part Number Hot Search : 
EL5228 SBL4R01J 1N3880 M29LV 1N4150 N105B FDN302P AT91S
Product Description
Full Text Search
 

To Download HSMX-A2-XX-XXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HSMX-A2-XX-XXXXX Bi-Color HSMx-A3xx-xxxxx Tri-Color
Surface Mount LED Indicators, PLCC-4 SMT LEDs
Data Sheet
Description
This family of SMT LEDs is packaged in the industry standard PLCC-4 package. These SMT LEDs have high reliability performance and are designed to work under a wide range of environmental conditions. This high reliability feature makes them ideally suited to be used under harsh interior automotive as well as interior signs application conditions. To facilitate easy pick and place assembly, the LEDs are packed in EIA-compliant tape and reel. Every reel will be shipped in single intensity and color bin, except red color to provide close uniformity. These LEDs are compatible with IR and TTW solder reflow process. This super wide viewing angle at 120 together with the built in reflector pushing up the intensity of the light output makes these LED suitable to be used in the interior electronics signs. The flat top emitting surface makes it easy for these LEDs to mate with light pipes. This is suitable for general backlighting in automotive interior, office equipment, industrial equipment, and home appliances.
Features
* Industry Standard PLCC-4 package (Plastic Leaded Chip Carrier) * High reliability LED package * High brightness using AlInGaP and InGaN dice technologies * Available in full selection of colors * Super wide viewing angle at 120 * Available in 8 mm carrier tape on 7-inch reel * Compatible with IR soldering process
Applications
* Electronic signs and signals - Interior full color sign - Variable message sign * Interior automotive - Instrument cluster backlighting - Central console backlighting - Cabin backlighting * Office automation, home appliances, industrial equipment - Front panel backlighting - Display backlighting
CAUTION: HSMF-Axxx-xxxxx LEDs are Class 2 ESD sensitive. Please observe appropriate precautions during handling and processing. Refer to Avago Application Note AN-1142 for additional details.
Package Dimensions
2.8 0.2 2.2 0.2 (2) (3) 0.1 TYP. 1.9 0.2 0.8 0.1
3.2 0.2
3.5 0.2
0.8 0.3 (1) CATHODE MARKING
NOTE: 1. ALL DIMENSIONS IN mm.
(4) 0.5 0.1 0.7 0.1
Tri Color 1 Cathode (Color 1) 2 Common Anode 3 Cathode (Color 3) 4 Cathode (Color 2) Bi Color 1 Cathode (Color 1) 2 Anode (Color 1) 3 Cathode (Color 2) 4 Anode (Color 2)
Device Selection Guide
Bi Color Part Number HSMF-A201- xxxxx HSMF-A202- xxxxx HSMF-A203- xxxxx HSMF-A204- xxxxx HSMF-A205- xxxxx HSMF-A206- xxxxx HSMF-A211- xxxxx HSMF-A212- xxxxx HSMF-A222- xxxxx HSMF-A227- xxxxx HSMF-A228- xxxxx HSMF-A226- xxxxx Color 1 GaP Red GaP Red GaP Red GaP Orange GaP Orange GaP Yellow AlGaAs Red AlGaAs Red AlInGaPRed AlInGaP Red AlInGaP Amber AlInGaP Amber Color 2 GaP Yellow Green GaP Yellow GaP Emerald Green GaP Yellow Green GaP Emerald Green GaP Yellow Green GaP Yellow Green GaP Yellow AlInGaP Amber GaN Blue GaN Blue AlInGaP Yellow Green
2
Part Number HSMF-A201-A00J1 HSMF-A202-A00J1 HSMF-A203-A00J1 HSMF-A204-A00J1 HSMF-A205-A00J1 HSMF-A206-A00J1 HSMF-A211-A00J1 HSMF-A212-A00J1 HSMF-A222-A00J1 HSMF-A227-A00J1 HSMF-A228-A00J1 HSMF-A226-A00J1
Color 1 Min. Iv @ 20 mA Typical Iv @ 20 mA Bin ID (mcd) (mcd) K2 K2 K2 K2 K2 K2 L2 L2 P1 P1 P1 P2 8.0 8.0 8.0 8.0 8.0 8.0 12.5 12.5 40.0 40.0 40.0 49.0 16.0 16.0 16.0 16.0 16.0 16.0 25.0 25.0 80.0 80.0 80.0 100.0
Color 2 Min. Iv @ 20 mA Bin ID (mcd) L1 K1 J1 L1 J1 L1 L1 K1 P1 J2 J2 M2 10.0 6.3 4.0 10.0 4.0 10.0 10.0 6.3 40.0 5.0 5.0 20.0
Typical Iv @ 20 mA (mcd) 20.0 12.0 8.0 20.0 8.0 20.0 20.0 12.0 80.0 10.0 10.0 60.0
Note: 1. The luminous intensity Iv, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern may not be aligned with this axis.
Tri Color Part Number HSMF-A301-xxxxx HSMF-A331-xxxxx HSMF-A332-xxxxx HSMF-A341-xxxxx HSMF-A342-xxxxx Color 1 GaP Red AlInGaP Red AlInGaP Red Orange AllnGaP Red AllnGaP Red Orange Color 2 GaP Yellow InGaN Green InGaN Green InGaN Green InGaN Green Color 3 GreenGaN Blue GaN Blue GaN Blue InGaN Blue InGaN Blue
Part Number HSMF-A301-A00J1 HSMF-A331-A00J1 HSMF-A332-A00J1 HSMF-A341-A00J1 HSMF-A342-A00J1
Color 1 Min. Iv @ 20 mA Bin ID (mcd) K2 P1 P1 P1 P1 8.0 40.0 40.0 40.0 40.0
Typical Iv @ 20 mA (mcd) 13.0 80.0 80.0 80.0 80.0
Color 2 Min. Iv @ 20 mA Bin ID (mcd) L2 R1 R1 R1 R1 12.5 99.0 99.0 99.0 99.0
Typical Iv @ 20 mA (mcd) 20.0 160.0 160.0 160.0 160.0
Color 3 Min. Iv @ 20 mA Bin ID (mcd) K2 K2 K2 N1 N1 8.0 8.0 8.0 25.0 25.0
Typical Iv @ 20 mA (mcd) 10.0 10.0 10.0 40.0 40.0
Note: 1. The luminous intensity Iv, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern may not be
aligned with this axis.
Part Numbering System
HSM x 1 - A x 2 x 3 x 4 - x 5 x 6 x 7 x 8 x 9 Packaging Option Color Bin Selection Intensity Bin Select Device Specification Configuration Package Type LED Chip Color
Absolute Maximum Ratings (TA = 25C)
Parameters DC Forward Current[1] Peak Forward Current[2] Power Dissipation Reverse Voltage Junction Temperature Operating Temperature Storage Temperature
Notes: 1. Derate linearly as shown in figure 4. 2. Duty factor = 10%, Frequency = 1kHz. 3. Drive Current between 10 mA and 30 mA are recommended for best long term performance. 4. Operation at current below 5 mA is not recommended.
GaP 30 mA 100 mA 78 mW
AlGaAs 30 mA 100 mA 78 mW
Red, Amber 30 mA[3,4] 100 mA 72 mW 5V 110C
AlInGaP Yellow Green 20 mA[4] 100 mA 48 mW
GaN/InGaN 20 mA 100 mA 120 mW
-55C to +100C -55C to +100C
4
Optical Characteristics (TA = 25C)
Peak Wavelength PEAK (nm) Typ. 635 645 635 621 600 592 583 592 565 558 523 468 428 575 Dominant Wavelength D (nm)[1] Typ. 626 637 626 615 602 590 585 590 569 560 525 470 462 571 Viewing Angle 21/2 (Degrees)[2] Typ. 120 120 120 120 120 120 120 120 120 120 120 120 120 120 Luminous Efficacy v (lm/W)[3] Typ. 120 63 150 240 380 480 580 480 590 650 500 75 65 620 Luminous Intensity/ Total Flux Iv (mcd) /v (mlm) Typ. 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45
Color GaP Red AlGaAs Red AlInGaP Red AlInGaP Red Orange GaP Orange AlInGaP Amber GaP Yellow AlInGaP Amber GaP Yellow Green GaP Emerald Green InGaN Green InGaN Blue GaN Blue AlInGaP Yellow Green Notes:
1. The dominant wavelength, D, is derived from the CIE Chromaticity Diagram and represents the color of the device. 2. 1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity. 3. Radiant intensity, Ie in watts/steradian, may be calculated from the equation Ie = Iv/v, where Iv is the luminous intensity in candelas and v is the luminous efficacy in lumens/watt.
Electrical Characteristics (TA = 25C)
Dice Technology GaP AS AlGaAs AlInGaP GaN Blue InGaN Forward Voltage VF (Volts) @ IF = 20mA Typ. Max. 2.2 1.9 1.9 3.9 3.4 2.6 2.6 2.4 4.3 4.05 Reverse Voltage VR @ 100 A Min. 5 5 5 Reverse Voltage VR @ 10 A Min. 5 5
1.0 0.9 RELATIVE INTENSITY 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 380
BLUE CYAN GREEN
YELLOW GREEN AMBER ORANGE
RED ORANGE RED
430
480
530
580
630
680
730
780
WAVELENGTH - nm 1.0 0.8 0.6 0.4 0.2 0 GaP RED GaP EMERALD GREEN GaP HSMx-A2xx fig 1a YELLOW GREEN GaN BLUE GaP YELLOW
RELATIVE INTENSITY
GaP ORANGE
380
430
480
530
580
630
680
730
780
WAVELENGTH - nm
Figure 1. Relative intensity vs. wavelength.
HSMx-A2xx fig 1b
35 RELATIVE LUMINOUS INTENSITY (NORMALIZED AT 20 mA) FORWARD CURRENT - mA 30 25 20 15 10 5 0 0 1 2 3 AlGaAs AS AlInGaP InGaN GaN BLUE GaP 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30 35 AlInGaP AlGaAs Gap 35 30 CURRENT - mA InGaN GaN 25 20 15 10 5 0 0 20 40 60 80 100 120 InGaN/GaN GaP AS AlInGaP AlGaAs
4
5
FORWARD VOLTAGE - V
DC FORWARD CURRENT - mA
TEMPERATURE - C
Figure 2. Forward current vs. forward voltage.
HSMx-A2xx fig 2
Figure 3. Relative intensity vs. forward voltage.
HSMx-A2xx fig 3
Figure 4a. Maximum forward current vs. ambient temperature. Derated based on TJMAX = 110C, HSMx-A2xx fig 4a RJA = 500C/W (1 chip on).
MAXIMUM FORWARD CURRENT - mA
35 DOMINANT WAVELENGTH - nm 30 25 20 15 InGaN/GaN 10 5 0 0 20 40 60 80 100 120 GaP AS AlInGaP AlGaAs
540 530 520 510 500 490 480 470 460 0 5 10 15 InGaN BLUE 20 25 30 35 InGaN GREEN
AMBIENT TEMPERATURE - C
CURRENT - mA
Figure 4b. Maximum forward current vs. ambient temperature. Derated based on TJMAX = 110C, RJA = 700C/W (3 chip on). HSMx-A2xx fig 4b
Figure 5. Dominant wavelength vs. forward current - InGaN.
1.0 0.8 0.6 0.4 0.2 0 -90 -80 -70 -60 -50 -40 -30 -20 -10
NORMALIZED INTENSITY
0
10 20 30 40 50 60 70 80 90
ANGULAR DISPLACEMENT - DEGREES
Figure 6. Radiation pattern.
HSMx-A2xx fig 6
0.9 0.8 0.7 Y-COORDINATE 0.6 0.5 0.4 0.3 0.2 0.1 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 BLACK BODY CURVE
HSMF-A341 HSMF-A342 HSMF-A331 HSMF-A332 HSMF-A301 CIE CHART 1931
X-COORDINATE
Figure 7. Chromaticity diagram for Tricolor.
10 to 20 SEC. 20 SEC. MAX. TEMPERATURE 240C MAX. 3C/SEC. MAX. 100-150C 3C/SEC. MAX. 120 SEC. MAX. TIME 60-150 SEC. TIME * THE TIME FROM 25 C TO PEAK TEMPERATURE = 6 MINUTES MAX. 217 C 255 C +5 C -0 C 6 C/SEC. MAX.
3 C/SEC. MAX. 125 C 25 C
TEMPERATURE
183C -6C/SEC. MAX.
MAX. 120 SEC.
60 to 150 SEC.
Figure 8a. Recommended SnPb reflow soldering profile.
Figure 8b. Recommended Pb-free reflow soldering profile.
Note: For detail information on reflow soldering of Avago surface mount LEDs, do refer to Avago Application Note AN 1060 Surface Mounting SMT LED Indicator Components.
2.60
3.30
3.30 0.40
1.10
0.50 4.50 1.50 7.50
SOLDER RESIST
Figure 9. Recommended soldering pad pattern.
HSMx-A2xx fig 9
TRAILER 200 mm MIN. FOR 180 REEL. 200 mm MIN. FOR 330 REEL.
COMPONENT
LEADER 480 mm MIN. FOR 180 REEL. 960 mm MIN. FOR 330 REEL.
C
A
USER FEED DIRECTION
Figure 10. Tape leader and trailer dimension.
4 0.1
4 0.1
HSMx-A2xx fig 8
2 0.05
2.29 0.1
1.75 0.1 +0.1 1.5 -0 3.5 0.05 +0.3 8 -0.1 3.81 0.1 A +0.1 1 -0
C
3.05 0.1
8 0.229 0.01
Figure 11. Tape leader and trailer dimension.
HSMx-A2xx fig 9
2 +0.5 -0
O 20.5 0.3
+0 -2.5
180 O 13 0.2
62.5
8.4
+1.50 (MEASURED AT OUTER EDGE) -0.00
LABEL AREA (111 mm x 57 mm) WITH DEPRESSION (0.25 mm)
14.4 (MAX. MEASURED AT HUB) 7.9 (MIN.) 10.9 (MAX.)
Figure 12. Reel dimension.
USER FEED DIRECTION
CATHODE SIDE
PRINTED LABEL
Figure 13. Reeling Orientation.
HSMx-A2xx fig 11
Moisture Sensitivity
This product is qualified as Moisture Sensitive Level 2a per Jedec J-STD-020. Precautions when handling this moisture sensitive product is important to ensure the reliability of the product. Do refer to Avago Application Note AN0 Handling of Moisture Sensitive Surface Mount Devices for details. A. Storage before use - Unopen moisture barrier bag (MBB) can be stored at <40C/0%RH for 12 months. If the actual shelf life has exceeded 12 months and the HIC indicates that baking is not required, then it is safe to reflow the LEDs per the original MSL rating. - It is not recommended to open the MBB prior to assembly (e.g. for IQC). B. Control after opening the MBB - The humidity indicator card (HIC) shall be read immediately upon opening of MBB. - The LEDs must be kept at <0C / 60%RH at all time and all high temperature related process including soldering, curing or rework need to be completed within 672 hours. C. Control for unfinished reel - For any unuse LEDs, they need to be stored in sealed MBB with desiccant or desiccator at <%RH. D. Control of assembled boards - If the PCB soldered with the LEDs is to be subjected to other high temperature processes, the PCB need to be stored in sealed MBB with desiccant or desiccator at <%RH to ensure no LEDs have exceeded their floor life of 672 hours. E. Baking is required if: - "10%" or "1%" HIC indicator turns pink. - The LEDs are exposed to condition of >0C / 60% RH at any time. - The LEDs floor life exceeded 672 hours. Recommended baking condition: 60C for 20 hours.
10
Iv Bin Select (X5X6)
Individual reel will contain parts from 1 half bin only. X5 Min. Iv Bin Selection For HSMF-A201-xxxxx HSMF-A204-xxxxx HSMF-A206-xxxxx Minimum Intensity Bin Color 1 (Red/Yellow/ Orange) A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 K2 K2 K2 K2 K2 L1 L1 L1 L1 L1 L2 L2 L2 L2 L2 M1 M1 M1 M1 M1 M2 M2 M2 M2 M2 Color 2 (Green) L1 L2 M1 M2 N1 L1 L2 M1 M2 N1 L1 L2 M1 M2 N1 L1 L2 M1 M2 N1 L1 L2 M1 M2 N1
For HSMF-A202-xxxxx Minimum Intensity Bin Color 1 (Red) A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 K2 K2 K2 K2 K2 L1 L1 L1 L1 L1 L2 L2 L2 L2 L2 M1 M1 M1 M1 M1 M2 M2 M2 M2 M2 Color 2 (Yellow) K1 K2 L1 L2 M1 K1 K2 L1 L2 M1 K1 K2 L1 L2 M1 K1 K2 L1 L2 M1 K1 K2 L1 L2 M1
For HSMF-A203-xxxxx HSMF-A205-xxxxx Minimum Intensity Bin Color 1 (Red/Orange) A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 K2 K2 K2 K2 K2 L1 L1 L1 L1 L1 L2 L2 L2 L2 L2 M1 M1 M1 M1 M1 M2 M2 M2 M2 M2 Color 2 (Green) J1 J2 K1 K2 L1 J1 J2 K1 K2 L1 J1 J2 K1 K2 L1 J1 J2 K1 K2 L1 J1 J2 K1 K2 L1
For HSMF-A211-xxxxx Minimum Intensity Bin Color 1 (Red) A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 L2 L2 L2 L2 L2 M1 M1 M1 M1 M1 M2 M2 M2 M2 M2 N1 N1 N1 N1 N1 N2 N2 N2 N2 N2 Color 2 (Green) L1 L2 M1 M2 N1 L1 L2 M1 M2 N1 L1 L2 M1 M2 N1 L1 L2 M1 M2 N1 L1 L2 M1 M2 N1
For HSMF-A212-xxxxx Minimum Intensity Bin Color 1 (Red) A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 L2 L2 L2 L2 L2 M1 M1 M1 M1 M1 M2 M2 M2 M2 M2 N1 N1 N1 N1 N1 N2 N2 N2 N2 N2 Color 2 (Yellow) K1 K2 L1 L2 M1 K1 K2 L1 L2 M1 K1 K2 L1 L2 M1 K1 K2 L1 L2 M1 K1 K2 L1 L2 M1
For HSMF-A222-xxxxx Minimum Intensity Bin Color 1 (Red) A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 2 3 4 5 6 P1 P1 P1 P1 P1 P2 P2 P2 P2 P2 Q1 Q1 Q1 Q1 Q1 Q2 Q2 Q2 Q2 Q2 R1 R1 R1 R1 R1 R2 R2 R2 R2 R2 Color 2 (Amber) P1 P2 Q1 Q2 R1 P1 P2 Q1 Q2 R1 P1 P2 Q1 Q2 R1 P1 P2 Q1 Q2 R1 P1 P2 Q1 Q2 R1 P1 P2 Q1 Q2 R1
Note: 0 represents no maximum bin limit.
For HSMF-A227-xxxxx HSMF-A228-xxxxx Minimum Intensity Bin Color 1 (Red/Amber) A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 2 3 4 5 6 P1 P1 P1 P1 P1 P2 P2 P2 P2 P2 Q1 Q1 Q1 Q1 Q1 Q2 Q2 Q2 Q2 Q2 R1 R1 R1 R1 R1 R2 R2 R2 R2 R2 Color 2 (Blue) J2 K1 K2 L1 L2 J2 K1 K2 L1 L2 J2 K1 K2 L1 L2 J2 K1 K2 L1 L2 J2 K1 K2 L1 L2 J2 K1 K2 L1 L2
For HSMF-A331-xxxxx HSMF-A332-xxxxx Minimum Intensity Bin Color 1 (Red/Red Orange) A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 2 3 4 5 6 7 8 9 P1 P1 P1 P1 P1 P1 P1 P1 P1 P2 P2 P2 P2 P2 P2 P2 P2 P2 Q1 Q1 Q1 Q1 Q1 Q1 Q1 Q1 Q1 Q2 Q2 Q2 Q2 Q2 Q2 Color 2 (Green) R1 R1 R1 R2 R2 R2 S1 S1 S1 R1 R1 R1 R2 R2 R2 S1 S1 S1 R1 R1 R1 R2 R2 R2 S1 S1 S1 R1 R1 R1 R2 R2 R2 Color 3 (Blue) K2 L1 L2 K2 L1 L2 K2 L1 L2 K2 L1 L2 K2 L1 L2 K2 L1 L2 K2 L1 L2 K2 L1 L2 K2 L1 L2 K2 L1 L2 K2 L1 L2
For HSMF-A341-xxxxx HSMF-A342-xxxxx Minimum Intensity Bin Color 1 (Red/Red Orange) A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 2 3 4 5 6 7 8 9 P1 P1 P1 P1 P1 P1 P1 P1 P1 P2 P2 P2 P2 P2 P2 P2 P2 P2 Q1 Q1 Q1 Q1 Q1 Q1 Q1 Q1 Q1 Q2 Q2 Q2 Q2 Q2 Q2 Color 2 (Green) R1 R1 R1 R2 R2 R2 S1 S1 S1 R1 R1 R1 R2 R2 R2 S1 S1 S1 R1 R1 R1 R2 R2 R2 S1 S1 S1 R1 R1 R1 R2 R2 R2 Color 3 (Blue) N1 N2 P1 N1 N2 P1 N1 N2 P1 N1 N2 P1 N1 N2 P1 N1 N2 P1 N1 N2 P1 N1 N2 P1 N1 N2 P1 N1 N2 P1 N1 N2 P1
X6 Number of Half bins from X5 For HSMF-A2xx-xxxxx Color 1 0 A B C D E F G H J K L M N P Q R S T U V W X Y Z 0 0 0 0 0 5 5 5 5 5 4 4 4 4 4 3 3 3 3 3 2 2 2 2 2 Color 2 0 5 4 3 2 0 5 4 3 2 0 5 4 3 2 0 5 4 3 2 0 5 4 3 2
For HSMF-A3xx-xxxxx Color 1 (Red/Red Orange) 0 A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 2 3 0 5 5 5 5 5 5 5 5 5 4 4 4 4 4 4 4 4 4 3 3 3 3 3 3 3 3 3 Color 2 (Green) 0 5 5 5 4 4 4 3 3 3 5 5 5 4 4 4 3 3 3 5 5 5 4 4 4 3 3 3 Color 3 (Blue) 0 5 4 3 5 4 3 5 4 3 5 4 3 5 4 3 5 4 3 5 4 3 5 4 3 5 4 3
Intensity Bin Limits Bin ID J1 J2 K1 K2 L1 L2 M1 M2 N1 N2 P1 P2 Q1 Q2 R1 R2 S1 S2 T1 T2 U1 U2 V1 V2 Min. (mcd) 4.50 5.60 7.20 9.00 11.20 14.00 18.00 22.40 28.50 35.50 45.00 56.00 71.50 90.00 112.50 140.00 180.00 224.00 285.00 355.00 450.00 560.00 715.00 900.00 Max. (mcd) 5.60 7.20 9.00 11.20 14.00 18.00 22.40 28.50 35.50 45.00 56.00 71.50 90.00 112.50 140.00 180.00 224.00 285.00 355.00 450.00 560.00 715.00 900.00 1125.00
Tolerance of each bin limit = 12%.
Note: 0 represents no maximum bin limit.
Note: 0 represents no maximum bin limit.
Color Bin Select (X7)
Individual reel will contain parts from 1 full bin only. X7 Color Bin Combinations For HSMF-A202-xxxxx HSMF-A203-xxxxx HSMF-A212-xxxxx HSMF-A222-xxxxx HSMF-A227-xxxxx Color 1 (Red) 0 A B C D E F G H J K L M N P 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Color 2 (Emerald Green/ Yellow/Blue) 0 ABC ABCD ABCDE BCD BCDE BCDEF CDE DEF CDEF AB BC CD DE EF
For HSMF-A205-xxxxx HSMF-A228-xxxxx Color 1 (Yellow/Amber/ Orange) 0 A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 2 0 ABC BCD CDE ABC BCD CDE ABC BCD CDE DEF DEF DEF AB BC CD DE AB BC CD DE AB BC CD DE AB BC CD DE EF EF EF Color 2 (Emerald Green/Blue) 0 ABC ABC ABC BCD BCD BCD CDE CDE CDE ABC BCD CDE AB AB AB AB BC BC BC BC CD CD CD CD DE DE DE DE AB BC CD
For HSMF-A204-xxxxx HSMF-A206-xxxxx Color 1 (Yellow/ Amber/ Orange) 0 A B C D E F G H J K L M N P Q R S T U V W X Y 0 ABC BCD CDE DEF ABC BCD CDE DEF AB BC CD DE EF AB BC CD DE EF AB BC CD DE EF
Color 2 (Yellow Green) 0 EFG EFG EFG EFG FGH FGH FGH FGH EF EF EF EF EF FG FG FG FG FG GH GH GH GH GH
Note: 0 represents full distribution.
For HSMF-A201-xxxxx HSMF-A211-xxxxx Color 1 (Red) 0 A B C D E 0 0 0 0 0 0 Color 2 (Yellow Green) 0 EFG FGH EF FG GH
Note: 0 represents full distribution.
3 4 5 6 7
Note: 0 represents full distribution.
Note: 0 represents full distribution.
For HSMF-A3xx-xxxxx Color 1 0 A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 2 3 4 5 6 7 8 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Color 2 0 0 0 0 0 0 ABC ABC ABC ABC ABC ABC BCD BCD BCD BCD BCD BCD AB AB AB AB AB BC BC BC BC BC CD CD CD CD CD Color 3 0 ABC BCD AB BC CD 0 ABC BCD AB BC CD 0 ABC BCD AB BC CD ABC BCD AB BC CD ABC BCD AB BC CD ABC BCD AB BC CD
Color Bin Limits
Blue A B C D Green A B C D Emerald Green A B C D Yellow Green E F G H Min. (nm) 460.0 465.0 470.0 475.0 Min. (nm) 515.0 520.0 525.0 530.0 Max. (nm) 465.0 470.0 475.0 480.0 Max. (nm) 520.0 525.0 530.0 535.0 Orange A B Min. (nm) 552.5 555.5 558.5 561.5 Max. (nm) 555.5 558.5 561.5 564.5 Red Orange A B Min. (nm) 564.5 567.5 570.5 573.5 Max. (nm) 567.5 570.5 573.5 576.5 Red Full Distribution
Tolerance of each bin limit = 1 nm.
Amber/ Yellow A B C D E F
Min. (nm) 582.0 584.5 587.0 589.5 592.0 594.5
Max. (nm) 584.5 587.0 589.5 592.0 594.5 597.0
Min. (nm) 597.0 600.0 603.0 606.0 609.0 Min. (nm) 611.0 616.0 Min. (nm)
Max. (nm) 600.0 603.0 606.0 609.0 612.0 Max. (nm) 616.0 620.0 Max. (nm)
C D E
Packaging Option (X8X9)
X8X9 J1 20 mA test current, Top Mount, 7 inch Reel
Note: 0 represents full distribution.
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries. Data subject to change. Copyright (c) 2007 Avago Technologies Limited. All rights reserved. Obsoletes 5989-1210EN AV02-0501EN - June 13, 2007


▲Up To Search▲   

 
Price & Availability of HSMX-A2-XX-XXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X