|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HER601G - HER608G 6.0 AMPS. Glass Passivated High Efficient Rectifiers R-6 Features Glass passivated chip junction. High efficiency, Low VF High current capability High reliability High surge current capability For use in low voltage, high frequency inventor, free wheeling, and polarity protection application. Mechanical Data Case: Molded plastic Epoxy: UL 94V0 rate flame retardant Lead: Pure tin plated, lead free, solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode High temperature soldering guaranteed: o 260 C/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Mounting position: Any Weight: 1.65 grams Dimensions in inches and (millimeters) Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Maximum Ratings and Electrical Characteristics Type Number Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length @T A = 55 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 6.0A Maximum DC Reverse Current o @T A =25 C at Rated DC Blocking Voltage o @ T A =125 C Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance Typical Thermal Resistance Operating Temperature Range ( Note 2 ) Symbol HER HER HER HER HER HER HER HER V RRM V RMS V DC I(AV) IFSM VF IR Trr Cj R JA TJ 601G 602G 603G 604G 605G 606G 607G 608G Units V V V A 50 35 50 100 70 100 200 140 200 300 210 300 400 280 400 600 420 600 800 1000 560 700 800 1000 6.0 150 1.0 1.3 10 200 50 80 37 -65 to +150 -65 to +150 75 65 1.7 A V uA uA nS pF o C/W o C o C Storage Temperature Range T STG 1. Reverse Recovery Test Conditions: IF =0.5A, IR =1.0A, IRR =0.25A Notes: 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Mount on Cu-Pad Size 16mm x 16mm on P.C.B Version: A06 RATINGS AND CHARACTERISTIC CURVES (HER601G THRU HER608G) FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE 6.0 FIG.2- TYPICAL REVERSE CHARACTERISTICS 1000 AVERAGE FORWARD CURRENT. (A) 5.0 INSTANTANEOUS REVERSE CURRENT. ( A) 4.0 Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length 100 Tj=125 0C 3.0 10 Tj=75 0C 2.0 1.0 0 0 25 50 75 100 125 O 150 175 AMBIENT TEMPERATURE. ( C) Tj=25 0C FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 250 0.1 PEAK FORWARD SURGE CURRENT. (A) 200 0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%) 150 8.3ms Single Half Sine Wave JEDEC Method 100 FIG.5- TYPICAL FORWARD CHARACTERISTICS 50 100 0 1 10 50 100 1000 INSTANTANEOUS FORWARD CURRENT. (A) NUMBER OF CYCLES AT 60Hz 10 HE R6 05 G FIG.4- TYPICAL JUNCTION CAPACITANCE 175 150 JUNCTION CAPACITANCE.(pF) 125 100 75 50 25 1 HE HER601G-HER604G R6 ER 605 G HE R60 6G ~H ER 608 G 01G ~H 0.1 HER606G-HER608G 0 0.1 0.5 1 2 5 10 20 50 REVERSE VOLTAGE. (V) 100 200 500 800 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 FORWARD VOLTAGE. (V) FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM 50 NONINDUCTIVE 10 NONINDUCTIVE +0.5A DUT (-) PULSE GENERATOR (NOTE 2) OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr (+) 50Vdc (approx) (-) NON INDUCTIVE NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms -1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm Version: A06 |
Price & Availability of HER601G1 |