Part Number Hot Search : 
LA7953 SD01459 03712 IC18F UC3845 BYW32GP MXR7210G C0201
Product Description
Full Text Search
 

To Download HER154 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
HER151 THRU HER158
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
FEATURES
* * * * * * * Low power loss, high efficiency Low leakage Low forward voltage drop High current capability High speed switching High surge capability High reliability
DO-15
MECHANICAL DATA
* * * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Color band denotes cathode end Mounting position: Any Weight: 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA= 50 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 1.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25 oC Maximum Full Load Reverse Current Average, Full Cycle .375*(9.5mm) lead length at T L = 55oC Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range NOTES : 1. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A 2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts TJ, VRRM VRMS VDC IO IFSM VF
HER151 HER152 HER153 HER154 HER155 HER156 HER157 HER158 UNITS
50 35 50
100 70 100
200 140 200
300 210 300 1.5 60
400 280 400
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps
1.0
1.3 5.0
1.7
Volts uAmps uAmps
IR 100 trr CJ
TSTG
50 30 -65 to + 150
75 20
nSec pF
0
C
62
NEXT NEXT NEXT
EXIT BACK BACK EXI BACK EXIT
RATING AND CHARACTERISTIC CURVES (HER151 THRU HER158)
HE
R1
51~
HE
R1
55
HE
R15
6~H
ER
158
DC COMPONENTS CO., LTD.
R
63
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK


▲Up To Search▲   

 
Price & Availability of HER154

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X