Part Number Hot Search : 
330MD NJM2831 P87C5 MICONDUC W986416 HT1622 DS1501W 1N1401
Product Description
Full Text Search
 

To Download HER154 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER151 THRU HER158
HIGH EFFICIENCY RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.5 Amperes
Features
Plastic package has Underwriters Laboratory Flammability classification 94V-0 utilizing Flame retardant epoxy molding compound Void-free plastic in DO-15 package 1.5 ampere operation at TA=55 with no thermal runaway Ultra fast switching for high efficiency
Mechanical Data
Case: Molded plastic, DO-15 Terminals: Axial leads, solderable per MIL-STD-202, method 208 Polarity: Band denotes cathode Mounting Position: Any Weight: 0.014 ounce, 0.39 gram
DIM ENSIONS DIM A B C D inches Min. 0.228 0.102 0.028 1.000 Max. 0.299 0.142 0.034 Min. 5.8 2.6 0.71 25.40 mm Max. 7.6 3.6 0.86 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
Symbols
HER 151
HER 152
HER 153
HER 154
HER 155
HER 156
HER 157
HER 158
Units
Peak reverse voltage, Repetitive; Maximum RMS voltage DC reverse voltage Average forward current, IO@TA=55 3/8" lead length, 60Hz, resistive or inductive load Peak forward surge current, IFM (surge) 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) Maximum forward voltage @1.5A, 25 Maximum reverse current, @ rate Tj=25 reverse voltage TA=100 Reverse recovery time IF=0.5A, IR=1A, IRR=0.25A Typical junction capacitance (Note 1) Typical thermal resistance (Note 2) Operating and storage temperature range
VRRM V RMS VDC I(AV) IFSM VF IR Trr CJ R
JA
50 35 50
100 70 100
200 140 200
300 210 300 1.5 50.0
400 280 400
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps
1.00
1.30 10.0 500.0 50 25 50.0 -55 to +150
1.70
Volts A
75
nS F /W
TJ, TSTG
Notes: (1) Measured at 1.0MHz and applied reverse voltage of 4.0 VDC (2) Thermal resistance from junction to ambient and from junction to lead length 0.375 (9.5mm) P.C.B. mounted
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of HER154

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X