Part Number Hot Search : 
DD200KB SRC12 NTE135 SSD081 CZRA1150 LVCH16 M7403 B8852
Product Description
Full Text Search
 

To Download H52N-008-210-AGGE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUMI
microSD card connectors
CIM-H32N, H52N, H52R
Connectors
FEATURES
1. Push-in Push-out eject machanism. Card eject distance 3.8mm 2. Small and tin design Normal mount type [CIM-H32N] : H 1.85mm W 13.7mm Length 16.0mm Reverse mount type [CIM-H52R] : H 1.85mm W 14.0mm Length 16.0mm 3. Prevent card jump out of a connector with brake mechanism. 4. Switch With card detection [Normally open type] 5. Prevent card drop from connector with half lock mechanism.
CIM-H52R
CIM-H32N
HOW TO ORDER
1. CIM-H32N 2. CIM-H52N
H32N-008-21 0 - A G G E
1 1 2 3 4 5 6 7 8 2 3 4 5 6 78 Series No. (H32N : Nomal type) No. of contacts (008 : 8pins) Housing material (21 : LCP resin) Housing UL grade (0 : UL94V-0) Contact plating (A : Gold) Contact plating thickness (G : 3m) Contact read style (G : Angle SMT) Package (E : Taping)
H52N-008-21 0 - A G G E
1 1 2 3 4 5 6 7 8 2 3 4 5 6 78 Series No. (H52N : Nomal type) (H52R : Reverse type) No. of contacts (008 : 8pins) Housing material (21 : LCP resin) Housing UL grade (0 : UL94V-0) Contact plating (A : Gold) Contact plating thickness (G : 3m) Contact read style (G : Angle SMT) Package (E : Taping)
MITSUMI
microSD card connectors
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS Rated Voltage Rated Current Withstanding Voltage Insulation Resistance Contact Resistance MECHANICAL CHARACTERISTICS Life (Matching Cycle) Card Insertion Force Eject Force Using Temperature Range 10,000times 2.0N~6.0N 2.0N~6.0N -25~+85C AC 50V (rms) 0.5A 500V AC (rms) 1minute 1000M min. (Initial value) 100m max. (Initial value)
MATERIAL & FINISH
Component Parts Housing Contact CD Switch Vdd CD Switch Vss Plate Slider Half Lock Coil Spring Lock Pin Material LCP resin Copper Alloy Copper Alloy Copper Alloy Copper Alloy PA9T resin SUS SUS SUS Finish (Black) Gold plating Gold plating Gold plating
-
(Black)
-
Board installation condition
Normal type (CIM-H32N)
1.85
16 Card
Contact pad side
Reverse type (CIM-H52R)
Card
1.85
16
Contact pad side
MITSUMI
DIMENSIONS
CIM-H32N
1.36 13.7 1.85 SW [Vss] 0.6 5.3 7.74 5.5 1.2 0.5 SW [Vdd]
0.6
0.8 0.3 5.5 7.74 1.1 (0.3) 5.9 1.96 1.2 1.8 1.8 1.3 (0.6) 1.1 14.7 5.35 14.55
Recommended PWB layout (NTS) 0.05
16
1.3
0.3 0.95 +0.25 0 Card entrance (7.94)
0.85
0.9
Recommended PWB layout
11.23+0.15 -0.05 Card entrance 2.32
0.75
1.1 7.7 4.75
#1 1.2 11.8 7.7 1.3 0.3 0.8 0.3 11.5 1.75 14.2 24
Lead er of area cove r tap e
200 0 20~3 150~
Packing specification
2.25 40 0.2 (10Pitch) 20 4 1.9 1.4 1.4
0.5 3.35
16.5
Tiller area 12~18 Pockets o150
o380
Connector parked area 24.4
+2 0
12~18 Pockets Leader area
2 0.5
1.4
0.3
0.3
12.5
MITSUMI
microSD card connectors
CIM-H52R
7.7 14 0.7
#1
4.74 2.11 1.08
1.1 0.7
#8
0.55
1.2
1.2 0.95 +0.15 -0.05 Card entrance 12.6 2.32 11.21 +0.15 -0.05 Card entrance
Recommended PWB layout
5.94 3.31 2.28 1.8 16.4 7.7 1.1 1.8 0.7 0.65 8-0.8 (0.3)
200
1.85
0.35
1.65
15.7
13
Packing specification
1.8
1.75 2.65 40 24
0.2
(10pitch)
4
Recommended PWB layout (NTS) 0.05
11.5
0.5 3.35
17.3
Tiller area 12~18 Pockets o150
16.4
24
Lead
o380
er a
f co rea o
0 20~3
ver t
ape
150~
Connector parked area 24.4 0
+2
12~18 Pockets Leader area
2 0.5
1.8
0.68
4-1.65
15.85
10.8
1.5
1.2 0.6
0.6 1.2
14.8
16


▲Up To Search▲   

 
Price & Availability of H52N-008-210-AGGE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X