Part Number Hot Search : 
8051S UF07B CX24431 K1205 SC1437 D4023BC 203SH30 TB1118A
Product Description
Full Text Search
 

To Download GF1J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GF1A-GF1M
GF1A - GF1M
Features * * * *
Low forward voltage drop. High current capability. Easy pick and place. High surge current capability.
SMA/DO-214AC
COLOR BAND DENOTES CATHODE
General Purpose Rectifiers (Glass Passivated)
Absolute Maximum Ratings*
Symbol
VRRM IF(AV) IFSM Tstg TJ
TA = 25C unless otherwise noted
Parameter
1A Maximum Repetitive Reverse Voltage Average Rectified Forward Current, @ TL = 125C Non-repetitive Peak Forward Surge Current 8.3 ms Single Half-Sine-Wave Storage Temperature Range Operating Junction Temperature 50 1B 100 1D 200
Value
1G 400 1.0 30 -65 to +175 -65 to +175 1J 600 1K 800 1M 1000
Units
V A A C C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
Symbol
PD RJA RJL Power Dissipation Thermal Resistance, Junction to Ambient* Thermal Resistance, Junction to Lead*
Parameter
Value
1.8 80 26
Units
W C/W C/W
*Device mounted on PCB with 0.2 x 0.2" (5.0 x 5.0 mm) copper pad areas.
Electrical Characteristics
Symbol
VF trr IR CT
TA = 25C unless otherwise noted
Parameter
1A Forward Voltage @ 1.0 A Reverse Recovery Time IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A Reverse Current @ rated VR TA = 25C TA = 125C Total Capacitance VR = 4.0 V, f = 1.0 MHz 1B
Device
1D 1.0 2.0 5.0 50 15 1G 1J 1K 1M 1.2
Units
V s A A pF
2001 Fairchild Semiconductor Corporation
GF1A-GF1M, Rev. G
GF1A-GF1M
General Purpose Rectifiers (Glass Passivated)
(continued)
Typical Characteristics
Average Rectified Forward Current, IF [A]
1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 Lead Temperature [C] 150 175
RESISTIVE OR INDUCTIVE LOAD P.C.B. MOUNTED ON 0.2 x 0.2" (5.0 x 5.0 mm) COPPER PAD AREAS
Peak Forward Surge Current, IFSM [A]
1.6
100 50
20 10 5
2 1
1
2
5 10 20 Number of Cycles at 60Hz
50
100
Figure 1. Forward Current Derating Curve
Figure 2. Non-Repetitive Surge Current
100
100
Forward Current, IF [A]
Reverse Current, IR [mA]
10
10
TA = 125 C
1
TA = 75 C
1
0.1
0.1
TA = 25 C Pulse Width = 300S 2% Duty Cycle
0.01
TA = 25 C
0.01 0.4
0.6
0.8 1 1.2 1.4 1.6 Forward Voltage, VF [V]
1.8
2
0.001
0 20 40 60 80 100 120 140 Percent of Rated Peak Reverse Voltage [%]
Figure 3. Forward Voltage Characteristics
Figure 4. Reverse Current vs Reverse Voltage
100 50 Total Capacitance, CT [pF]
20 10 5
2 1 0.01
0.1 1 10 Reverse Voltage, VR [V]
100
Figure 5. Total Capacitance
2001 Fairchild Semiconductor Corporation
GF1A-GF1M, Rev. G
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST (R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench (R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER (R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET (R)
VCXTM
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life systems which, (a) are intended for surgical implant into support device or system whose failure to perform can the body, or (b) support or sustain life, or (c) whose be reasonably expected to cause the failure of the life failure to perform when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H4


▲Up To Search▲   

 
Price & Availability of GF1J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X