Part Number Hot Search : 
T529H P4SMAJ6 TLHR46 MM3Z2B4 NTE71 LA101 KBU80 FDRH20
Product Description
Full Text Search
 

To Download GBJ20005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
GBJ20005 THRU GBJ2010
20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ
I A H
Rating to 1000V PRV Ideal for printed circuit board Low forward voltage drop, high current capability. Reliable low cost construction utilizing molded plastic technique results in inexpensive product
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C MCC Catalog Number GBJ20005 GBJ2001 GBJ2002 GBJ2004 GBJ2006 GBJ2008 GBJ2010 Device Marking Maximum Reccurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
D F
B E
G
---------------
+
P L C
M N O O
DIMENSIONS INCHES MIN 1.170 .780 .670 .019 .430 .090 .120 .130 .170 .100 .020 .080 .040 .390 .290 .150 MM MIN 29.70 19.70 17.00 4.70 10.80 2.30 3.10 3.40 4.40 2.50 0.60 2.00 0.90 9.80 7.30 3.80
K J
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 20 A Tc = 100C Current Peak Forward Surge IFSM 240A 8.3ms, half sine Current Maximum IFM = 10.0 A 1.05V Instantaneous VF Forward Voltage TJ = 25C Maximum DC Reverse Current At IR 10 A TJ = 25C Rated DC Blocking 500uA TJ = 125C Voltage Typical thermal resistance R OJC 0.8C/W Typical Junction CJ 60 pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
DIM A B C D E F G H I J K L M N O P
MAX 1.190 .800 .710 .019 .440 .110 .130 .150 .190 .110 .030 .090 .040 .400 .300 .170
MAX 30.30 20.30 18.00 4.90 11.20 2.70 3.40 3.80 4.80 2.90 0.80 2.40 1.10 10.20 7.70 4.20
NOTE
www.mccsemi.com
RATING AND CHARACTERISTIC CURVES GBJ20005 thru GBJ2010
MCC
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
25
WITH HEATSINK
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
300
20
15
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
200
10
100
Single Half-Sine-Wave (JEDEC METHOD)
5
WITHOUT HEATSINK
0
0 1 2 5 10
20
40
60
80
100
120
140
20
50
100
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE
100
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
10
CAPACITANCE , (pF)
TJ = 25 C
10
1.0
0.1
TJ = 25 C, f = 1MHz
PULSE WIDTH 300us
1.0 1.0 4.0 10.0 100
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
REVERSE VOLTAGE , VOLTS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT ,(uA)
TJ = 125 C
100
TJ = 100 C
10
TJ = 50 C
1.0
TJ = 25 C
0.1 0 20 40 60 80 100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of GBJ20005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X