Part Number Hot Search : 
2N3700UB P16NB2 NCE55H RD35470K KF200 MCP2021P 78M08 741AN
Product Description
Full Text Search
 

To Download FC101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fuse Clips
For 1/4 inch (6.35mm) Diameter Fuses
TYPE FC-101
PC Board Mount
.280 BEL
[Ear Stops] .425
.14 .30
Material Brass (65Cu/35Zn), 0.020 inch thick, full hard temper Plating Bright tin (150 microinch, minimum), over nicke barrier plate Solderability Per Mil-Std-202F, Method 208 Torque Minimum 1.0 in.-oz. to twist a fuse in a single clip Extraction Minimum 2 lbs. to extract a fuse from a single clip Marking "bel" die stamped on 1 side Ampere Rating FC-101, -102 -up to 15A. FC-201, -211 -up to 10A NOTE - suitability at higher currents is dependent on fuse type, circuit conditions, AND PC board design (track width/thickness, means to solder clip legs, etc). Each combination of clip, fuse, PC board and operating condition needs to be evaluated
.065 .312
TYPE FC-102 PC Board Mount [Earless]
.425
.280
BEL
.14 .30 .065 .312
For 5mm Diameter Fuses
TYPE FC-201 5mm Clip PC Board Mount [Ear Stops]
.245 BEL .34 .14 .265 .066 .250
The Type FC-211 Locking Clip is designed for 5 mm diameter fuses, for use in 0.062 inch thick printed circuit boards. The legs have tabs which "lock" into the board and prevent "floating" of the clip during wave solder.This design also allows elimination of the "clinching" operation on the underside of the board.
TYPE FC211 Locking Type PC Board Mount [Ear Stops]
.059 .035 .011
.245
.34
.14 .045 .265 .25
.028 REF .066
Specifications subject to change without notice
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel: 201-432-0463 * Fax: 201-432-9542 * E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
65


▲Up To Search▲   

 
Price & Availability of FC101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X