Part Number Hot Search : 
A1400 SK38A G40C6 UPD78 EUA2032 24C02SC FDC5614P 167BG
Product Description
Full Text Search
 

To Download EZ1117CST-XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EZ1117/EZ1117A
POWER MANAGEMENT Description
The EZ1117 series of high performance positive voltage regulators are designed for use in applications requiring low dropout performance at full rated current. Additionally, the EZ1117 series provides excellent regulation over variations in line, load and temperature. Outstanding features include low dropout performance at rated current, fast transient response, internal current limiting and thermal shutdown protection of the output device. The EZ1117 series of three terminal regulators offer fixed and adjustable voltage options available in the space saving SOT-223 and TO-263 packages.
0.8 & 1.0 AMP Positive Voltage Regulators
Features
Low dropout performance, 1.2V max. for EZ1117 1.3V max. for EZ1117A Full current rating over line and temperature Fast transient Response 2% total output regulation over line, load and temperature Adjust pin current max 90A over temperature Fixed/adjustable output voltage Line regulation 0.2% max. Load regulation 0.4% max. SOT-223 and TO-263 packages
Typical Application Circuits
Adjustable Voltage Regulator (1)(2)
VOUT = 4.75V 2/TAB 3 3.45V VOUT
Applications
Active SCSI termination Low voltage microcontrollers Switching power supply post-regulator
EZ1117
1 I ADJ
VREF
R1 133 1% R2 232 1%
+ C1 10F
+ C2 10F TANT
Ordering Information
Device(1,2)
EZ1117CST-X.X EZ1117ACST-X.X EZ1117CM-X.X EZ1117ACM-X.X
Package
SOT-223 TO-263
VOUT Volts
See Note (1) See Note (1)
VOUT = VREF ( 1 + R2 ) + IADJR2 R1 (1) C1 Needed if device is far from filter capacitors (2) C2 Required for Stability
Fixed Voltage Regulator
VOUT = 4.75V
2/TAB 3
(1)(2)
EZ1117-3.3
1 IQ + C2 10F TANT
3.3V VOU
Notes: (1) Where X.X denotes voltage options. Available voltages are: 2.5V, 2.85V and 3.3V. Leave blank for adjustable version (1.3 to 5.7V). Contact factory for additional voltage options. (2) Add suffix `TR' for tape and reel.
+ C1 10F
(1) C1 Needed if device is far from filter capacitors (2) C2 Required for Stability
Active SCSI Bus Terminator
OUT IN
EZ1117
GND + 22F
+ 10F
18 to 27 Lines
May 23, 2006
1
www.semtech.com
EZ1117/EZ1117A
Absolute Maximum Ratings
Parameter Input Supply Voltage Power Dissipation Thermal Resistance Junction to Case SOT-223 TO-263 Thermal Resistance Junction to Ambient SOT-223 TO-263 Operating Junction Temperature Range Storage Temperature Range Lead Temperature (Soldering) 10 Sec Symbol VIN PD JC Max 7 Internally Limited 15 3 156 60 0 to 125 -65 to 150 260 Units V W C/W
JA TJ TSTG TLEAD
C/W C C C
Electrical Characteristics(6)
Adj. Option: VIN = 2.65V to 7.0V and Adj IO = 10mA to IRATED Fixed Options: IO = 0mA to IRATED Fixed 2.5V: VIN = 3.9V to 7.0V Fixed 2.85V: VIN = 4.25V to 7.0V Fixed 3.3V: VIN = 4.75V to 7.0V
Test Conditions Parameter Output Voltage(1) (Fixed Voltage Versions) Reference Voltage(1) (Adj Voltage Version) Line Regulation(1) Load Regulation(1) VREF REG(LINE) REG(LOAD) 5V 100mA Dropout Voltage(2) VD EZ1117A Current Limit EZ1117 EZ1117A ICL O.T. 0.8 1.0 500mA O.T. 800mA 1,000mA 10mA 5V 10mA Symbol VD VIN 5V IO 0mA TJ(5) 25C O.T. 25C O.T. O.T. O.T. Min 0.99|VOl 0.98|VOl 1.238 1.225
Test Limits Typ VO VO 1.250 1.250 0.035 0.2 1.00 1.05 1.10 1.10 Max 1.01|VOl 1.02|VOl 1.262 V 1.270 0.2 0.4 1.10 1.15 V 1.20 1.30 % % Units V
A
(c) 2006 Semtech Corp.
2
www.semtech.com
EZ1117/EZ1117A
Electrical Characteristics (Cont.)
Test Conditions Parameter Quiescent Current Fixed Voltage Version Temperature Coefficient Adjust Pin Current Adjust Pin Current Change Temperature Stability Minimum Load Current Adj Voltage Version RMS Output Noise(3) Ripple Rejection Ratio(4)
NOTES: (1) (2) (3) (4) (5) (6) Low duty cycle pulse testing with Kelvin connections required. VOUT, VREF = 1%. Bandwidth of 10Hz to 10kHz. 120Hz input ripple (CADJ for ADJ = 25F). O.T. = over specified operating junction temperature range. IRATED = 1A for EZ1117A and 800mA for EZ1117.
Test Limits TJ(5) O.T. O.T. O.T. O.T. O.T. Min Typ 10 0.005 55 0.2 0.5 5 0.003 60 72 10 90 5 Max 13 Units mA %/C A A % mA %VO dB
Symbol IQ TC IADJ IADJ TS IO VN RA
VIN 5V
IO
5V
O.T. 25C
5V
O.T.
Pin Configurations
Block Diagram
Input
EZ1117 EZ1117A PIN 1 2 3 SOT-223 TO-263 FUNCTION ADJ/GND OUTPUT INPUT
Thermal Overload Current Limiting Amplifier
S.O.A
Limit Output Sense
TAB IS OUTPUT
Voltage Regulation Amplifier VREF
ADJ/COM
(c) 2006 Semtech Corp.
3
www.semtech.com
EZ1117/EZ1117A
Outline Drawing - SOT-223
Land Pattern - SOT-223
(c) 2006 Semtech Corp.
4
www.semtech.com
EZ1117/EZ1117A
Outline Drawing - TO-263
Land Pattern - TO-263
(c) 2006 Semtech Corp.
5
www.semtech.com
EZ1117/EZ1117A
Contact Information
Semtech Corporation Power Management Products Division 200 Flynn Road, Camarillo, CA 93012 Phone: (805) 498-2111 Fax: (805) 498-3804
www.semtech.com
(c) 2006 Semtech Corp.
6
www.semtech.com


▲Up To Search▲   

 
Price & Availability of EZ1117CST-XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X