![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
10.0A Positive Voltage Regulator POWER MANAGEMENT Description The EZ1082 is a high performance positive voltage regulator designed for use in applications requiring low dropout performance at 10A. Additionally, the EZ1082 provides excellent regulation over variations in line, load and temperature. Features include 1.4V dropout at 10A, fast transient response, internal current limiting and thermal shutdown protection of the output device. The EZ1082 series are three terminal regulators with fixed and adjustable voltage options available in the popular TO-220 package. The EZ1082 is an excellent choice for powering microprocessor systems. Using an LDO eliminates MOSFETs and inductors saving both space and cost. An LDO also provides better transient response with no ripple to the load. EZ1082 Features Low dropout performance, 1.4V max. Full current rating over line and temperature Fast transient response 2% total output regulation over line, load and temperature Adjust pin current max 90A over temperature Fixed/adjustable output voltage Line regulation typically 0.015% Load regulation typically 0.05% TO-220 3 pin package. Available in Pb-free plating, RoHS compliant Applications High current microprocessor supplies Post regulators Microprocessor systems Medical equipment Embedded systems Post regulation for switching supplies Telecommunication systems Typical Application Circuit Fixed Voltage Regulator U1 VIN > 4.75V 3 IN EZ1082-3.3 2 TAB OUT VOUT = 3.3V + C1 10uF Tant. GND 1 + C2 10uF Tant. Min. Adjustable Voltage Regulator U1 VIN > 4.75V 3 IN TAB EZ1082 OUT 2 VOUT = 3.45V + C1 10uF Tant. ADJ 1 R1 133 Ohm, 1% + C2 10uF Tant. Min Notes: (1) C1 needed if device is far from filter capacitors (2) C2 minimum value required for stability Revision: August 1, 2007 1 R2 232 Ohm, 1% R2 VOUT = VREF * 1 + + I ADJ * R 2 R1 www.semtech.com EZ1082 POWER MANAGEMENT Absolute Maximum Ratings Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in the Electrical Characteristics section is not implied. Parameter Input Supply Voltage Power Dissipation Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient Operating Junction Temperature Range Storage Temperature Range Lead Temperature (Soldering) 10 Sec. Symbol VIN PD J C J A TJ TSTG TLEAD Maximum 7 Internally Limited 3 50 0 to 125 -65 to 150 300 Units V W C/W C/W C C C Electrical Characteristics Unless otherwise specified: Adj. VIN = 2.75V to 7.0V and Adj. IO = 10mA to 10.0A; Fixed VIN = 4.75 to 7.0V and Fixed IO = 0 mA to 10.0A Parameter Output Voltage (1) Symbol VO VIN 5V IO OmA TJ(4) 25C O.T. Min 0.99lVOl 0.98lVOl 1.238 1.225 Typ VO VO 1.250 1.250 0.015 0.035 0.05 0.2 1.2 1.2 Max 1.01lVOl 1.02lVOl 1.262 1.275 0.2 0.2 0.3 0.4 Units V Fixed Voltage Version Reference Voltage (1) VREF 5V 10mA 25C O.T. V Adj Voltage Version Line Regulation (1) REG(LINE) 10mA 25C O.T. % Load Regulation (1) REG(LOAD) 5V 25C O.T. % Dropout Voltage VOUT, VREF = 1% Current Limit Quiescent Current Fixed Voltage Version Temperature Coefficient VD 25C O.T. V 1.4 A 14 mA %/C ICL IQ TC 5V O.T. O.T. O.T. 10.0 12 12 0.005 2007 Semtech Corp. 2 www.semtech.com EZ1082 POWER MANAGEMENT Electrical Characteristics (Cont.) Parameter Adjust Pin Current Symbol IADJ VIN IO TJ(4) 25C O.T. Adjust Pin Current Change Temperature Stability Minimum Load Current Adj Voltage Version RMS Output Noise(2) Ripple Rejection Ratio(3) IADJ TS IO VN RA 5V 10.0A 5V 5V 0.5A O.T. O.T. O.T. 25C O.T. 60 0.2 0.5 5 0.003 72 10 Min Typ 55 90 5 A % mA %VO dB Max Units A NOTES: (1) Low duty cycle pulse testing with Kelvin connections required. (2) Bandwidth of 10 Hz to 10 kHz. (3) 120 Hz input ripple (CADJ for ADJ = 25F). (4) Over Temp. (O.T.) = over specified operating junction temperature range. 2007 Semtech Corp. 3 www.semtech.com EZ1082 POWER MANAGEMENT Pin Configuration Ordering Information Device(1)(2) EZ1082CT-X.XT Package(3) TO-220 Notes: (1) Where X.X denotes voltage options. Available voltages are: 2.5V and 3.3V. Leave blank for adjustable version (1.3 to 5.7V). Contact factory for additional voltage options. (2) Only available in tube packaging. A tube contains 50 devices. (3) Available in Pb-free plating, RoHS compliant. Block Diagram 2007 Semtech Corp. 4 www.semtech.com EZ1082 POWER MANAGEMENT Outline Drawing - TO-220 OP BA B A E2 E/2 Q H1 D2 D D1 L1 L E A A1 SEATING PLANE aaa DIM A A1 A2 b b2 c D D1 D2 E E1 E2 e e1 H1 L L1 N OP Q aaa bbb ccc DIMENSIONS MILLIMETERS INCHES MIN NOM MAX MIN NOM MAX .190 3.56 4.82 .055 0.51 1.40 .115 2.03 2.92 .027 .040 0.38 0.69 1.02 .057 .070 1.14 1.45 1.78 .024 0.36 0.61 .650 14.22 16.51 .355 8.38 9.02 .507 12.19 12.88 .420 9.65 10.66 .350 6.86 8.90 .030 0.76 .100 BSC 2.54 BSC .200 BSC 5.08 BSC .230 .270 5.84 6.86 .580 12.70 14.73 .500 .250 6.35 3 3 .139 .156 3.53 3.96 .120 2.54 3.05 .100 .014 0.36 .015 0.38 .010 0.25 .140 .020 .080 .015 .045 .014 .560 .330 .480 .380 .270 - C c 3 x b2 3xb bbb 2x e e1 NOTES: 1. CONTROLLING DIMENSIONS ARE IN INCHES. 2. DIMENSIONS "D" AND "E" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. A2 BA E1 ccc BA Contact Information Semtech Corporation Power Management Products Division 200 Flynn Road, Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804 2007 Semtech Corp. 5 www.semtech.com |
Price & Availability of EZ1082CT-XXT
![]() |