Part Number Hot Search : 
160160 60GB2APB BZX84C3W P80NF06 C100MC A1225 F060250 MBR880L
Product Description
Full Text Search
 

To Download EL2005CG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EL2005 EL2005C
EL2005 EL2005C
High Accuracy Fast Buffer
Features
Low input current 50 pA Low offset and drift 2 mV 25 mV C High slew rate 1500 V ms Fast rise and fall time 2 5 ns High input resistance 1000 GX Bandwidth 140 MHz Pin compatible with ELH0033 MIL-STD-883 Revision C devices manufactured in U S A
General Description
The EL2005 is a high-speed FET input buffer similar to ELH0033 and EL2004 but with input specifications significantly improved over the previous types The input stage employs a cascode configuration to maintain constant input characteristics over the full g10V input range The input looks like a 3 pF capacitor to ground in almost all cases since the DC bias current is constant with input voltage In sample and hold circuits this results in an order of magnitude improvement in hold characteristics Input offset voltage and offset voltage drift are also improved a factor of two over previous types These excellent DC characteristics are complemented by a wide 140 MHz bandwidth while the 1500 V ms slew rate and excellent phase linearity of the ELH0033 family are preserved allowing direct plug-in replacement for upgraded performance (For even faster operation see EL2004 ) Elantec facilities comply with MIL-I-45208A and are MILSTD-1772 certified Elantec's Military devices comply with MIL-STD-883B Revision C and are manufactured in our rigidly controlled ultra-clean facilities in Milpitas California For additional information on Elantec's Quality and Reliability Assurance Policy and procedures request brochure QRA-1
Advantages
No input loading Input current independent of input voltage Eliminates offset adjustments Drives cables directly
Ordering Information
Part No EL2005CG EL2005G Temp Range
b 25 C to a 85 C b 55 C to a 125 C
Package Outline TO-8 TO-8 TO-8 MDP0002 MDP0002 MDP0002
EL2005G 883B b 55 C to a 125 C
Simplified Schematic
Connection Diagram
January 1990 Rev F
2005 - 1
Top View
Note Case is electrically isolated
2005 - 2
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ``controlled document'' Current revisions if any to these specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation Patent pending CMS 2005DS
1989 Elantec Inc
EL2005 EL2005C
High Accuracy Fast Buffer
Absolute Maximum Ratings (TA e 25 C)
VS VIN PD IOC IOP Supply Voltage (V a b Vb) Input Voltage Power Dissipation (See curves) Continuous Output Current Peak Output Current 40V 40V 1 5W g100 mA g250 mA TA Operating Temperature Range EL2005 EL2005C Operating Junction Temperature Storage Temperature Lead Temperature (Soldering 10 seconds)
b 55 C to a 125 C b 25 C to a 85 C
TJ TST
175 C
b 65 C to a 150 C
300 C
Important Note All parameters having Min Max specifications are guaranteed The Test Level column indicates the specific device testing actually performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJ e TC e TA Test Level I II III IV V Test Procedure 100% production tested and QA sample tested per QA test plan QCX0002 100% production tested at TA e 25 C and QA sample tested at TA e 25 C TMAX and TMIN per QA test plan QCX0002 QA sample tested per QA test plan QCX0002 Parameter is guaranteed (but not tested) by Design and Characterization Data Parameter is typical value at TA e 25 C for information purposes only
DC Electrical Characteristics VS e g15V
Parameter Description Test Conditions
VIN e 0V TMIN s TA s TMAX EL2005 Min Test Typ Max Level 2 5 10 25 65 75 2 50 2 0 97 0 88 0 98 0 95 50 500 5 10 0 98 I I V I I IV I I I I I 8 I 0 96 0 88 60 25 75 5 100 05 0 98 0 95 100 1000 5 10 0 99 Min EL2005C Typ Max 3 10 15 Test Units Level I III V II I IV III II II IV I 9 II mV mV mV C dB pA pA nA VV VV X X X
VOS
Output Offset Voltage
RS s 100 kX TJ e 25 C (Note 1) RS s 100 kX
DVOS DT
Average Temperature Coefficient of RS e 100X Offset Voltage Supply Rejection Input Bias Current
g10V s VS s g20V
PSRR IB
TJ e 25 C (Notes 1 and 3) TA e 25 C (Notes 2 and 3) TJ e TA e TMAX
AV
Voltage Gain
RS e 100X RL e 1 kX VIN e g10V RS e 100X RL e 100X vIN e g10V
RIN
Input Impedance
RL e 1 kX b 10V s VIN s g10V TJ e 25 C (Note 1) RL e 1 kX
2 c 109 1012 1010 1012 4
2 c 109 1012 1010 1012 4
RO
Output Impedance
RL e 1 kX VIN e g1V
2
TD is 3 8in
EL2005 EL2005C
High Accuracy Fast Buffer
DC Electrical Characteristics VS e g15V
Parameter Description Test Conditions Min VO Output Voltage Swing VIN e g14V RL e 1 kX VIN e g10 5V RL e 100X TA e 25 C IS PD Supply Current VIN e 0 (Note 1) Power Consumption VIN e 0
g9
VIN e 0V TMIN s TA s TMAX EL2005 Typ
g12 5
Contd
EL2005C Test Units Level V I 24 720 II II V V mA mW TD is 1 7in TD is 2 5in
Max
Test Min Level V I
Typ
g12 5
Max
g9 8
g9
g9 8
19 570
22 660
I I
19 570
AC Electrical Characteristics TC e 25 C
Parameter Description Test Conditions
VS e g15V RS e 50X RL e 1 kX EL2005 EL2005C Units
Test Test Min Typ Max Min Typ Max Level Level III V V V V V 10 8 I I 0 96 1000 1500 140 2 25 10
k0 1
SR BW wNL tr tP HD AV RO
Slew Rate Bandwidth Phase Non-Linearity Rise Time
VIN e g10V VOUT e g5V 1000 1500 VIN e 1 Vrms BW e 1 MHz to 20 MHz DVIN e 0 5V 140 2 25 10
k0 1
III V V V V V 10 9 II II
V ms MHz Degree ns ns % VV X
Propagation Delay DVIN e 0 5V Harmonic Distortion Voltage Gain f l1 kHz RS e 100X VIN e 1 Vrms f e 1 kHz
0 97
0 99 4
0 99 4
Output Impedance VIN e 1 Vrms f e 1 kHz
Note 1 Specification is at 25 C junction temperature due to requirements of high-speed automatic testing Actual values at operating temperatures will exceed the value at TJ e 25 C When supply voltages are g15V no-load operating junction temperatures may rise 40 C to 60 C above ambient and more under load conditions Accordingly VOS may change one to several mV and IB will change significantly during warm-up Refer to IB vs Temperature graph for expected values Note 2 Measured in still air seven minutes after application of power Note 3 Input bias current is guaranteed over the input range of b10V s VIN s a 10V
3
EL2005 EL2005C
High Accuracy Fast Buffer
Typical Performance Curves
Maximum Power Dissipation Gain vs Input Voltage Output Resistance vs Output Current
Frequency Response
Supply Current vs Supply Voltage
Offset Voltage vs Supply Voltage
Input Bias Current vs Input Voltage
Input Bias Current vs Temperature
Input Bias Current During Warm-up
2005 - 3
Rise Time vs Temperature
Small Signal Pulse Response
Large Signal Pulse Response
2005 - 4
4
EL2005 EL2005C
High Accuracy Fast Buffer
Typical Applications
Offset Zero Adjust Using Resistor Current Limiting Current Limiting Using Current Sources
2005 - 5
2005 - 6 2005 - 7
Q1 e Q2 e 2N2905 Q3 e Q4 e 2N2219
High Input Impedance AC Coupled Amplifier
Coaxial Cable Driver
Select C1 for optimum pulse response
2005 - 9
2005 - 8
5
EL2005 EL2005C
High Accuracy Fast Buffer
Typical Applications
Contd
Bootstrapped Supplies for High Voltage Applications
50X Cable Driver with Short Circuit Protection
NPN e 2N6551 PNP e 2N6554
( 2W devices
or equivalent
2005 - 11
2005 - 10
High-Speed Sample and Hold
2005 - 12
6
EL2005 EL2005C
High Accuracy Fast Buffer
Applications Information
Recommended Layout Precautions
RF video printed circuit board layout rules should be followed when using the EL2005 since it will provide power gain to frequencies over 100 MHz Ground planes are recommended and power supplies should be decoupled at each device with low inductance capacitors In addition ground plane shielding may be extended to the metal case of the device since it is electrically isolated from internal circuitry Alternatively the case should be connected to the output to minimize input capacitance Resistor values may be predicted by RLIM j Va Vb e ISC ISC
where ISC s 100 mA for EL2005 The inclusion of limiting resistors in the collectors of the output transistors reduces output voltage swing Decoupling VC a and VC b pins with capacitors to ground will retain full output swing for transient pulses An alternate active current limit technique that retains full DC output swing is also shown on page 4 In this circuit the current sources are saturated during normal operation thus applying full supply voltage to the VC pins Under fault conditions the voltage decreases as required by the overload RLIM j VBE 0 6V e e 10X ISC 60 mA
Offset Voltage Adjustment
The EL2005's offset voltages have been actively trimmed by laser to meet guaranteed specifications when the offset preset pin is shorted to the offset adjust pin The pre-calibration allows the devices to be used in most DC or AC applications without individually offset nulling each device If offset null is desirable it is simply obtained by leaving the offset preset pin open and connecting a trim pot of 200X between the offset adjust pin and V b as illustrated on page 4
Capacitive Loading
The EL2005 is designed to drive capacitive loads such as coaxial cables in excess of several thousand picofarads without susceptibility to oscillation However peak current resulting from (C c dV dt) should be limited below absolute maximum peak current ratings for the devices Thus DVIN c CL s IOUT s g250 mA Dt In addition power dissipation resulting from driving capacitive loads plus standby power should be kept below the total package power rating PDpkg t PDC a PAC PDpkg t (V a b V b ) c IS a PAC PAC j (VP-P)2 c f c CL where VP-P e Peak-to-peak output voltage swing f e Frequency CL e Load Capacitance
Operation from Single or Asymmetrical Power Supplies
This device type may be readily used in applications where symmetrical supplies are unavailable or not desirable In this case an apparent output offset occurs due to the device's voltage gain of less than unity This additional output offset error may be predicted by (V a b V b ) e 0 005 (V a b V b ) DVO j (1 b AV) 2 where AV e No load voltage gain typically 0 99 V ae Positive supply voltage V be Negative supply voltage For example with V a e a 5V and V b e b 12V DVO would be b 35 mV This may be adjusted to zero as described above
Short Circuit Protection
In order to optimize transient response and output swing output current limit has been omitted from the EL2005 Short circuit protection may be added by inserting appropriate value resistors between V a and VC a pins and V b and VC b pins as shown on page 4
7
EL2005 EL2005C
High Accuracy Fast Buffer
Applications Information
Contd
Hardware
In order to utilize the full drive capabilities of the EL2005 it should be mounted with a heatsink particularly for extended temperature operation The case is isolated from the circuit and may be connected to system chassis
Operation within an Op Amp Loop
The EL2005 may be used as a current booster or isolation buffer within a closed loop with op amps such as the ELH0032 and HA2500 and HA2600 series An isolation resistor of 47X should be used between the op amp output and the input of EL2005 The wide bandwidth and high slew rates of the EL2005 assure that the loop has the characteristics of the op amp and that additional rolloff is not required
IMPORTANT
Power supply bypassing is necessary to prevent oscillation with the EL2005 in all circuits Low inductance ceramic disc capacitors with the shortest practical lead lengths must be connected from each supply lead (within to of the device package) to a ground plane Capacitors should be one or two 0 1 mF in parallel adding a 4 7 mF solid tantalum capacitor will help in troublesome instances
Burn-In Circuit
2005 - 13
8
EL2005 EL2005C
High Accuracy Fast Buffer
EL2005 Macromodel
Connections input
TAB WIDE
l l l l l l
Va
l l l l l
a Vc a
l l l l
Vb
l l l
Vcb
l l
output
l
subckt M2005 5 12 1 10 9 11 Models model qn npn (is e 5eb14 bf e 150 vaf e 100 rc e 1 rb e 5 re e 1 ikf e 200mA a cje e 5pF cjc e 5pF mje e 42 mjc e 23 tf e 3nS tr e 200nS br e 5 vtf e 0) model qp pnp (is e 5eb14 bf e 150 vaf e 100 rc e 2 rb e 3 re e 1 ikf e 100mA a cje e 5 7pF cjc e 4pF tf e 3nS mje e 32 mjc e 43 tr e 170nS br e 5 vtf e 0) model qfa njf (vto eb8V beta e 2 344eb3 cgd e 10pF cgs e 7pF lambda e 671eb6) model qfb njf(vto eb4V beta e 1 06eb3 cgd e 3pF cgs e 3pF) Resistors r1 21 22 30 r2 7 10 30 r3 25 11 3 r4 11 26 3 Transistors j1a 20 5 21 qfb j1b 28 10 27 qfb j2 12 11 20 qfa j4 24 10 28 qfa q3 22 22 23 qn q4 1 22 25 qn q5 24 24 23 qp q6 9 24 26 qp q7 27 27 7 qn ends
9
TD is 4 1in
EL2005 EL2005C
High Accuracy Fast Buffer
EL2005 Macromodel
Contd
2005 - 14
10
BLANK
11
EL2005 EL2005C
EL2005 EL2005C
High Accuracy Fast Buffer
General Disclaimer
Specifications contained in this data sheet are in effect as of the publication date shown Elantec Inc reserves the right to make changes in the circuitry or specifications contained herein at any time without notice Elantec Inc assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement
WARNING
Life Support Policy
January 1990 Rev F
Elantec Inc 1996 Tarob Court Milpitas CA 95035 Telephone (408) 945-1323 (800) 333-6314 Fax (408) 945-9305 European Office 44-71-482-4596
12
Elantec Inc products are not authorized for and should not be used within Life Support Systems without the specific written consent of Elantec Inc Life Support systems are equipment intended to support or sustain life and whose failure to perform when properly used in accordance with instructions provided can be reasonably expected to result in significant personal injury or death Users contemplating application of Elantec Inc products in Life Support Systems are requested to contact Elantec Inc factory headquarters to establish suitable terms conditions for these applications Elantec Inc 's warranty is limited to replacement of defective components and does not cover injury to persons or property or other consequential damages
Printed in U S A


▲Up To Search▲   

 
Price & Availability of EL2005CG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X