Part Number Hot Search : 
60A163C BZX84 MSD318C PSD6407 LT5571 SPED53F RFPT400 24223
Product Description
Full Text Search
 

To Download EGP20D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EGP20A THRU EGP20K
2.0 AMPS. Glass Passivated High Efficient Plastic Rectifiers
Voltage Range 50 to 800 Volts Current 2.0 Amperes
Features
Plastic material used carries Underwriters Laboratory Classification 94V-0 Glass passivated cavity-free junction Superfast recovery time for high efficiency Low forward voltage, high current capability Low leakage current High surge current capability High temperature metallurgically bonded construction High temperature soldering guaranteed: 300/10 seconds, .375"(9.5mm) lead length at 5 lbs., (2.3kg) tension
DO-15
Mechanical Data
Cases: JEDEC DO-15 molded plastic over glass body Lead: Plated axial leads, solderable per MIL-STD750, Method 2026 Polarity: Color band denotes cathode end Mounting position: Any Weight: 0.015 ounce, 0.4 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @ TA = 55 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 2.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Typical Thermal Resistance (Note 3) Operating and Storage Temperature Range
Symbol EGP
20A
EGP 20B
EGP 20D
EGP 20F
EGP 20G
EGP 20J
EGP 20K
Units V V V A A
VRRM VRMS VDC I(AV) IFSM VF IR Trr Cj
RJA RJL
50 35 50
100 70 100
200 140 200
300 210 300 2.0 75.0
400 280 400
600 420 600
800 560 800
0.95
1.25 5.0 100 50 35 60 20 -65 to + 150
1.7
75
40
V uA uA nS pF /W
TJ ,TSTG Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1.0 MHz and Applied VR=4.0 Volts 3. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.
- 588 -
RATINGS AND CHARACTERISTIC CURVES (EGP20A THRU EGP20K)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
AVERAGE FORWARD CURRENT. (A)
3.0
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
RESISTIVE OR INDUCTIVE LOAD 0.375" (9.5mm) LEAD LENGTH
FIG.5- TYPICAL REVERSE CHARACTERISTICS
100
INSTANTANEOUS REVERSE CURRENT. ( A)
2.0
10
Tj=150 0C
1.0
1
Tj=125 0C
0 0 25 50 75 100
o
125
150
175
0.1
Tj=75 0C
AMBIENT TEMPERATURE. ( C)
PEAK FORWARD SURGE CURRENT. (A)
90 75 60 45 30 15
FIG.3- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
0.01 Tj=25 0C
0.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.6- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
50
PULSE WIDTH-300 S 1% DUTY CYCLE
0 1
INSTANTANEOUS FORWARD CURRENT. (A)
10 NUMBER OF CYCLES AT 60Hz
100
10
Tj=150 0C
FIG.4- TYPICAL JUNCTION CAPACITANCE
140
1
Tj=25 0C
JUNCTION CAPACITANCE.(pF)
120 100 80 60 40 20 0 0.1
Tj=25 0C f=1.0MHz Vsig=50mVp-p
0.1
EGP20A-EGP20D EGP20F EGP20K
EGP20A-EGP20D EGP20F-EGP20K 1 10
REVERSE VOLTAGE. (V)
0.01 100 1000
0.2
0.4
0.6 0.8 1.0 1.2 1.4 FORWARD VOLTAGE. (V)
1.6
1.8
- 589 -


▲Up To Search▲   

 
Price & Availability of EGP20D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X