![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DIODE Type : EC10DS4 OUTLINE DRAWING FEATURES * Miniature Size,Surface Mount Device * High Surge Capability * Low Forward Voltage Drop * Low Reverse Leakage Current * Packaged in 12mm Tape and Reel * Not Rolling During Assembly Maximum Ratings Rating Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Approx Net Weight:0.06g Symbol VRRM VRSM IO IF(RMS) IFSM Tjw Tstg 25 0.74 1.0 EC10DS4 400 600 Ta=25 C *1 Ta=25 C *2 50Hz Half Sine Wave Resistive Load Unit V V A A A C C 1.57 50Hz Half Sine Wave,1cycle Non-repetitive -40 to +150 -40 to +150 Electrical * Thermal Characteristics Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol IRM VFM Conditions Tj= 25C, VRM= VRRM Tj= 25C, IFM= 1.0A Min. Typ. Max. 10 1.1 157 108 Unit A V C /W *1 *2 *1 Glass Epoxy Substrate Mounted (Soldering Lands=2x2mm,Both Sides) *2 Alumina Substrate Mounted (Soldering Lands=2x2mm,Both Sides) Rth(j-a) Junction to Ambient EC10D*_ OUTLINE DRAWING (Dimensions in mm) FORWARD CURRENT VS. VOLTAGE EC10DS1/EC10DS2/EC10DS4 10 INSTANTANEOUS FORWARD CURRENT (A) 5 2 Tj=25C Tj=150C 1 0.5 0.2 0.1 0 0.4 0.8 1.2 1.6 2.0 INSTANTANEOUS FORWARD VOLTAGE (V) AVERAGE FORWARD POWER DISSIPATION EC10DS1/EC10DS2/EC10DS4 AVERAGE FORWARD POWER DISSIPATION (W) 1.6 D.C. 1.2 HALF SINE WAVE 0.8 0.4 0 0 0.4 0.8 1.2 1.6 AVERAGE FORWARD CURRENT (A) AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE Glass-Epoxy Substrate Mounted(Soldering Land=2x2mm) EC10DS1/EC10DS2/EC10DS4 1.2 AVERAGE FORWARD CURRENT (A) 1.0 D.C. HALF SINE WAVE 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE (C) AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE Alumina Substrate Mounted(Soldering Land=2x2mm) EC10DS1/EC10DS2/EC10DS4 1.6 1.4 AVERAGE FORWARD CURRENT (A) D.C. 1.2 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 HALF SINE WAVE AMBIENT TEMPERATURE (C) SURGE CURRENT RATINGS f=50Hz,Half Sine Wave,Non-Repetitive,No Load EC10DS1/EC10DS2/EC10DS4 30 SURGE FORWARD CURRENT (A) 25 20 15 10 5 0.02s I FSM 0 0.02 0.05 0.1 0.2 0.5 1 2 TIME (s) |
Price & Availability of EC10DS4
![]() |