Part Number Hot Search : 
AX125 01547 C74HC40 HC5730 WRB1205 0515D C1000 YBBMU
Product Description
Full Text Search
 

To Download DTC144EKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
Digital transistors (built-in resistors)
DTC144EE/DTC144EUA /DTC144ECA/DTC144EKA/DTC144ESA
DIGITAL TRANSISTOR (NPN)
FEATURES 1. Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors(see equivalent circuit). 2. The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. 3. Only the on/off conditions need to be set for operation, making device design easy. PIN CONNENCTIONS AND MARKING DTC144EE DTC144EUA
SOT-523
Addreviated symbol: 26
SOT-323
Addreviated symbol: 26
DTC144EKA
DTA114ECA DTC144ECA
SOT-23 SOT-23-3L Addreviated symbol: 26 SOT-23 Addreviated symbol: 26
DTC144ESA
TO-92S
Absolute maximum ratings(Ta=25)
Parameter Collector-base voltage Symbol V(BR)CBO V(BR)CEO V(BR)EBO IC PC Tj Tstg 150 Limits (DTC144E ) E UA CA 50 50 5 100 200 150 -55~150 300 KA SA Unit V V V mA mW
Collector-emitter voltage Emitter-base voltage
Collector current Collector Power dissipation Junction temperature Storage temperature
Electrical characteristics (Ta=25)
Parameter Input voltage Output voltage Input current Output current DC current gain Input resistance Resistance ratio Transition frequency Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT 68 32.9 0.8 47 1 250 61.1 1.2 MHz VO=10V ,IO=5mA,f=100MHz K 3 0.3 0.18 0.5 Min. Typ Max. 0.5 Unit V V mA A Conditions VCC=5V ,IO=100A VO=0.3V ,IO=2mA IO/II=10mA/0.5mA VI=5V VCC=50V ,VI=0 VO=5V ,IO=5mA
Typical Characteristics


▲Up To Search▲   

 
Price & Availability of DTC144EKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X