|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Transistors DTC114YM / DTC114YE / DTC114YUA DTC114YKA / DTC114YSA Digital transistors (built-in resistors) DTC114YM / DTC114YE / DTC114YUA / DTC114YKA / DTC114YSA !Features 1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. 3) Only the on/off conditions need to be set for operation, making device design easy. !Equivalent circuit R1 IN R2 OUT GND IN GND OUT !Structure NPN digital transistor (Built-in resistor types) !External dimensions (Units : mm) DTC114YM 0.2 1.2 0.32 DTC114YE 1.2 0.8 (2) (3) (1) 1.60.2 1.00.1 0.2 0.4 0.4 0.8 +0.1 0.2-0.05 (1) 0.5 0.5 +0.1 0.2-0.05 0.80.1 1.60.2 0.70.1 0.550.1 0.5 0.22 (2) 0~0.1 0.13 0~0.1 0.15Max. ROHM : VMT3 ROHM : EMT3 +0.1 0.3 -0.05 0.150.05 Abbreviated symbol : 64 Abbreviated symbol : 64 DTC114YUA 2.00.2 1.30.1 0.65 0.65 (1) (2) 1.250.1 2.10.1 DTC114YKA 0.90.1 0.2 0.70.1 (1) 0~0.1 2.90.2 1.90.2 0.95 0.95 (2) 1.6+0.2 -0.1 2.80.2 1.1+0.2 -0.1 0.80.1 0.1Min. (1) IN (2) GND (3) OUT (3) (1) GND (2) IN (3) OUT 0~0.1 (3) ROHM : UMT3 EIAJ : SC-70 Abbreviated symbol : 64 (1) GND (2) IN (3) OUT 0.3Min. 0.3+0.1 0.150.05 -0 All terminals have same dimensions 0.1Min. (3) +0.1 0.15 -0.06 0.4 +0.1 -0.05 All terminals have same dimensions ROHM : SMT3 EIAJ : SC-59 (1) GND (2) IN (3) OUT Abbreviated symbol : 64 DTC114YSA 30.2 40.2 20.2 (15Min.) 0.45+0.15 -0.05 3Min. 5 2.5 +0.4 -0.1 0.5 0.45 +0.15 -0.05 ROHM : SPT EIAJ : SC-72 (1) (2) (3) (1) GND (2) OUT (3) IN Transistors !Absolute maximum ratings (Ta=25C) Parameter Symbol M E VCC VIN IO IC(Max.) Pd Tj Tstg 150 DTC114YM / DTC114YE / DTC114YUA DTC114YKA / DTC114YSA Limits(DTC114Y UA 50 -6~+40 70 100 200 150 -55~+150 300 mA mW C C ) KA SA V V Unit Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature !Electrical characteristics (Ta=25C) Parameter Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT Min. - 1.4 - - - 68 7 3.7 - Typ. - - 0.1 - - - 10 4.7 250 Max. 0.3 - 0.3 0.88 0.5 - 13 5.7 - V V mA A - k - MHz Unit Conditions VCC=5V, IO=100A VO=0.3V, IO=1mA IO/II=5mA/0.25mA VI=5V VCC=50V, VI=0V VO=5V, IO=5mA - - VCE=10V, IE=-5mA, f=100MHz Input voltage Output voltage Input current Output current DC current gain Input resistance Resistance ratio Transition frequency Transition frequency of the device !Packaging specifications Package Packaging type Code Basic ordering unit (pieces) VMT3 EMT3 UMT3 SMT3 SPT Taping T2L 8000 Taping TL 3000 - Taping T106 3000 - - Taping T146 3000 - - - Taping TP 5000 - - - - Type DTC114YM DTC114YE DTC114YUA DTC114YKA DTC114YSA - - - - - - - - - - Transistors !Electrical characteristic curves 100 50 20 10 5 2 1 500m 200m 100m 100 200 500 1m 2m 5m 10m 20m 50m 100m Ta=-40C 25C 100C OUTPUT CURRENT : Io (A) INPUT VOLTAGE : VI(on) (V) DTC114YM / DTC114YE / DTC114YUA DTC114YKA / DTC114YSA VO=0.3V 10m 5m 2m DC CURRENT GAIN : GI VCC=5V 1k 500 200 100 50 20 10 5 2 VO=5V Ta=100C 25C -40C 1m 500 200 100 50 20 10 5 2 1 0 Ta=100C 25C -40C 0.5 1.0 1.5 2.0 2.5 3.0 1 100 200 500 1m 2m 5m 10m 20m 50m 100m OUTPUT CURRENT : IO (A) INPUT VOLTAGE : VI(off) (V) OUTPUT CURRENT : IO (A) Fig.1 Input voltage vs. output current (ON characteristics) Fig.2 Output current vs. input voltage (OFF characteristics) Fig.3 DC current gain vs. output current 1 500m OUTPUT VOLTAGE : VO(on) (V) lO/lI=20 200m 100m 50m 20m 10m 5m 2m 1m 100 200 Ta=100C 25C -40C 500 1m 2m 5m 10m 20m 50m 100m OUTPUT CURRENT : IO (A) Fig.4 Output voltage vs. output current Appendix Notes No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document use silicon as a basic material. Products listed in this document are no antiradiation design. The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction. Appendix1-Rev1.0 |
Price & Availability of DTC114YE |