Part Number Hot Search : 
FS70H 2SD1903 ML614 MSM6650 81M35 L9935 6KE15C 2SC711
Product Description
Full Text Search
 

To Download DTC114TUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
Digital transistors (built-in resistors)
DTC114TE/DTC114TUA DTC114TKA/DTC114TCA /DTC114TSA
DIGITAL TRANSISTOR (NPN) FEATURES Built-in bias resistors enable the configuration of an inverter circuit without connecting extemal input resistors. The bias resistors conisit of thin-film resistors with complete isolation to without connecting extemal input. They also have the advantage of almost completely Eliminating parasitic effects. Only the on/off conditions need to be set for operation, marking device design easy. PIN CONNENCTIONS AND MARKING DTC114TE
(1) Base (2) Emitter (3) Collector Addreviated symbol: 04 SOT-323 Addreviated symbol: 04
DTC114TUA
(1) Base (1) Base (2) Emitter (2) Emitter (3) Collector (3) Collector
SOT-523
DTC114TKA
(1) Base (2) Emitter (3) Collector
DTC114TCA DTA114ECA
(1) Base (1) Base (2) Emitter (2) Emitter (3) Collector (3) Collector
SOT-23-3L
Addreviated symbol:04
SOT-23
Addreviated symbol: 04
DTC114TSA
(1) Emitter (2) Collector (3) Base TO-92S
MAXIMUM RATINGS* TA=25 unless otherwise noted
Symbol Parameter E VCBO VCEO VEBO IC PC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Dissipation Junction temperature Junction and Storage Temperature 150 LIMITS(DTC114T) UA KA 50 50 5 100 200 300 CA SA V V V mA mW Units
Tj
TJ, Tstg
150
-55~+150
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Transition frequency Imput resistor Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE VCE(sat) fT R1
unless
Test
otherwise
conditions
specified)
MIN 50 50 5 0.5 0.5 100 300 600 0.3 250 7 10 13 V MHz k TYP MAX UNIT V V V uA uA
Ic=50A,IE=0 Ic=1mA,IB=0 IE=50A,IC=0 VCB=50V,IE=0 VEB=4V,IC=0 VCE=5V,IC=1mA IC=10mA,IB=1mA VCE=10V,IE=-5mA, f=100MHz
Typical Characteristics


▲Up To Search▲   

 
Price & Availability of DTC114TUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X