Part Number Hot Search : 
0R12M H5020NL 68HC908G 0R12M MC1312P BUZ900P GB10104 SC91650B
Product Description
Full Text Search
 

To Download DTA144EE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
Digital transistors (built-in resistors)
DTA144EE/DTA144EUA DTA144ECA /DTA144EKA/DTA144ESA
DIGITAL TRANSISTOR (PNP)
FEATURES 1. Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors(see equivalent circuit). 2. The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input.They also have the advantage of almost completely eliminating parasitic effects. 3. Only the on/off conditions need to be set for operation, making device design easy. PIN CONNENCTIONS AND MARKING
DTA144EE
DTA144EUA
SOT-523
Addreviated symbol: 16
SOT-323
Addreviated symbol: 16
DTA144EKA
DTA144ECA
SOT-23-3L
Addreviated symbol: 16
SOT-23
Addreviated symbol: 16
DTA144ESA
TO-92S
Absolute maximum ratings(Ta=25)
Parameter Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature Symbol VCC VIN IO IC(MAX) Pd Tj Tstg 150 Limits (DTA144E E UA KA -50 -40~+10 -30 -100 200 150 -55~150 300 ) CA SA Unit V V mA mW

Electrical characteristics (Ta=25)
Parameter Input voltage Output voltage Input current Output current DC current gain Input resistance Resistance ratio Transition frequency Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT 68 32.9 0.8 47 1 250 61.1 1.2 MHz VO=-10V ,IO=-5mA,f=100MHz K -3 -0.3 -0.18 -0.5 Min. Typ Max. -0.5 Unit V V mA A Conditions VCC=-5V ,IO=-100A VO=-0.3V ,IO=-2mA IO/II=-10mA/-0.5mA VI=-5V VCC=-50V ,VI=0 VO=-5V ,IO=-5mA
Typical Characteristics


▲Up To Search▲   

 
Price & Availability of DTA144EE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X