Part Number Hot Search : 
MIC910 01610 M62460 DS2045Y MB502 20M00 123ML MAX881
Product Description
Full Text Search
 

To Download DTA123YKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
Digital transistors (built-in resistors)
DTA123YE/ DTA123YUA/
DTA123YCA/DTA123YKA/DTA123YSA
DIGITAL TRANSISTOR (PNP) Features 1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. 3) Only the on/off conditions need to be set for operation, making device design easy.
PIN CONNENCTIONS AND MARKING
DTA123YE DTA123YUA DTC114EUA
SOT-323 SOT-523 Addreviated symbol: 52 Addreviated symbol: 52
DTA123YKA
DTA123YCA
SOT-23-3L
SOT-23 Addreviated symbol: 52 Addreviated symbol: 52
DTA123YSA
TO-92S
Absolute maximum ratings(Ta=25)
Parameter Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature
Parameter Input voltage Output voltage Input current Output current DC current gain Input resistance Resistance ratio Transition frequency
Symbol VCC VIN IO IC(MAX) Pd Tj Tstg
Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT 33 1.54 3.6 -3 Min.
Limits (DTA123Y )
E UA KA CA SA
Unit V V mA
-50 -12~5 -100 -100 150 150 -55~150
Typ Max. -0.3 -0.3 -3.8 -0.5 2.2 4.5 250 2.86 5.5 MHz Unit V V mA A K Conditions VCC=-5V ,IO=-100A VO=-0.3V ,IO=-20 mA IO/II=-10mA/-0.5mA VI=-5V VCC=-50V ,VI=0 VO=-5V ,IO=-10mA
200
300
mW

Electrical characteristics (Ta=25)
VO=-10V ,IO=5mA,f=100MHz
Typical Characteristics


▲Up To Search▲   

 
Price & Availability of DTA123YKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X