Part Number Hot Search : 
L7500 GSIB2 29LV640 OPB934 NJG1553F OZ964IGN 005I0 MAX1120
Product Description
Full Text Search
 

To Download DG1112H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Guide
D_1112H Series, Thin Type InGaN/SiC SMT LED
s Features
* High brightness (InGaN/SiC) die material * Available in green (525nm), bluish-green (505nm) * and blue (470nm) colors * Wide 150 degree viewing angle * Reflow and dip soldering compatible * 1000V minimum ESD protection
s Applications
* Portable phone key pad backlight * Various other backlight uses
s Outline Dimensions
PCB Warpage direction
Unit: mm Tolerances + 0.1
s Electro-Optical Characteristics
Part No. Material Emitted Lens Color Color
InGaN/SiC
Green
(Ta=25C) Wavelength
Peak p TYP. Spectral Line Dominant Half Width d TYP. TYP. IF
Luminous Intensity IV
MIN. TYP. IF
Forward Voltage VF
TYP. MAX. IF
Reverse Viewing Current IR Angle
MAX. VR
(2 1/2)
DG1112H DC1112H DB1112H
InGaN/SiC Bluish-Green InGaN/SiC
Blue
24 Milky 24 White 8.5
40 34 14
10 10 10 mA
522 502 467
525 505 470 nm
30 30 26
10 10 10 mA
3.3 3.3 3.3 V
3.8 3.8 3.8
10 10 10 mA
100 100 100 A
5 5 5 V Deg. 150
Units
mcd
s Absolute Maximum Ratings
Green Bluish-Green DC 76 20 48 5 -40 to +85 -40 to +100 0.28 (DC) 0.69 (Pulse) Blue
(Ta=25C)
Item Symbol
Power Dissipation Forward Current Peak Forward Current Reverse Voltage Operating Temperature Storage Temperature Derating* Pd IF IFM VR Topr Tstg IF DG 76 20 48 5 DB 76 20 48 5
Units
mW mA mA V C C mA/C
* Ta=25C, IFM applies for the pulse width 1msec. and duty cycle 1/20.
s Taping Specifications
1.75 + 0.1
s Operation Current Derating Chart (DC)
8+0.2
4+0.1 (1.45) 1.5 +0.1 0 (0.2)
Quantity on tape: 4000 pieces per reel
2+0.05 4+0.1
13+0.2
3.5 +0.05
( 0.5) Center Hole
(2.25)
(1)
2+0.5 21+0.8
DG, DC, DB,
Direction to pull
+1 60 -0 13+0.2
9+0.3 11.4+1
+0 180 3
s Precautions
Please follow these handling precautions to prevent damage to the chip and ensure its reliability. 1. Soldering conditions: * Soldering iron: Temperature at tip of iron: 280C max. (30W max.) Soldering time: 3 sec. max. * Dip soldering: Preheating: 120 ~ 150C max. (resin surface temp.) 60 ~ 120 sec. max. Bath temperature: 260C max. Dipping Time: 5 sec. max. * Reflow Soldering:
LED Surface Temperature C Operation Heating 240 Temperature rise: 5C/sec. Cooling: --5C/sec.
s Spatial Distribution
150 120
Pre-heating
2. Cleaning: * If cleaning is required, use the following solutions for less than 1 minute, at less than 40C. * Appropriate chemicals: Ethyl alcohol and isopropyl alcohol. * Effect of ultrasonic cleaning on the LED resin body differs depending on such factors as the oscillator output, size of PCB and LED mounting method. The use of ultrasonic cleaning should be enforced at proper output after confirming there is no problem. Product specifications subject to change without notice. PGD1112H-0301
~
0
60 to 120 sec.
5 sec. max
Stanley Electric Sales of America, Inc.
2660 Barranca Parkway, Irvine, CA 92606 * Tel: 800-LED-LCD1 (533-5231) * Fax: 949-222-0555 Website: www.stanley-electric.com


▲Up To Search▲   

 
Price & Availability of DG1112H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X