Part Number Hot Search : 
16160 CM400 BR3506 641MH CPZ18 BR3508 1109342 BCR3AS
Product Description
Full Text Search
 

To Download D1FS6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Schottky Rectifiers (SBD)
Single
D1FS6
60V 1.1A
FEATURES *oe Small SMT *oe Tj150*Z Tj150 = *oe PRRSM avalanche guaranteed APPLICATION *oe Switching power supply *oe DC/DC converter *oe Home Appliances, Office Equipment *oe Telecommunication
OUTLINE DIMENSIONS
Case : 1F Unit : mm
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tl=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -55*150 *Z Operating Junction Temperature Tj 150 *Z Maximum Reverse Voltage VRM 60 V Repetitive Peak Surge Reverse VoltagePulse width 0.5ms, duty 1/40 V RRSM 65 V Average Rectified Forward Current 50Hz sine wave, R-load Ta=25*Z*@On alumina substrate A IO 1.1 50Hz sine wave, R-load Ta=25*Z*@On glass-epoxy substrate 0.82 Peak Surge Forward Current IFSM 50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=125*Z A 40 Repetitive Peak Surge Reverse Power Pulse width 10Es, Tj=25*Z W PRRSM 60 *oeElectrical Characteristics (If not specified Tl=25*Z) Item Symbol Conditions Forward Voltage =1.1A, Pulse measurement VF IF Reverse Current IR V=V , R RM Pulse measurement Junction Capacitance Cj f=1MHz,R V =10V junction to lead AEjl Thermal Resistance AEja junction to ambient*@On alumina substrate junction to ambient*@On glass-epoxy substrate Ratings Unit Max.0.58 V Max.1 mA Typ.50 pF Max.23 Max.108 *Z/W Max.157
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
D1FS6
Forward Voltage
10
Forward Current IF [A]
1
Tl=150C [MAX] Tl=150C [TYP] 0.1 Tl=25C [MAX] Tl=25C [TYP]
Pulse measurement per diode
0.01
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage VF [V]
D1FS6
Junction Capacitance
f=1MHz Tl=25C TYP per diode
1000
100
Junction Capacitance Cj [pF]
10
1 0.1 1
10
Reverse Voltage VR [V]
D1FS6
1000
Reverse Current
100 Tl=150C [MAX] Tl=150C [TYP]
Reverse Current IR [mA]
10
Tl=125C [TYP]
Tl=100C [TYP] 1 Tl=75C [TYP]
0.1
Pulse measurement per diode
0.01
0
20
40
60
80
100
Reverse Voltage VR [V]
D1FS6
4 3.5
Reverse Power Dissipation
Reverse Power Dissipation PR [W]
3 2.5 2
DC D=0.05 0.1 0.2 0.3
0.5 1.5 1 0.5 0
SIN 0.8
0
10
20
30
40
50
60
70
Reverse Voltage VR [V]
Tj = 150C
0 VR tp D=tp /T T
D1FS6
1.4
Forward Power Dissipation
Forward Power Dissipation PF [W]
1.2 DC 1 SIN 0.5 D=0.8
0.8 0.2 0.6 0.05 0.1
0.3
0.4
0.2
0
0
0.5
1
1.5
2
Average Rectified Forward Current IO [A]
Tj = 150C IO 0 tp D=tp /T T
D1FS6
2
Derating Curve
Average Rectified Forward Current IO [A]
DC D=0.8 1.5 0.5 SIN 1 0.3 0.2 0.1 0.5 0.05
Alumina substrate Soldering land 2mm Conductor layer 20m Substrate thickness 0.64mm
0
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
VR = 20V 0 0
IO
VR tp D=tp /T T
D1FS6
1.6
Derating Curve
Average Rectified Forward Current IO [A]
1.4 DC 1.2 D=0.8 1 0.8
Glass-epoxy substrate Soldering land 2mm Conductor layer 35m
0.5 SIN 0.3
0.6 0.2 0.4 0.2 0 0.1 0.05
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
VR = 20V 0 0
IO
VR tp D=tp /T T
D1FS6
60
Peak Surge Forward Capability
IFSM
10ms 10ms
50
1 cycle
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=125C before surge current is applied
40
30
20
10
0
1
2
5
10
20
50
100
Number of Cycles [cycles]
SBD
120
Repetitive Surge Reverse Power Derating Curve
100
PRRSM Derating [%]
80
60
40
20
0
0
50
100
150
Junction Temperature Tj [C]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP
SBD
10
Repetitive Surge Reverse Power Capability
PRRSM p) / PRRSM p=10s) Ratio (t (t
1
0.1
1
10
100
Pulse Width t p [s]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP


▲Up To Search▲   

 
Price & Availability of D1FS6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X