Part Number Hot Search : 
IRF54 IS61LV TIP116 30500 86XS21D2 1H101 DS121 I514RU
Product Description
Full Text Search
 

To Download CY62137VLL-70ZSXE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY62137V MoBL(R)
2-Mbit (128K x 16) Static RAM
Features
* High Speed -- 55 ns * Temperature Ranges -- Industrial: -40C to 85C -- Automotive: -40C to 125C * Wide voltage range: 2.7V - 3.6V * Ultra-low active, standby power * Easy memory expansion with CE and OE features * TTL-compatible inputs and outputs * Automatic power-down when deselected * CMOS for optimum speed/power * Available in Pb-free and non Pb-free standard 44-pin TSOP Type II package portable applications such as cellular telephones. The device also has an automatic power-down feature that reduces power consumption by 99% when addresses are not toggling. The device can also be put into standby mode when deselected (CE HIGH) or when CE is LOW and both BLE and BHE are HIGH. The input/output pins (I/O0 through I/O15) are placed in a high-impedance state when: deselected (CE HIGH), outputs are disabled (OE HIGH), BHE and BLE are disabled (BHE, BLE HIGH), or during a write operation (CE LOW, and WE LOW). Writing to the device is accomplished by taking Chip Enable (CE) and Write Enable (WE) inputs LOW. If Byte Low Enable (BLE) is LOW, then data from I/O pins (I/O0 through I/O7), is written into the location specified on the address pins (A0 through A16). If Byte High Enable (BHE) is LOW, then data from I/O pins (I/O8 through I/O15) is written into the location specified on the address pins (A0 through A16). Reading from the device is accomplished by taking Chip Enable (CE) and Output Enable (OE) LOW while forcing the Write Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW, then data from the memory location specified by the address pins will appear on I/O0 to I/O7. If Byte High Enable (BHE) is LOW, then data from memory will appear on I/O8 to I/O15. See the truth table at the back of this data sheet for a complete description of read and write modes.
Functional Description[1]
The CY62137V is a high-performance CMOS static RAM organized as 128K words by 16 bits. This device features advanced circuit design to provide ultra-low active current. This is ideal for providing More Battery LifeTM (MoBL(R)) in
Logic Block Diagram
DATA IN DRIVERS A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
10
ROW DECODER
128K x 16 RAM Array
SENSE AMPS
I/O0-I/O7 I/O8-I/O15
COLUMN DECODER
BHE WE CE OE BLE CE BHE BLE
A11
Power -Down Circuit
Note: 1. For best practice recommendations, please refer to the Cypress application note "System Design Guidelines" on http://www.cypress.com
Cypress Semiconductor Corporation Document #: 38-05051 Rev. *E
*
198 Champion Court
A12 A13 A14 A15 A16
*
San Jose, CA 95134-1709 * 408-943-2600 Revised July 19, 2006
[+] Feedback
CY62137V MoBL(R)
Product Portfolio
Power Dissipation VCC Range (V) Product CY62137VLL Min. 2.7 Typ.[2] 3.0 Max. 3.6 Speed (ns) 55 70 70 Automotive Operating, ICC (mA) Grades Industrial Typ. 7 7 7
[2]
Standby, ISB2 (A) Typ.[2] 1 1 1 Max. 15 15 20
Max. 20 15 15
Pin Configurations[3]
TSOP II (Forward)
Top View A4 A3 A2 A1 A0 CE I/O0 I/O1 I/O2 I/O3 VCC VSS I/O4 I/O5 I/O6 I/O7 WE A16 A15 A14 A13 A12
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23
A5 A6 A7 OE BHE BLE I/O15 I/O14 I/O13 I/O12 VSS VCC I/O11 I/O10 I/O9 I/O8 NC A8 A9 A10 A11 NC
Pin Definitions
Pin Number 1-5, 18-22, 24-27, 42-45 Type Input A0-A16. Address Inputs I/O0-I/O15. Data lines. Used as input or output lines depending on operation NC. This pin is not connected to the die Description
7-10, 13-16, 29-32, 35-38 Input/Output 23 17 6 40, 39 No Connect
Input/Control WE. When selected LOW, a WRITE is conducted. When selected HIGH, a READ is conducted Input/Control CE. When LOW, selects the chip. When HIGH, deselects the chip Input/Control BHE, BLE. BHE = LOW selects higher order byte WRITEs or READs on the SRAM BLE = LOW selects lower order byte WRITEs or READs on the SRAM Input/Control OE. Output Enable. Controls the direction of the I/O pins. When LOW, the I/O pins behave as outputs. When deasserted HIGH, I/O pins are Tri-stated, and act as input data pins Ground VSS. Ground for the device
41
12, 34 11, 33
Power Supply VCC. Power supply for the device
Notes: 2. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(TYP)., TA = 25C. 3. NC pins are not connected on the die.
Document #: 38-05051 Rev. *E
Page 2 of 11
[+] Feedback
CY62137V MoBL(R)
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................. -65C to +150C Ambient Temperature with Power Applied............................................. -55C to +125C Supply Voltage to Ground Potential ............... -0.5V to +4.6V DC Voltage Applied to Outputs in High-Z State[4] ....................................-0.5V to VCC + 0.5V DC Input Voltage[4] .................................-0.5V to VCC + 0.5V Output Current into Outputs (LOW)............................. 20 mA Static Discharge Voltage........................................... > 2001V (per MIL-STD-883, Method 3015) Latch-up Current..................................................... > 200 mA
Operating Range
Range Industrial Automotive Ambient Temperature -40C to +85C -40C to +125C VCC 2.7V to 3.6V 2.7V to 3.6V
Electrical Characteristics Over the Operating Range
CY62137V-55 Parameter VOH VOL VIH VIL IIX IOZ ICC Description Output LOW Voltage IOL = 2.1 mA Input HIGH Voltage Input LOW Voltage Input Leakage Current Output Leakage Current GND < VI < VCC GND < VO < VCC, Output Disabled VCC = 3.6V Test Conditions VCC = 2.7V VCC = 2.7V 2.2 -0.5 -1 -1 7 Min. 2.4 0.4 VCC + 0.5V 0.8 +1 +1 20 2.2 -0.5 -1 -1 7 Typ.[2] Output HIGH Voltage IOH = -1.0 mA CY62137V-70 2.4 0.4 VCC + 0.5V 0.8 +1 +1 15 V V V V A A mA Max. Min. Typ.[2] Max. Unit
VCC Operating Supply IOUT = 0 mA, Current f = fMax = 1/tRC, CMOS Levels IOUT = 0 mA, f=1MHz, CMOS Levels
1 VCC = 3.6V
2 100
1
2 100
mA A
ISB1
Automatic CE Power-down Current--CMOS Inputs Automatic CE Power-down Current--CMOS Inputs
CE > VCC - 0.3V, VIN > VCC - 0.3V or VIN < 0.3V, f = fMax CE > VCC - 0.3V VIN > VCC - 0.3V or VIN < 0.3V, f = 0
ISB2
VCC = 3.6V Industrial Automotive
1
15
1 1
15 20
A
Capacitance[5]
Parameter CIN COUT Description Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VCC = VCC(typ) Max. 6 8 Unit pF pF
Thermal Resistance[5]
Parameter JA JC Description Thermal Resistance (Junction to Ambient) Thermal Resistance (Junction to Case) Test Conditions Still Air, soldered on a 4.25 x 1.125 inch, 2-layer printed circuit board TSOPII 60 22 Unit C/W C/W
Notes: 4. VIL(min.) = -2.0V for pulse durations less than 20 ns. 5. Tested initially and after any design or process changes that may affect these parameters.
Document #: 38-05051 Rev. *E
Page 3 of 11
[+] Feedback
CY62137V MoBL(R)
AC Test Loads and Waveforms
R1 VCC OUTPUT 30 pF INCLUDING JIG AND SCOPE R2 VCC OUTPUT 5 pF INCLUDING JIG AND SCOPE
R1 VCC Typ 10% R2 GND Rise Time: 1 V/ns
ALL INPUT PULSES 90% 90% 10% Fall Time: 1 V/ns
(a)
(b)
THEVENIN EQUIVALENT RTH V
(c)
Equivalent to:
OUTPUT
Parameters R1 R2 RTH VTH
3.0V 1105 1550 645 1.75
Unit Ohms Ohms Ohms Volts
Data Retention Characteristics (Over the Operating Range)
Parameter VDR ICCDR Description VCC for Data Retention Data Retention Current VCC = 1.0V, CE > VCC - 0.3V, VIN > VCC - 0.3V or VIN < 0.3V, No input may exceed VCC+0.3V Industrial Automotive 0 70 Conditions Min. Typ.[2] Max. Unit 1.0 0.5 7.5 10 ns ns V A
tCDR[5] tR
Chip Deselect to Data Retention Time Operation Recovery Time
Data Retention Waveform
DATA RETENTION MODE VCC
VCC(min.)
tCDR
VDR > 1.0 V
VCC(min.)
tR
CE
Document #: 38-05051 Rev. *E
Page 4 of 11
[+] Feedback
CY62137V MoBL(R)
Switching Characteristics Over the Operating Range [6]
55 ns Parameter Read Cycle tRC tAA tOHA tACE tDOE tLZOE tHZOE tLZCE tHZCE tPU tPD tDBE tLZBE tHZBE Write tWC tSCE tAW tHA tSA tPWE tSD tHD tHZWE tLZWE tBW Cycle[10, 11] Write Cycle Time CE LOW to Write End Address Set-up to Write End Address Hold from Write End Address Set-up to Write Start WE Pulse Width Data Set-up to Write End Data Hold from Write End WE LOW to High-Z[7, 8] WE HIGH to Low-Z[7] 5 50 55 45 45 0 0 40 25 0 20 10 60 70 60 60 0 0 50 30 0 25 ns ns ns ns ns ns ns ns ns ns ns
[9]
70 ns Max. Min. Max. Unit
Description
Min.
Read Cycle Time Address to Data Valid Data Hold from Address Change CE LOW to Data Valid OE LOW to Data Valid OE LOW to Low-Z[7] OE HIGH to High-Z[7, 8]
55 55 10 55 25 5 25 10 25 0 55 55 5 25
70 70 10 70 35 5 25 10 25 0 70 70 5 25
ns ns ns ns ns ns ns ns ns ns ns ns ns ns
CE LOW to Low-Z[7] CE HIGH to High-Z[7, 8]
CE LOW to Power-up CE HIGH to Power-down BHE/BLE LOW to Data Valid BHE/BLE LOW to Low-Z BHE/BLE HIGH to High-Z
BHE/BLE LOW to End of Write
Notes: 6. Test conditions assume signal transition time of 5 ns or less, timing reference levels of 1.5V, input levels of 0 to VCC typ., and output loading of the specified IOL/IOH and 30 pF load capacitance. 7. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device. 8. tHZOE, tHZCE, and tHZWE are specified with CL = 5 pF as in (b) of AC Test Loads. Transition is measured 500 mV from steady-state voltage. 9. If both byte enables are toggled together this value is 10 ns. 10. The internal write time of the memory is defined by the overlap of CE LOW and WE LOW. Both signals must be LOW to initiate a write and either signal can terminate a write by going HIGH. The data input set-up and hold timing should be referenced to the rising edge of the signal that terminates the write. 11. The minimum write cycle time for write cycle #3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
Document #: 38-05051 Rev. *E
Page 5 of 11
[+] Feedback
CY62137V MoBL(R)
Switching Waveforms
Read Cycle No. 1 (Address Transition Controlled)[12, 13]
tRC ADDRESS tAA DATA VALID
tOHA DATA OUT PREVIOUS DATA VALID
Read Cycle No. 2 (OE Controlled)[13, 14]
ADDRESS
tRC CE tACE OE
tDOE
tPD tHZCE
tHZOE
BHE/BLE
ttLZOE LZOE
tHZBE
tDBE
tLZBE HIGH IMPEDANCE DATA OUT tLZCE tPU VCC SUPPLY CURRENT 50% 50% ISB ICC DATA VALID HIGH IMPEDANCE
Notes: 12. Device is continuously selected. OE, CE = VIL. 13. WE is HIGH for read cycle. 14. Address valid prior to or coincident with CE transition LOW.
Document #: 38-05051 Rev. *E
Page 6 of 11
[+] Feedback
CY62137V MoBL(R)
Switching Waveforms (continued)
Write Cycle No. 1 (WE Controlled)[10, 15, 16]
tWC ADDRESS
CE tAW WE tSA tPWE tHA
BHE/BLE
tBW
OE tSD DATA I/O NOTE 17 tHZOE DATAIN VALID tHD
Write Cycle No. 2 (CE Controlled)[10, 15, 16]
tWC ADDRESS tSCE CE
tSA
tAW tPWE
tHA
WE
BHE/BLE
tBW
OE tSD DATA I/O NOTE 17 tHZOE DATAIN VALID tHD
Notes: 15. Data I/O is high-impedance if OE = VIH 16. If CE goes HIGH simultaneously with WE HIGH, the output remains in a high-impedance state. 17. During this period, the I/Os are in output state and input signals should not be applied.
Document #: 38-05051 Rev. *E
Page 7 of 11
[+] Feedback
CY62137V MoBL(R)
Switching Waveforms (continued)
Write Cycle No. 3 (WE Controlled, OE LOW)[11, 16]
tWC ADDRESS
CE tAW BHE/BLE tSA WE tSD DATA I/O NOTE 17 tHZWE DATA VALID IN tLZWE tHD tBW tHA
Write Cycle No. 4 (BHE/BLE Controlled, OE LOW)[17]
tWC ADDRESS
CE tAW tBW tSA WE tSD DATA I/O tHD tHA
BHE/BLE
NOTE 17
tHZWE
DATA VALID IN tLZWE
Document #: 38-05051 Rev. *E
Page 8 of 11
[+] Feedback
CY62137V MoBL(R)
Typical DC and AC Characteristics
Normalized Operating Current vs. Supply Voltage Standby Current vs. Supply Voltage 35 MoBL 30 25 ISB (A) 20 15 10 5 0 2.2 2.7 3.2 SUPPLY VOLTAGE (V) 3.7 1.0 2.7 2.8 3.7 1.9 SUPPLY VOLTAGE (V)
1.4 1.2
MoBL 1.0 ICC 0.8 0.6 0.4 0.2 0.0 1.7
Access Time vs. Supply Voltage 80 70 60 50 TAA (ns) 40 30 20 10 1.0 1.9 2.7 2.8 3.7 MoBL
SUPPLY VOLTAGE (V)
Truth Table
CE H L L L L L L L L L L WE X X H H H L L L H H H OE X X L L L X X X H H H BHE X H L H L L H L L H L BLE X H L L H L L H L L H Inputs/Outputs High-Z High-Z Data Out (I/O0-I/O15) High-Z (I/O8-I/O15); Data Out (I/O0-I/O7) Data Out (I/O8-I/O15); High-Z (I/O0-I/O7) Data In (I/O0-I/O15) High-Z (I/O8-I/O15); Data In (I/O0-I/O7) Data In (I/O8-I/O15); High-Z (I/O0-I/O7) High-Z High-Z High-Z Mode Deselect/Power-down Deselect/Power-down Read Read Read Write Write Write Deselect/Output Disabled Deselect/Output Disabled Deselect/Output Disabled Power Standby (ISB) Standby (ISB) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC)
Document #: 38-05051 Rev. *E
Page 9 of 11
[+] Feedback
CY62137V MoBL(R)
Ordering Information
Speed (ns) 55 70 Ordering Code CY62137VLL-55ZI CY62137VLL-55ZXI CY62137VLL-70ZI CY62137VLL-70ZXI CY62137VLL-70ZE CY62137VLL-70ZXE CY62137VLL-70ZSXE Package Diagram 51-85087 44-pin TSOP II 44-pin TSOP II (Pb-free) 44-pin TSOP II 44-pin TSOP II (Pb-free) 44-pin TSOP II 44-pin TSOP II (Pb-free) 44-pin TSOP II (Pb-free) Automotive Package Type Operating Range Industrial
Please contact your local Cypress sales representative for availability of these parts
Package Diagrams
44-pin TSOP II (51-85087)
DIMENSION IN MM (INCH) MAX MIN.
22 1
PIN 1 I.D.
11.938 (0.470) 11.735 (0.462)
10.262 (0.404) 10.058 (0.396)
OR E KXA SG
23
44
EJECTOR PIN
TOP VIEW
BOTTOM VIEW
0.800 BSC (0.0315)
0.400(0.016) 0.300 (0.012)
BASE PLANE 0-5 0.10 (.004)
10.262 (0.404) 10.058 (0.396) 0.210 (0.0083) 0.120 (0.0047)
18.517 (0.729) 18.313 (0.721) 0.150 (0.0059) 0.050 (0.0020) 1.194 (0.047) 0.991 (0.039) SEATING PLANE
0.597 (0.0235) 0.406 (0.0160)
51-85087-*A
MoBL is a registered trademark, and More Battery Life is a trademark, of Cypress Semiconductor Corporation. All product and company names mentioned in this document are the trademarks of their respective holders.
Document #: 38-05051 Rev. *E
Page 10 of 11
(c) Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
[+] Feedback
CY62137V MoBL(R)
Document History Page
Document Title: CY62137V MoBL(R) 2M (128K x 16) Static RAM Document Number: 38-05051 REV. ** *A ECN NO. Issue Date 109960 116788 10/03/01 09/04/02 Orig. of Change SZV GBI Description of Change Changed from Spec number: 38-00738 to 38-05051 Added footnote number one Added SL power bin Deleted fBGA package; replacement fBGA package is available in CY62137CV30 Added Automotive product information Changed TSOPII package name from Z44 to ZS44 Added Pb-free ordering information Added Pb-free ordering information for Automotive Changed address of Cypress Semiconductor Corporation on Page# 1 from "3901 North First Street" to "198 Champion Court" Removed SL Power Bin Updated Ordering Information Table
*B *C *D *E
237428 329640 372074 486789
See ECN See ECN See ECN See ECN
AJU AJU SYT VKN
Document #: 38-05051 Rev. *E
Page 11 of 11
[+] Feedback


▲Up To Search▲   

 
Price & Availability of CY62137VLL-70ZSXE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X