Part Number Hot Search : 
ERD25TJB FT0405DE ST25VF ADM3077E FKBP200 MC54F32N 003900 16212
Product Description
Full Text Search
 

To Download CS300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Data Sheet
CS-300
Clock Smoother
Output frequencies up to 800 MHz Ultra Low Jitter PECL Output Locks to Input Frequency (i.e. 622.08 MHz) 3.3 Vdc or 5.0 Vdc supply Lock / Loss of Signal Alarm 1" x 0.8" x 0.25", Surface Mount (FR4 base)
Clock Smoothing SONET / SDH / ATM / DWDM / SFI-5 FEC (Forward Error Correction) 622.08 MHz to 622.08 MHz
CS-300
Input Frequency Q Q
Frequency Divider
Phase Freq Detector Loop Filter
Lock Detect
VCXO Monitor Disable
PECL VCSO
Q Q
Frequency Divider
Frequency Select
Microprocessor
Vectron's CS-300 is a SAW based Clock Smoother and Frequency Translator which is used to clean upnoisy input frequencies. This series can accept any input frequency from 10 MHz to 700 MHz and then cleans upup the signal to provide an ultra low jitter output signal. The output jitter of this unit is well below the requirements of OC-192. The CS-300 also has the ability to translate either one or two different input frequencies between 10 MHz and 700 MHz to one common output frequency, such as input frequencies of 622.08 MHz and 666.5143 MHz translated to an output frequency of 622.08 MHz. This unit is of particular interest to those working with FEC applications or needing to switch between 10G and OC-192. The "Input Frequency Tracking Capability" is the total amount of frequency deviation on the input signal that the CS-300 is guaranteed to track. As an example, a typical input clock would be 622.08 MHz 20 ppm. The CS-300 is guaranteed to track at least 40 ppm of error over temperature/ aging/ power supply and is more than twice what most applications require.
Supply Voltage, Supply Current Input Signal, Output VOL @ +25 C VOH @ +25 C
C = 5 Vdc D = 3.3 Vdc 5 Vdc 3.3 Vdc F = Comp PECL F = Comp PECL
Vcc Vcc Icc Icc CLKIN --VOL VOH tR/tF Sym
4.75 3.135
5.00 3.30 135 115
5.25 3.465 200 200 700 MHz 800 MHz Vcc-1.63 Vcc-0.75
Vdc Vdc mA mA ----V V ps % ps ps dB ppm
10 MHz 155.52 MHz Vcc-1.95 Vcc-0.98
PECL PECL
Rise / Fall Time (20% to 80% @ 622.08 MHz) Output Symmetry Jitter Generation, rms (12kHz to 20MHz) Jitter Generation, rms(cycle to cycle method) Jitter Transfer, GR-253-CORE section 5.6.2.1.2 Input Frequency Tracking Capability (Can translate a Stratum 1,2,3,3E,4 or SONET Min source) Operating Temperature Size
250 45 49/51 0.23 3
400 55 1.0 0.1
APR
+/-40 Temp Range C = 0 to +70 C C Temp Range F = -40 to +85 C C See page 3 for outline Drawings and Dimensions
mm (in)
6.35 (0.25) 17.78 (0.70) 2.54 (0.10)
1.01 (0.040)
3.81 (0.15)
1.73 (0.068) 1.73 (0.068)
20.32 (0.80)
25.4 (1.00)
1 2 3
CLKIN Q CLKIN Q LD (Output) Monitor (Output) ---NC GND Disable (Input) OUT COUT NC Freq. Select NC NC GND Vcc
Logic "1" indicates a locked condition. Logic "0" indicates an out of lock condition.
Input Frequency (Q) Complementary Input Frequency (Q) Lock Detect
4
Under locked conditions, should be >0.3V and <3.0V for the 3.3 volt option or >0.5V and <4.5V for the 5 volt option. Input frequency may be out of range if voltage exceeds these limits.
PLL/ VCXO control voltage
5 6 7 8 9 10 11 12 13 14 15 16
Missing No Connection Ground Floating = Output enabled Logic "0" = Output disabled Output (Q) Complementary Output (Q) No Connection = Primiary Frequncey 0 = Secondary Frequency (Do not Exceed Vdd) 1 No Connection No Connection Ground 5 Vdc or 3.3 Vdc
mm (in)
2.54 (0.10)
1.91 (0.075) 3.04 (0.12)
19.05 (0.75) 9.53 (0.375)
8.89 (0.35) 17.78 (0.70)
Temperature ( C)
pre-heating 60 to 90 sec. @ 140 to 160 C C
reflow 40 to 60 sec. @ >183 C
NOTE: The CS-300 should not be subjected to a wash process that will immerse it in solvents. NO CLEAN is the recommended procedure. The CS-300 has been designed for pick and place reflow soldering. The suggested reflow profile is shown above. The CS-300 may be reflowed once, and should not be reflowed in the inverted position.
The Standard ship method for volume production of the CS-300 series is in a matrix tray. These trays are 100% recyclable. The trays also offer the added feature that they can be continuously feed into a pick-n-place machine eliminating the down time required with tape-n-reel.
12 15/16 0.235
0.255deep
VI - Logo 0.235 This Cell only
0.125
CS-300-DFC-P2XXP2 622.08 MHz in 622.08 MHz out
4.00 0.125
CS-300-DFC-P2XXP2 622.08 MHz in 622.08 MHz out CS-300-DFC-P2XXP2 622.08 MHz in 622.08 MHz out
1.05 0.125 0.16 0.85
3 x 12 Array / 36 units per tray
Pin 1 This Corner
Although protection circuitry has been designed into this device, proper precautions should be taken to avoid exposure to electrostatic discharge (ESD) during handling and mounting. VI employs a human-body model (HBM) and a charged-device model (CDM) for ESD-susceptibility testing and protection design evaluation. ESD voltage thresholds are dependent on the circuit parameters used to define the mode.
Although no industry-wide standard has been adopted f or the CDM, a standard HBM (resistance = 1500 ohms, capacitance = 100pf) is widely used and therefore can be used for comparison purposes. The HBM ESD threshold presented here was obtained by using these circuit parameters.
ESD Threshold Voltage Model Human-Body (HBM) Charged-Device Threshold 500 500 Unit V min V min
CS-300-DFC-P2XXP2 622.08 MHz in 622.08 MHz out
A) 622.08 MHz
Input Frequency Q
CS-300
Lock Detect
VCXO Monitor
Disable
Q
Frequency Divider
Phase Freq Detector
Loop Filter
PECL VCSO
Q Q
Q
Q
1) 622.08 MHz
B) 666.5143 MHz
Input Select
Frequency Divider
Microprocessor
Input Signal
Input Select 0 1 Description of Action A to 1 :Translates 622.08 MHz to 622.0800 MHz B to 1 :Translates 666.5143 MHz to 622.08 MHz
Output Signal
All components outside the dotted line box are user supplied components and/or connections. This is just one possible configuration of the CS-300. For additional information about your specific needs please contact our Factory.
VCC
(16)
CS-300
Input Frequency
Frequency Divider
Phase Freq Detector Loop Filter
*
Lock Detect
VCXO Monitor
*
*
*Note: VI highly recommends either a linear regulator or bypass capacitors; 10 uF, 0.1 uF and a 100pF capacitor would be typical.
50 ohms
(9)
(10)
50 ohms
(Fout)
Disable
PECL VCSO
Q
Q
Frequency Divider
Microprocessor
Frequency Select
(2,7,15)
All components outside the dotted line box are user supplied components and/or connections. This is just one possible configuration of the CS-300. For additional information about your specific needs please contact our Factory.
Evaluation Board
Turret Terminal 4 Places
Edge Mount SMA 3 Places
Input Frequency
Output Frequency
Evaluation boards are available upon request.
CS-300-DFC-P2XXP2 622.08 MHz in 622.08 MHz out
LED Lights Up When Locked
Jumper Sockets 3 Places Enable / Disable Frequency Select A & B
FAQ s
Q1: What are the different input frequencies available? A: The CS-300 is able to handle any input frequency between 10 MHz and 700 MHz. (A list of standard frequencies is available on page 8.) Q2: How many different input frequencies can a specific CS-300 accept? A: Each CS-300 can be programmed to accept up to 2 different input frequencies. Q3: If there is only one set of input pins, how can your unit accept 2 different frequencies? A: The customer is required to supply a multiplexer which would switch between the different input frequencies. The multiplexersselect pin would need to be sync to d the select pin of the CS-300. Q4: What is the lock time for the CS-300? A: The exact lock time will depend on the specific input frequency. It should be noted that in all cases the lock time will be significantly less than 1 second. Q5: What type of noise on the supply line can the CS-300 suppress? A: The CS-300 is designed to clean up noise on the Input Clock Signal, it is not designed to clean up noisy power supplies. If excessive noise is present on the supply line it may degrade the output jitter performance. Additional external filtering may be required. Please consult with your power supply vendor on the best way to filter noise of your supply line.
10.000 MHz 12.800 MHz 13.000 MHz 15.000 MHz 16.384 MHz 19.440 MHz 20.0000 MHz 20.1416 MHz 20.4800 MHz 22.2171 MHz 26.0000 MHz 27.0000 MHz 29.4912 MHz 32.7680 MHz 37.0560 MHz
C4 D2 D3 D4 D5 D6 E2 E3 E4 E5 F3 F4 F5 H3 H4
38.8800 MHz 44.4343 MHz 44.7360 MHz 51.8400 MHz 61.4400 MHz 65.5360 MHz 74.1250 MHz 74.2500 MHz 77.7600 MHz 78.1250 MHz 78.6432 MHz 82.9440 MHz 112.000 MHz 114.000 MHz 125.000 MHz
H5 J2 J3 J4 J5 J6 K1 K7 K2 K3 K5 K6 L2 L3 L4
139.264 MHz 155.520 MHz 156.250 MHz 161.1328 MHz 166.6286 MHz 167.3316 MHz 168.0407 MHz 311.0400 MHz 622.0800 MHz 624.7048 MHz 625.0000 MHz 627.3296 MHz 644.5313 MHz 666.5143 MHz
L5 M2 M3 M4 M5 N2 N3 P1 P2 P6 P3 P7 P4 P5
669.1281 MHz 669.3266 MHz 669.6428 MHz 672.1627 MHz 690.5692 MHz 693.4830 MHz 710.9486 MHz 719.7344 MHz 777.6000 MHz
R2 R3 R1 R5 R4 R6 T2 T3 T4
No Second Input Freq Input Freq not listed Output Freq not listed
XX SS SS
CS - 300 - D F C - P2
Supply Voltage C = 5 Vdc +/-5% D = 3.3 Vdc +/-5% Output Type F = Comp. PECL Temperature Range C = 0 to +70 C F = -40 to +85 C
XX
P2
Output Frequency - 1 (M2 to T4) See Frequency Chart Above *Consult factory about availability of
non-standard output frequencies.
Secondary Input Frequency (D2 to R4) See Frequency Chart Above
For only one input frequency place XX in this block. *If not listed enter SS in this block and then list the frequency after the part number. If a secondary frequency is chosen it must be larger than the primary frequency.
Note: The Primary Input frequency must be less than Secondary Input frequency.
Primary Input Frequency (C4 to R4) See Frequency Chart Above *If not listed enter SS in this block and then list
the frequency after the part number.
*A special part number will be assigned for these cases.
Tel: 49 (0) 3328 4784 17 * Fax: 49 (0) 3328 4784 30
www.vectron.com
Tel: +86 21 28909740 / 41 / 42 Fax: +86 21 28909240 / 28909999


▲Up To Search▲   

 
Price & Availability of CS300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X