Part Number Hot Search : 
220DR 95310 3C5P3 SI6963 TA8248 1H103K MB3793 MS401
Product Description
Full Text Search
 

To Download CNY17F-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
DESCRIPTION
The CNY17F series consists of a Gallium Arsenide IRED coupled with an NPN phototransistor
CNY17F-1
(CTR = 40%-80%)
FEATURES
* * * * High isolation voltage 5300 VAC RMS-1 minute, 7500 VAC PEAK-1 minute High BVCEO minimum 70 volts Maximum switching time in saturation specified Underwriters Laboratory (UL) recognized file #E90700
CNY17F-2
(CTR = 63%-125%)
CNY17F-3
(CTR = 100%-200%)
APPLICATIONS
* * * * * Power supply regulators Digital logic inputs Microprocessor inputs Appliance sensor systems Industrial controls
CNY17F-4
(CTR = 160%-320%)
ABSOLUTE MAXIMUM RATINGS
Rating EMITTER Forward Current - Continuous Forward Current - Peak (PW = 1s, 300pps) Reverse Voltage LED Power Dissipation @ TA = 25C Derate above 25C DETECTOR Detector Power Dissipation @ TA = 25C Derate above 25C TOTAL DEVICE Total Device Power Dissipation @ TA = 25C Derate above 25C Ambient Operating Temperature Range Storage Temperature Range Lead Soldering Temperature (1/16" from case, 10 sec. duration)
(TA =25C Unless otherwise specified) Symbol IF IF(pk) VR PD Value 90 3.0 6 135 1.8 200 2.67 PD TA Tstg TL 260 3.5 -55 to +100 -55 to +150 260 Unit mA A Volts mW mW/C mW mW/C
1
6 1 6 1
6 1
PD
SCHEMATIC
NC 6
mW mW/C C C C
3 NC 4 2 5
PIN 1. ANODE 2. CATHODE 3. NO CONNECTION 4. EMITTER 5. COLLECTOR 6. NO CONNECTION
NOTE 1. Input-Output Isolation Voltage,VISO, is an internal device dielectric breakdown rating.
7/17/00
200027B
CNY17F-1, CNY17F-2, CNY17F-3, CNY17F-4
ELECTRICAL CHARACTERISTICS
(TA = 25C Unless otherwise specified.)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter EMITTER Input Forward Voltage Forward Voltage Temp. Coefficient Reverse Voltage Junction Capacitance Reverse Leakage Current DETECTOR Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector-Emitter Dark Current Capacitance (IR = 10 A) (VF = 0 V, f = 1 MHz) (VF = 1 V, f = 1 MHz) (VR = 3.0 V) (IC = 1.0 mA, IF = 0) (IE = 100 A, IF = 0) (VCE = 10 V, IF = 0) (VCE = 0 V, f = 1 MHz) Test Conditions (IF = 60 mA) Symbol VF VF TA VR CJ IR BVCEO BVECO ICEO CCE 70 7 6.0 Min Typ** 1.35 -1.8 15 50 65 .35 100 10 5 8 50 10 Max 1.65 Unit V mV/C V pF A V V nA pF
TRANSFER CHARACTERISTICS
AC Characteristic NON-SATURATED SWITCHING TIMES Turn-on Time Turn-off Time SATURATED SWITCHING TIMES Turn-on Time CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 Rise Time CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 Turn-off Time CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 Fall Time CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 ** All typicals at TA = 25C (IF = 10 mA, VCE = 0.4 V) (IF = 20 mA, VCE = 0.4 V) tf 14 24 11 20 s (IF = 10 mA, VCE = 0.4 V) (IF = 20 mA, VCE = 0.4 V) toff 23 39 18 34 s (IF = 10 mA, VCE = 0.4 V) (IF = 20 mA, VCE = 0.4 V) tr 3.0 6.0 2.0 4.0 s (IF = 10 mA, VCE = 0.4 V) (IF = 20 mA, VCE = 0.4 V) ton 4.2 8.0 3.0 5.5 s (RL = 100 , IC = 2 mA, VCC = 10 V) (Fig. 7) Test Conditions Symbol ton toff Min Typ** 6.0 5.5 Max 10 10 Units s s
7/17/00
200027B
CNY17F-1, CNY17F-2, CNY17F-3, CNY17F-4
TRANSFER CHARACTERISTICS
DC Characteristic Current Transfer Ratio, Collector-Emitter CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 Saturation Voltage (IF = 10 mA, IC = 2.5 mA) VCE(sat) (IF = 10 mA, VCE = 5 V) CTR 40 63 100 160 0.15 80 125 200 320 0.40 V % Test Conditions Symbol Min Typ** Max Units
ISOLATION CHARACTERISTICS
Characteristic Input-Output Isolation Voltage Isolation Resistance Isolation Capacitance ** All typicals at TA = 25C TYPICAL CHARACTERISTICS
2 VF, FORWARD VOLTAGE (VOLTS) PULSE ONLY PULSE OR DC IC, OUTPUT COLLECTOR CURRENT (NORMALIZED)
Test Conditions (II-O 1 A, 1 min.)
Symbol VISO RISO CISO
Min 5300 7500 1011
Typ**
Max
Units Vac(rms) Vac(pk)
(VI-O = 500 VDC) (f = 1 MHz)
0.5
pf
1.8
NORMALIZED TO: IF = 10 mA 1
1.6
1.4 TA = -55C 1.2 25C 100C 1 10 100 1000 IF, LED FORWARD CURRENT (mA)
0.1
1
0.01
0.5
1
2
5
10
20
50
IF, LED INPUT CURRENT (mA)
Figure 1. LED Forward Voltage versus Forward Current
Figure 2. Output Current versus Input Current
7/17/00
200027B
CNY17F-1, CNY17F-2, CNY17F-3, CNY17F-4
IC - OUTPUT COLLECTOR CURRENT (NORMALIZED)
Figure 3. Output Current vs. Ambient Temperature
IC - COLLECTOR CURRENT (mA)
10 7 5 NORMALIZED TO TA = 25C 2 1 0.7 0.5 10
Fig. 4 Collector Current vs. Collector-Emitter Saturation Voltage
IF = 2.5 mA 1 IF = 5 mA IF = 20 mA IF = 10 mA 0.1
0.2 0.1 -60 -40 -20 0 20 40 60 80 100
IB = 0, TA = 25C 0.01 0.01 0.1 1
TA - AMBIENT TEMPERATURE (C)
VCE (sat) - COLLECTOR-EMITTER SATURATION VOLTAGE (V)
ICEO - COLLECTOR-EMITTER DARK CURRENT (NORMALIZED)
Figure 5. Dark Current vs. Ambient Temperature
20 18 100 NORMALIZED TO: VCE = 10 V TA = 25C
Figure 6. Capacitance versus Voltage
CLED
f = 1 MHz
C - CAPACITANCE (pF)
16 14 12 10 8 6 4 2 CCE
10
VCE = 30 V
1 10V 0.1 0 20 40 60 80 100
0 0.05
0.1
0.2
0.5
1
2
5
10
20
50
TA - AMBIENT TEMPERATURE (C)
V - VOLTAGE (VOLTS)
TEST CIRCUIT
VCC = 10V
WAVE FORMS
INPUT PULSE
IF INPUT
IC
RL = 100
10% 90% tr ton tf toff OUTPUT PULSE
OUTPUT
Adjust IF to produce IC = 2 mA
Figure 7. Switching Time Test Circuit and Waveforms
7/17/00
200027B
CNY17F-1, CNY17F-2, CNY17F-3, CNY17F-4
Package Dimensions (Through Hole)
0.350 (8.89) 0.330 (8.38)
Package Dimensions (Surface Mount)
0.350 (8.89) 0.330 (8.38)
0.270 (6.86) 0.240 (6.10)
0.270 (6.86) 0.240 (6.10)
0.070 (1.78) 0.045 (1.14)
0.300 (7.62) TYP
0.070 (1.78) 0.045 (1.14) 0.300 (7.62) TYP 0.016 (0.40) 0.008 (0.20)
0.200 (5.08) 0.115 (2.92) 0.154 (3.90) 0.100 (2.54) 15 MAX 0.016 (0.40) 0.008 (0.20)
0.200 (5.08) 0.115 (2.92)
0.020 (0.51) MIN 0.022 (0.56) 0.016 (0.41)
0.020 (0.51) MIN 0.022 (0.56) 0.016 (0.41)
0.100 (2.54) TYP
0.016 (0.40) MIN 0.405 (10.30) MAX
0.100 (2.54) TYP
L
dC
l
it 0 004 (0 10)
Package Dimensions (0.4"Lead Spacing)
0.350 (8.89) 0.330 (8.38)
0.270 (6.86) 0.240 (6.10)
0.070 (1.78) 0.045 (1.14)
0.200 (5.08) 0.115 (2.92) 0.154 (3.90) 0.100 (2.54) 15 MAX 0.100 (2.54) TYP 0.400 (10.16) TYP. 0.016 (0.40) 0.008 (0.20)
0.004 (0.10) MIN 0.022 (0.56) 0.016 (0.41)
NOTE All dimensions are in inches (millimeters)
Call QT Optoelectronics for more information or the phone number of your nearest distributor.
United States 800-533-6786 * France 33 [0] 1.45.18.78.78 * Germany 49 [0] 89/96.30.51 * United Kingdom 44 [0] 1296 394499 * Asia/Pacific 603-7352417
www.qtopto.com
7/17/00
200027B


▲Up To Search▲   

 
Price & Availability of CNY17F-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X